Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD8324ACP-REEL7 Fiches technique(PDF) 4 Page - Analog Devices

No de pièce AD8324ACP-REEL7
Description  3.3 V Upstream Cable Line Driver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD8324ACP-REEL7 Fiches technique(HTML) 4 Page - Analog Devices

  AD8324ACP-REEL7 Datasheet HTML 1Page - Analog Devices AD8324ACP-REEL7 Datasheet HTML 2Page - Analog Devices AD8324ACP-REEL7 Datasheet HTML 3Page - Analog Devices AD8324ACP-REEL7 Datasheet HTML 4Page - Analog Devices AD8324ACP-REEL7 Datasheet HTML 5Page - Analog Devices AD8324ACP-REEL7 Datasheet HTML 6Page - Analog Devices AD8324ACP-REEL7 Datasheet HTML 7Page - Analog Devices AD8324ACP-REEL7 Datasheet HTML 8Page - Analog Devices AD8324ACP-REEL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
AD8324
Rev. A | Page 4 of 16
LOGIC INPUTS (TTL/CMOS COMPATIBLE LOGIC)
DATEN, CLK, SDATA, TXEN, SLEEP, VCC = 3.3 V, unless otherwise noted.
Table 2.
Parameter
Min
Typ
Max
Unit
Logic 1 Voltage
2.1
3.3
V
Logic 0 Voltage
0
0.8
V
Logic 1 Current (VINH = 3.3 V), CLK, SDATA, DATEN
0
20
nA
Logic 0 Current (VINL = 0 V), CLK, SDATA, DATEN
−600
−100
nA
Logic 1 Current (VINH = 3.3 V), TXEN
50
190
μA
Logic 0 Current (VINL = 0 V), TXEN
−250
−30
μA
Logic 1 Current (VINH = 3.3 V), SLEEP
50
190
μA
Logic 0 Current (VINL = 0 V), SLEEP
−250
−30
μA
TIMING REQUIREMENTS
VCC = 3.3 V, tR = tF = 4 ns, fCLK = 8 MHz, unless otherwise noted.
Table 3.
Parameter
Min
Typ
Max
Unit
Clock Pulse Width (tWH)
16.0
ns
Clock Period (tC)
32.0
ns
Setup Time SDATA vs. Clock (tDS)
5.0
ns
Setup Time DATEN vs. Clock (tES)
15.0
ns
Hold Time SDATA vs. Clock (tDH)
5.0
ns
Hold Time DATEN vs. Clock (tEH)
3.0
ns
Input Rise and Fall Times, SDATA, DATEN, Clock (tR, tF)
10
ns
tDS
CLK
VALID DATA WORD G1
MSB . . . LSB
SDATA
DATEN
TXEN
ANALOG
OUTPUT
VALID DATA WORD G2
8 CLOCK CYCLES
GAIN TRANSFER (G1)
GAIN TRANSFER (G2)
SIGNAL AMPLITUDE (p-p)
tC
tVUH
tES
tEH
tOFF
tGS
tCN
Figure 3. Serial Interface Timing
CLK
SDATA
MSB
MSB-1
MSB-2
VALID DATA BIT
tDS
tDH
Figure 4. SDATA Timng


Numéro de pièce similaire - AD8324ACP-REEL7

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8324ACP-REEL7 AD-AD8324ACP-REEL7 Datasheet
516Kb / 16P
   3.3 V Upstream Cable Line Driver
REV. 0
More results

Description similaire - AD8324ACP-REEL7

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8324 AD-AD8324_15 Datasheet
382Kb / 16P
   3.3 V Upstream Cable Line Driver
REV. B
AD8324 AD-AD8324 Datasheet
516Kb / 16P
   3.3 V Upstream Cable Line Driver
REV. 0
AD8328 AD-AD8328_05 Datasheet
675Kb / 20P
   5 V Upstream Cable Line Driver
REV. A
AD8328 AD-AD8328 Datasheet
542Kb / 16P
   5 V Upstream Cable Line Driver
REV. 0
AD8328 AD-AD8328_15 Datasheet
538Kb / 20P
   5 V Upstream Cable Line Driver
REV. A
AD45048 AD-AD45048_15 Datasheet
160Kb / 8P
   Rail-to-Rail Upstream ADSL Line Driver
REV. A
AD45048 AD-AD45048 Datasheet
153Kb / 8P
   Rail-to-Rail Upstream ADSL Line Driver
REV. A
logo
ON Semiconductor
MC10EP116 ONSEMI-MC10EP116_06 Datasheet
173Kb / 11P
   3.3 V / 5 V Hex Differential Line Receiver/Driver
December, 2006 ??Rev. 11
logo
NXP Semiconductors
74LVT_LVTH244A PHILIPS-74LVT_LVTH244A_15 Datasheet
107Kb / 15P
   3.3 V octal buffer/line driver; 3-state
Rev. 04-3 September 2008
logo
Nexperia B.V. All right...
74LVT244A NEXPERIA-74LVT244A Datasheet
251Kb / 14P
   3.3 V octal buffer/line driver; 3-state
Rev. 7 - 17 August 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com