Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD8315ACP-REEL7 Fiches technique(PDF) 11 Page - Analog Devices

No de pièce AD8315ACP-REEL7
Description  50 dB GSM PA Controller
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD8315ACP-REEL7 Fiches technique(HTML) 11 Page - Analog Devices

Back Button AD8315ACP-REEL7 Datasheet HTML 7Page - Analog Devices AD8315ACP-REEL7 Datasheet HTML 8Page - Analog Devices AD8315ACP-REEL7 Datasheet HTML 9Page - Analog Devices AD8315ACP-REEL7 Datasheet HTML 10Page - Analog Devices AD8315ACP-REEL7 Datasheet HTML 11Page - Analog Devices AD8315ACP-REEL7 Datasheet HTML 12Page - Analog Devices AD8315ACP-REEL7 Datasheet HTML 13Page - Analog Devices AD8315ACP-REEL7 Datasheet HTML 14Page - Analog Devices AD8315ACP-REEL7 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
AD8315
Rev. C | Page 11 of 24
GND
GND
1V PER
VERTICAL
DIVISION
200mV PER
VERTICAL
DIVISION
2µs PER
HORIZONTAL
DIVISION
VS
AND
VENBL
VAPC
AVERAGE = 16 SAMPLES
GND
GND
AVERAGE = 16 SAMPLES
500mV PER
VERTICAL
DIVISION
VAPC
VS
1V PER
VERTICAL
DIVISION
2µs PER
HORIZONTAL
DIVISION
Figure 29. Power-On and Power-Off Response with VSET and ENBL Grounded
Figure 27. Power-On and Power-Off Response with VSET Grounded
NC = NO CONNECT
RFIN
ENBL
VSET
VPOS
VAPC
NC
COMM
FLTR
AD8315
1
2
3
4
5
6
7
8
220pF
TRIG
PULSE OUT
RF OUT
EXT TRIG
AD811
49.9Ω
52.3Ω
TRIG
OUT
732Ω
10MHz REF
OUTPUT
R AND S
SMT03
SIGNAL
GENERATOR
STANFORD DS345
PULSE
GENERATOR
TEK TDS694C
SCOPE
TEK P6205
FET PROBE
TEK P6205
FET PROBE
NC = NO CONNECT
RFIN
ENBL
VSET
VPOS
VAPC
NC
COMM
FLTR
AD8315
1
2
3
4
5
6
7
8
220pF
52.3Ω
TRIG
PULSE OUT
RF OUT
EXT TRIG
AD811
732Ω
49.9Ω
10MHz REF
OUTPUT
R AND S
SMT03
SIGNAL
GENERATOR
STANFORD DS345
PULSE
GENERATOR
TEK TDS694C
SCOPE
TEK P6205
FET PROBE
TEK P6205
FET PROBE
TRIG
OUT
Figure 30. Test Setup for Power-On and Power-Off Response with VSET
and ENBL Grounded
Figure 28. Test Setup for Power-On and Power-Off Response with VSET Grounded


Numéro de pièce similaire - AD8315ACP-REEL7

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8315ACP-REEL7 AD-AD8315ACP-REEL7 Datasheet
1Mb / 20P
   50 dB GSM PA Controller
REV. B
More results

Description similaire - AD8315ACP-REEL7

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8315 AD-AD8315 Datasheet
1Mb / 20P
   50 dB GSM PA Controller
REV. B
AD8315 AD-AD8315_16 Datasheet
447Kb / 22P
   50 dB GSM PA Controller
AD8311 AD-AD8311 Datasheet
734Kb / 24P
   50 dB GSM PA Controller
REV. 0
AD8311 AD-AD8311_15 Datasheet
505Kb / 24P
   50 dB GSM PA Controller
REV. A
AD8315 AD-AD8315_15 Datasheet
553Kb / 24P
   50 dB GSM PA Controller
REV. C
AD8316 AD-AD8316 Datasheet
497Kb / 20P
   Dual Output GSM PA Controller
REV. C
logo
Radiometrix Ltd
GTC01 RADIOMETRIX-GTC01 Datasheet
401Kb / 11P
   GSM Telemetry Controller
logo
Fairchild Semiconductor
RMPA1852 FAIRCHILD-RMPA1852 Datasheet
464Kb / 11P
   Quad-Band GSM/EDGE PA Module
logo
Skyworks Solutions Inc.
SKY77340 SKYWORKS-SKY77340 Datasheet
537Kb / 27P
   PA Module for Quad-Band GSM / EDGE
SKY77344 SKYWORKS-SKY77344 Datasheet
71Kb / 2P
   PA Module for Quad-Band GSM / EDGE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com