Moteur de recherche de fiches techniques de composants électroniques |
|
AD8138AR Fiches technique(PDF) 2 Page - Analog Devices |
|
AD8138AR Fiches technique(HTML) 2 Page - Analog Devices |
2 / 24 page AD8138 Rev. F | Page 2 of 24 TABLE OF CONTENTS Features .............................................................................................. 1 Applications....................................................................................... 1 Pin Configuration............................................................................. 1 Typical Application Circuit ............................................................. 1 General Description ......................................................................... 1 Revision History ............................................................................... 2 Specifications..................................................................................... 3 ±DIN to ±OUT Specifications...................................................... 3 VOCM to ±OUT Specifications ..................................................... 4 ±DIN to ±OUT Specifications...................................................... 5 VOCM to ±OUT Specifications ..................................................... 6 Absolute Maximum Ratings............................................................ 7 Thermal Resistance ...................................................................... 7 ESD Caution.................................................................................. 7 Pin Configuration and Function Descriptions............................. 8 Typical Performance Characteristics ............................................. 9 Test Circuits..................................................................................... 15 Operational Description................................................................ 16 Definition of Terms.................................................................... 16 Theory of Operation ...................................................................... 17 Analyzing an Application Circuit ............................................ 17 Setting the Closed-Loop Gain .................................................. 17 Estimating the Output Noise Voltage ...................................... 17 The Impact of Mismatches in the Feedback Networks ......... 18 Calculating an Application Circuit’s Input Impedance......... 18 Input Common-Mode Voltage Range in Single-Supply Applications ................................................................................ 18 Setting the Output Common-Mode Voltage .......................... 18 Driving a Capacitive Load......................................................... 18 Layout, Grounding, and Bypassing.............................................. 19 Balanced Transformer Driver ....................................................... 20 High Performance ADC Driving ................................................. 21 3 V Operation ................................................................................. 22 Outline Dimensions ....................................................................... 23 Ordering Guide .......................................................................... 23 REVISION HISTORY 1/06—Rev. E to Rev. F Changes to Features.......................................................................... 1 Added Thermal Resistance Section and Maximum Power Dissipation Section........................................................................... 7 Changes to Balanced Transformer Driver Section..................... 20 Changes to Ordering Guide .......................................................... 23 3/03—Rev. D to Rev. E Changes to Specifications ................................................................ 2 Changes to Ordering Guide ............................................................ 4 Changes to TPC 16........................................................................... 6 Changes to Table I ............................................................................ 9 Added New Paragraph after Table I ............................................. 10 Updated Outline Dimensions ....................................................... 14 7/02—Rev. C to Rev. D Addition of TPC 35 and TPC 36 .....................................................8 6/01—Rev. B to Rev. C Edits to Specifications ......................................................................2 Edits to Ordering Guide ...................................................................4 12/00—Rev. A to Rev. B 9/99—Rev. 0 to Rev. A 3/99—Rev. 0: Initial Version |
Numéro de pièce similaire - AD8138AR |
|
Description similaire - AD8138AR |