Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADF4113HVBCPZ-RL7 Fiches technique(PDF) 1 Page - Analog Devices

No de pièce ADF4113HVBCPZ-RL7
Description  High Voltage Charge Pump, PLL Synthesizer
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADF4113HVBCPZ-RL7 Fiches technique(HTML) 1 Page - Analog Devices

  ADF4113HVBCPZ-RL7 Datasheet HTML 1Page - Analog Devices ADF4113HVBCPZ-RL7 Datasheet HTML 2Page - Analog Devices ADF4113HVBCPZ-RL7 Datasheet HTML 3Page - Analog Devices ADF4113HVBCPZ-RL7 Datasheet HTML 4Page - Analog Devices ADF4113HVBCPZ-RL7 Datasheet HTML 5Page - Analog Devices ADF4113HVBCPZ-RL7 Datasheet HTML 6Page - Analog Devices ADF4113HVBCPZ-RL7 Datasheet HTML 7Page - Analog Devices ADF4113HVBCPZ-RL7 Datasheet HTML 8Page - Analog Devices ADF4113HVBCPZ-RL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
High Voltage
Charge Pump, PLL Synthesizer
ADF4113HV
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2007 Analog Devices, Inc. All rights reserved.
FEATURES
High voltage charge pump (15 V)
2.7 V to 5.5 V power supply
200 MHz to 4.0 GHz frequency range
Pin compatible with ADF4110, ADF4111, ADF4112, ADF4113
ADF4106, and ADF4002 synthesizers
Two selectable charge pump currents
Digital lock detect
Power-down mode
Loop filter design possible with ADIsimPLL™
APPLICATIONS
Applications using high voltage VCOs
IF/RF local oscillator (LO) generation in base stations
Point-to-point radio LO generation
Clock for analog-to-digital and digital-to-analog converters
Wireless LANs, PMR
Communications test equipment
GENERAL DESCRIPTION
The ADF4113HV is an integer-N frequency synthesizer with a
high voltage charge pump (15 V). The synthesizer is designed
for use with voltage controlled oscillators (VCOs) that have
high tuning voltages (up to 15 V). Active loop filters are often
used to achieve high tuning voltages, but the ADF4113HV
charge pump can drive a high voltage VCO directly with a
passive-loop filter. The ADF4113HV can be used to implement
local oscillators in the upconversion and downconversion
sections of wireless receivers and transmitters. It consists of a
low noise digital phase frequency detector (PFD), a precision
high voltage charge pump, a programmable reference divider,
programmable A and B counters, and a dual-modulus prescaler
(P/P + 1).
A simple 3-wire interface controls all of the on-chip registers.
The devices operate with a power supply ranging from 2.7 V to
5.5 V and can be powered down when not in use.
FUNCTIONAL BLOCK DIAGRAM
CLK
DATA
LE
MUXOUT
ADF4113HV
CP
CE
AGND
DGND
CPGND
22
14
REFERENCE
M3 M2 M1
6
HIGH Z
N= BP + A
CHARGE
PUMP
CURRENT
SETTING
MUX
RSET
VP
PHASE
FREQUENCY
DETECTOR
LOCK
DETECT
AVDD
SDOUT
24-BIT
INPUT REGISTER
DVDD
AVDD
19
13
SDOUT
REFIN
14-BIT
R COUNTER
RFINA
RFINB
RCOUNTER
LATCH
FUNCTION
LATCH
A, B COUNTER
LATCH
FROM
FUNCTION
LATCH
13-BIT
B COUNTER
6-BIT
ACOUNTER
PRESCALER
P/P + 1
LOAD
LOAD
Figure 1.


Numéro de pièce similaire - ADF4113HVBCPZ-RL7

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADF4113HVBCPZ-RL7 AD-ADF4113HVBCPZ-RL7 Datasheet
396Kb / 20P
   High Voltage Charge Pump, PLL Synthesizer
REV. B
More results

Description similaire - ADF4113HVBCPZ-RL7

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADF4113HV AD-ADF4113HV_15 Datasheet
396Kb / 20P
   High Voltage Charge Pump, PLL Synthesizer
REV. B
logo
Global Mixed-mode Techn...
G5933 GMT-G5933 Datasheet
72Kb / 1P
   High Voltage 1.5x Charge Pump
logo
Analog Devices
LTC3290 AD-LTC3290 Datasheet
1Mb / 14P
   High Voltage Boost Charge Pump
08/19 Rev. 0
logo
HTC Korea TAEJIN Techno...
TJ7660 HTC-TJ7660 Datasheet
788Kb / 11P
   Charge Pump Voltage Converters
TJ7660 HTC-TJ7660_08 Datasheet
790Kb / 11P
   Charge Pump Voltage Converters
logo
Linear Technology
LTC3261EMSE LINER-LTC3261EMSE Datasheet
205Kb / 6P
   High Voltage, Low Noise Inverting Charge Pump
logo
Torex Semiconductor
XC6351A TOREX-XC6351A_2 Datasheet
531Kb / 9P
   Charge Pump Voltage Inverter IC
logo
Microchip Technology
TC2682 MICROCHIP-TC2682 Datasheet
401Kb / 10P
   Inverting Charge Pump Voltage Doublers
2002
logo
Torex Semiconductor
XC6351A TOREX-XC6351A_1 Datasheet
502Kb / 7P
   Charge Pump Voltage Inverter IC
logo
Microchip Technology
TC2682 MICROCHIP-TC2682_05 Datasheet
230Kb / 10P
   Inverting Charge Pump Voltage Doublers
2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com