Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADF4113HV Fiches technique(PDF) 11 Page - Analog Devices

No de pièce ADF4113HV
Description  High Voltage Charge Pump, PLL Synthesizer
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADF4113HV Fiches technique(HTML) 11 Page - Analog Devices

Back Button ADF4113HV Datasheet HTML 7Page - Analog Devices ADF4113HV Datasheet HTML 8Page - Analog Devices ADF4113HV Datasheet HTML 9Page - Analog Devices ADF4113HV Datasheet HTML 10Page - Analog Devices ADF4113HV Datasheet HTML 11Page - Analog Devices ADF4113HV Datasheet HTML 12Page - Analog Devices ADF4113HV Datasheet HTML 13Page - Analog Devices ADF4113HV Datasheet HTML 14Page - Analog Devices ADF4113HV Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
ADF4113HV
Rev. 0 | Page 11 of 20
Latch Summary
DB23 DB22 DB21 DB20 DB19 DB18 DB17 DB16 DB15 DB14 DB13 DB12 DB11 DB10 DB9 DB8 DB7 DB6 DB5 DB4 DB3 DB2 DB1 DB0
00
0000
ABP2 ABP1 R14
R13
R12
R11
R10
R9
R8
R7
R6
R5
R4
R3
R2
R1
C2(0) C1(0)
RESERVED
14-BIT REFERENCE COUNTER
CONTROL
BITS
REFERENCE COUNTER LATCH
DB23 DB22 DB21 DB20 DB19 DB18 DB17 DB16 DB15 DB14 DB13 DB12 DB11 DB10 DB9 DB8 DB7 DB6 DB5 DB4 DB3 DB2 DB1 DB0
0
L1
0
B13
B12
B11
B10
B9
B8
B7
B6
B5
B4
B3
B2
B1
A6
A5
A4
A3
A2
A1
C2(0) C1(1)
CONTROL
BITS
13-BIT B COUNTER
6-BIT A COUNTER
N COUNTER LATCH
DB23 DB22 DB21 DB20 DB19 DB18 DB17 DB16 DB15 DB14 DB13 DB12 DB11 DB10 DB9 DB8 DB7 DB6 DB5 DB4 DB3 DB2 DB1 DB0
P2
P1
0000
CP3 CP2 CP1
00000
0
F4
F3
M3
M2
M1
F2
F1
C2(1) C1(0)
CONTROL
BITS
PRE-
SCALER
VALUE
RESERVED
CURRENT
SETTING
RESERVED
MUXOUT
CONTROL
FUNCTION LATCH
ANTI-
BACKLASH
PULSE
WIDTH
Figure 19. Latch Summary Tables
Reference Counter Latch Map
DB23 DB22 DB21 DB20 DB19 DB18 DB17 DB16 DB15 DB14 DB13 DB12 DB11 DB10 DB9 DB8 DB7 DB6 DB5 DB4 DB3 DB2 DB1 DB0
0000
00
ABP2 ABP1 R14
R13
R12
R11
R10
R9
R8
R7
R6
R5
R4
R3
R2
R1
C2(0) C1(0)
RESERVED
ANTI-
BACKLASH
PULSE
WIDTH
14-BIT REFERENCE COUNTER
CONTROL
BITS
THESE BITS MUST BE SET AS
INDICATED FOR NORMAL OPERATION
R14
R13
R12
..........
R3
R2
R1
DIVIDE RATIO
0
0
0
..........
0
0
1
1
0
0
0
..........
0
1
0
2
0
0
0
..........
0
1
1
3
0
0
0
..........
1
0
0
4
.
.
.
..........
.
.
.
.
.
.
.
..........
.
.
.
.
.
.
.
..........
.
.
.
.
1
1
1
..........
1
0
0
16380
1
1
1
..........
1
0
1
16381
1
1
1
..........
1
1
0
16382
1
1
1
..........
1
1
1
16383
ABP2
ABP1
ANTI-BACKLASH
PULSE WIDTH
1
0
7.2ns (ONLY ALLOWED
SETTING)
Figure 20. Reference Counter Latch Bit Map


Numéro de pièce similaire - ADF4113HV

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADF4113HVBCPZ AD-ADF4113HVBCPZ Datasheet
396Kb / 20P
   High Voltage Charge Pump, PLL Synthesizer
REV. B
ADF4113HVBCPZ-RL AD-ADF4113HVBCPZ-RL Datasheet
396Kb / 20P
   High Voltage Charge Pump, PLL Synthesizer
REV. B
ADF4113HVBCPZ-RL7 AD-ADF4113HVBCPZ-RL7 Datasheet
396Kb / 20P
   High Voltage Charge Pump, PLL Synthesizer
REV. B
ADF4113HVBRUZ AD-ADF4113HVBRUZ Datasheet
396Kb / 20P
   High Voltage Charge Pump, PLL Synthesizer
REV. B
ADF4113HVBRUZ-RL AD-ADF4113HVBRUZ-RL Datasheet
396Kb / 20P
   High Voltage Charge Pump, PLL Synthesizer
REV. B
More results

Description similaire - ADF4113HV

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADF4113HV AD-ADF4113HV_15 Datasheet
396Kb / 20P
   High Voltage Charge Pump, PLL Synthesizer
REV. B
logo
Global Mixed-mode Techn...
G5933 GMT-G5933 Datasheet
72Kb / 1P
   High Voltage 1.5x Charge Pump
logo
Analog Devices
LTC3290 AD-LTC3290 Datasheet
1Mb / 14P
   High Voltage Boost Charge Pump
08/19 Rev. 0
logo
HTC Korea TAEJIN Techno...
TJ7660 HTC-TJ7660 Datasheet
788Kb / 11P
   Charge Pump Voltage Converters
TJ7660 HTC-TJ7660_08 Datasheet
790Kb / 11P
   Charge Pump Voltage Converters
logo
Linear Technology
LTC3261EMSE LINER-LTC3261EMSE Datasheet
205Kb / 6P
   High Voltage, Low Noise Inverting Charge Pump
logo
Torex Semiconductor
XC6351A TOREX-XC6351A_2 Datasheet
531Kb / 9P
   Charge Pump Voltage Inverter IC
logo
Microchip Technology
TC2682 MICROCHIP-TC2682 Datasheet
401Kb / 10P
   Inverting Charge Pump Voltage Doublers
2002
logo
Torex Semiconductor
XC6351A TOREX-XC6351A_1 Datasheet
502Kb / 7P
   Charge Pump Voltage Inverter IC
logo
Microchip Technology
TC2682 MICROCHIP-TC2682_05 Datasheet
230Kb / 10P
   Inverting Charge Pump Voltage Doublers
2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com