Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD600JRZ1 Fiches technique(PDF) 8 Page - Analog Devices

No de pièce AD600JRZ1
Description  Dual, Low Noise, Wideband Variable Gain Amplifiers
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD600JRZ1 Fiches technique(HTML) 8 Page - Analog Devices

Back Button AD600JRZ1 Datasheet HTML 4Page - Analog Devices AD600JRZ1 Datasheet HTML 5Page - Analog Devices AD600JRZ1 Datasheet HTML 6Page - Analog Devices AD600JRZ1 Datasheet HTML 7Page - Analog Devices AD600JRZ1 Datasheet HTML 8Page - Analog Devices AD600JRZ1 Datasheet HTML 9Page - Analog Devices AD600JRZ1 Datasheet HTML 10Page - Analog Devices AD600JRZ1 Datasheet HTML 11Page - Analog Devices AD600JRZ1 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
AD600/AD602
Rev. E | Page 8 of 28
102
92
95
93
94
98
96
97
99
100
101
FREQUENCY (Hz)
100k
1M
10M
100M
GAIN = 40dB
GAIN = 20dB
GAIN = 0dB
Figure 9. Input Impedance vs. Frequency
6
–4
0.7
–1
–3
–0.5
–2
–0.7
2
0
1
3
4
5
0.5
GAIN CONTROL VOLTAGE (V)
–0.3
–0.1
0.1
0.3
AD600
AD602
Figure 10. Output Offset Voltage vs. Gain Control Voltage
(Control Channel Feedthrough)
1µs
1V VOUT
1V VC
10
0%
100
90
Figure 11. Gain Control Channel Response Time. Top: Output Voltage, 2 V
max, Bottom: Gain Control Voltage VC = ±625 mV
50mV
5V
100ns
10
0%
100
90
Figure 12. Gating Feedthrough to Output, Gating Off to On
10
0%
100
90
50mV
5V
100ns
Figure 13. Gating Feedthrough to Output, Gating On to Off
10
0%
100
90
1V
100mV
500ns
Figure 14. Transient Response, Medium and High Gain


Numéro de pièce similaire - AD600JRZ1

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD600JR AD-AD600JR Datasheet
669Kb / 20P
   Dual, Low Noise, Wideband Variable Gain Amplifiers
REV. A
More results

Description similaire - AD600JRZ1

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD602 AD-AD602_15 Datasheet
677Kb / 33P
   Dual, Low Noise, Wideband Variable Gain Amplifiers
Rev. F
AD600 AD-AD600 Datasheet
669Kb / 20P
   Dual, Low Noise, Wideband Variable Gain Amplifiers
REV. A
AD600 AD-AD600_15 Datasheet
677Kb / 33P
   Dual, Low Noise, Wideband Variable Gain Amplifiers
Rev. F
AD8366 AD-AD8366_17 Datasheet
1Mb / 28P
   Dual-Digital Variable Gain Amplifiers
logo
National Semiconductor ...
LMH6622 NSC-LMH6622 Datasheet
540Kb / 18P
   Dual Wideband, Low Noise, 160MHz, Operational Amplifiers
logo
Texas Instruments
LMH6504 TI1-LMH6504_14 Datasheet
1Mb / 29P
[Old version datasheet]   Wideband, Low Power, Variable Gain Amplifier
logo
National Semiconductor ...
LMH6504 NSC-LMH6504 Datasheet
759Kb / 19P
   Wideband, Low Power, Variable Gain Amplifier
logo
Analog Devices
ADRF6510 AD-ADRF6510_17 Datasheet
1Mb / 32P
   Dual Programmable Filters Variable Gain Amplifiers
logo
DAICO Industries, Inc.
DAML6273 DAICO-DAML6273 Datasheet
176Kb / 1P
   Variable Gain Low Noise Amplifier
DAML6275 DAICO-DAML6275 Datasheet
157Kb / 1P
   Variable Gain Low Noise Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com