Moteur de recherche de fiches techniques de composants électroniques |
|
AD603AQ Fiches technique(PDF) 6 Page - Analog Devices |
|
AD603AQ Fiches technique(HTML) 6 Page - Analog Devices |
6 / 20 page AD603 Rev. G | Page 6 of 20 TYPICAL PERFORMANCE CHARACTERISTICS @ TA = 25°C, VS = ±5 V, –500 mV ≤ VG ≤ +500 mV, GNEG = 0 V, –10 dB to +30 dB gain range, RL = 500 Ω, and CL = 5 pF, unless otherwise noted. VG (V) 0.6 –0.6 –0.4 –0.2 0 0.2 0.4 40 30 20 10 0 –10 10.7MHz 100kHz Figure 4. Gain vs. VG at 100 kHz and 10.7 mHz GAIN VOLTAGE (Volts) 0.5 –0.5 –0.4 –0.3 –0.2 –0.1 0 0.1 0.2 0.3 0.4 2.5 2.0 1.5 1.0 0.5 0 –0.5 –1.0 –1.5 45MHz 70MHz 10.7MHz 455kHz 70MHz Figure 5. Gain Error vs. Gain Control Voltage at 455 kHz, 10.7 MHz, 45 MHz, 70 MHz –225 225 45 90 135 180 0 –45 –90 –135 –180 FREQUENCY (Hz) 100k 1M 10M 100M 4 2 3 0 1 –2 –1 –4 –5 –3 –6 GAIN PHASE Figure 6. Frequency and Phase Response vs. Gain (Gain = −10 dB, PIN = −30 dBm) –225 225 180 135 90 45 0 –45 –90 –180 –135 FREQUENCY (Hz) 100k 1M 10M 100M 4 2 1 3 0 –1 –2 –3 –4 –5 –6 GAIN PHASE Figure 7. Frequency and Phase Response vs. Gain (Gain = +10 dB, PIN = −30 dBm) –225 225 45 90 135 180 0 –45 –90 –135 –180 FREQUENCY (Hz) 100k 1M 10M 100M 4 2 3 0 1 –2 –1 –4 –3 –6 –5 GAIN PHASE Figure 8. Frequency and Phase Response vs. Gain (Gain = +30 dB, PIN = −30 dBm) GAIN CONTROL VOLTAGE (V) 0.6 –0.6 –0.4 –0.2 0 0.2 0.4 7.60 7.40 7.20 7.00 6.80 6.60 6.40 Figure 9. Group Delay vs. Gain Control Voltage |
Numéro de pièce similaire - AD603AQ |
|
Description similaire - AD603AQ |