Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BYQ28F-150 Fiches technique(PDF) 3 Page - NXP Semiconductors

No de pièce BYQ28F-150
Description  Rectifier diodes ultrafast, rugged
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BYQ28F-150 Fiches technique(HTML) 3 Page - NXP Semiconductors

  BYQ28F-150 Datasheet HTML 1Page - NXP Semiconductors BYQ28F-150 Datasheet HTML 2Page - NXP Semiconductors BYQ28F-150 Datasheet HTML 3Page - NXP Semiconductors BYQ28F-150 Datasheet HTML 4Page - NXP Semiconductors BYQ28F-150 Datasheet HTML 5Page - NXP Semiconductors BYQ28F-150 Datasheet HTML 6Page - NXP Semiconductors BYQ28F-150 Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Philips Semiconductors
Product specification
Rectifier diodes
BYQ28F, BYQ28EX series
ultrafast, rugged
Fig.1. Definition of t
rr1, Qs and Irrm
Fig.2. Definition of V
fr
Fig.3. Circuit schematic for t
rr2
Fig.4. Definition of t
rr2
Fig.5. Maximum forward dissipation P
F = f(IF(AV)) per
diode; square current waveform where
I
F(AV) =IF(RMS) x √D.
Fig.6. Maximum forward dissipation P
F = f(IF(AV)) per
diode; sinusoidal current waveform where a = form
factor = I
F(RMS) / IF(AV).
Q
s
100%
10%
time
dI
dt
F
I
R
I
F
I
rrm
t
rr
I = 1A
R
rec
I
= 0.25A
0A
trr2
0.5A
IF
IR
time
time
V F
V
fr
V F
I
F
01
23
456
78
0
1
2
3
4
5
6
7
8
D = 1.0
0.5
0.2
0.1
BYQ28
IF(AV) / A
PF / W
Ths(max) / C
150
144.3
138.6
132.9
127.2
121.5
115.8
110.1
104.4
D =
tp
tp
T
T
t
I
Vo = 0.748 V
Rs = 0.0293 Ohms
shunt
Current
to ’scope
D.U.T.
Voltage Pulse Source
R
01234
56
0
1
2
3
4
5
6
a = 1.57
1.9
2.2
2.8
4
BYQ28
IF(AV) / A
PF / W
Ths(max) / C
150
144.3
138.6
132.9
127.2
121.5
115.8
Vo = 0.748 V
Rs = 0.0293 Ohms
October 1998
3
Rev 1.300


Numéro de pièce similaire - BYQ28F-150

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
BYQ28F-100 VISHAY-BYQ28F-100 Datasheet
148Kb / 5P
   Dual Common Cathode Ultrafast Rectifier
Revision: 07-Jan-08
More results

Description similaire - BYQ28F-150

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
BYV42E PHILIPS-BYV42E Datasheet
48Kb / 6P
   Rectifier diodes ultrafast, rugged
July 1998 Rev 1.200
BYQ30EX PHILIPS-BYQ30EX Datasheet
48Kb / 6P
   Rectifier diodes ultrafast, rugged
October 1998 Rev 1.200
BYQ40EW PHILIPS-BYQ40EW Datasheet
55Kb / 6P
   Rectifier diodes ultrafast, rugged
December 1998 Rev 1.000
BYW29E-100 PHILIPS-BYW29E-100 Datasheet
111Kb / 8P
   Rectifier diodes ultrafast, rugged
August 2001
BYW29E-150127 PHILIPS-BYW29E-150127 Datasheet
111Kb / 8P
   Rectifier diodes ultrafast, rugged
August 2001
BYQ28_SER_E_ED PHILIPS-BYQ28_SER_E_ED_15 Datasheet
74Kb / 10P
   Rectifier diodes ultrafast, rugged
Rev. 04-5 December 2007
BYV79E PHILIPS-BYV79E_15 Datasheet
96Kb / 8P
   Rectifier diodes ultrafast, rugged
July 1998
BYW29EB PHILIPS-BYW29EB_15 Datasheet
121Kb / 9P
   Rectifier diodes ultrafast, rugged
November 1998
BYW29EX PHILIPS-BYW29EX_15 Datasheet
115Kb / 8P
   Rectifier diodes ultrafast, rugged
October 1998
BYV32F PHILIPS-BYV32F Datasheet
54Kb / 7P
   Rectifier diodes ultrafast, rugged
October 1998 Rev 1.300
BYV72EF PHILIPS-BYV72EF Datasheet
40Kb / 6P
   Rectifier diodes ultrafast, rugged
July 1998 Rev 1.100
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com