Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BYM36D Fiches technique(PDF) 5 Page - NXP Semiconductors

No de pièce BYM36D
Description  Fast soft-recovery controlled avalanche rectifiers
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BYM36D Fiches technique(HTML) 5 Page - NXP Semiconductors

  BYM36D Datasheet HTML 1Page - NXP Semiconductors BYM36D Datasheet HTML 2Page - NXP Semiconductors BYM36D Datasheet HTML 3Page - NXP Semiconductors BYM36D Datasheet HTML 4Page - NXP Semiconductors BYM36D Datasheet HTML 5Page - NXP Semiconductors BYM36D Datasheet HTML 6Page - NXP Semiconductors BYM36D Datasheet HTML 7Page - NXP Semiconductors BYM36D Datasheet HTML 8Page - NXP Semiconductors BYM36D Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
1996 Sep 18
5
Philips Semiconductors
Product specification
Fast soft-recovery
controlled avalanche rectifiers
BYM36 series
GRAPHICAL DATA
BYM36A to C
a = 1.42; VR =VRRMmax; δ = 0.5.
Switched mode application.
Fig.2
Maximum average forward current as a
function of tie-point temperature (including
losses due to reverse leakage).
handbook, halfpage
0
200
0
MSA884
100
T
( C)
o
I F(AV)
(A)
3
1
2
lead length (mm)
20 15
10
tp
BYM36D and E
a = 1.42; VR =VRRMmax; δ = 0.5.
Switched mode application.
Fig.3
Maximum average forward current as a
function of tie-point temperature (including
losses due to reverse leakage).
handbook, halfpage
0
200
0
MSA885
100
I F(AV)
(A)
3
1
2
lead length (mm)
20
15
10
T
( C)
o
tp
BYM36F and G
a = 1.42; VR =VRRMmax; δ = 0.5.
Switched mode application.
Fig.4
Maximum average forward current as a
function of tie-point temperature (including
losses due to reverse leakage).
handbook, halfpage
0
200
4.0
0
0.8
3.2
MBD418
100
I F(AV)
(A)
T
( C)
o
tp
1.6
2.4
lead length 10 mm
BYM36A to C
a = 1.42; VR =VRRMmax; δ = 0.5.
Device mounted as shown in Fig.25.
Switched mode application.
Fig.5
Maximum average forward current as a
function of ambient temperature (including
losses due to reverse leakage).
0
200
2.0
0
0.4
1.6
MLB492
100
I F(AV)
(A)
T
( C)
o
amb
0.8
1.2


Numéro de pièce similaire - BYM36D

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
BYM36D VISHAY-BYM36D Datasheet
149Kb / 5P
   Fast Avalanche Sinterglass Diode
Rev. 1.6, 12-Aug-04
logo
Galaxy Semi-Conductor H...
BYM36D BILIN-BYM36D Datasheet
67Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
Vishay Siliconix
BYM36D VISHAY-BYM36D Datasheet
107Kb / 5P
   Fast Avalanche Sinterglass Diode
Rev. 1.7, 25-Aug-10
logo
Shenzhen Luguang Electr...
BYM36D LUGUANG-BYM36D Datasheet
172Kb / 2P
   Fast Recovery Rectifiers
logo
Diode Semiconductor Kor...
BYM36D DSK-BYM36D Datasheet
286Kb / 2P
   FAST RECOVERY RECTIFIERS
More results

Description similaire - BYM36D

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
BYV36 PHILIPS-BYV36 Datasheet
78Kb / 14P
   Fast soft-recovery controlled avalanche rectifiers
1996 Jul 01
BYW95 PHILIPS-BYW95 Datasheet
54Kb / 8P
   Fast soft-recovery controlled avalanche rectifiers
1996 Jun 07
BYD31 PHILIPS-BYD31 Datasheet
59Kb / 9P
   Fast soft-recovery controlled avalanche rectifiers
1996 Sep 18
BYD37 PHILIPS-BYD37 Datasheet
65Kb / 12P
   Fast soft-recovery controlled avalanche rectifiers
1999 Nov 16
BYD52 PHILIPS-BYD52 Datasheet
51Kb / 8P
   Fast soft-recovery controlled avalanche rectifiers
1998 Dec 03
BYV96 PHILIPS-BYV96 Datasheet
54Kb / 8P
   Fast soft-recovery controlled avalanche rectifiers
1996 Jun 07
BYD33 PHILIPS-BYD33 Datasheet
65Kb / 12P
   Fast soft-recovery controlled avalanche rectifiers
1996 Sep 18
logo
New Jersey Semi-Conduct...
BYW95 NJSEMI-BYW95 Datasheet
141Kb / 2P
   Fast soft-recovery controlled avalanche rectifiers
logo
NXP Semiconductors
BYD53 PHILIPS-BYD53 Datasheet
81Kb / 12P
   Fast soft-recovery controlled avalanche rectifiers
1998 Dec 04
BYM26 PHILIPS-BYM26 Datasheet
70Kb / 12P
   Fast soft-recovery controlled avalanche rectifiers
1996 May 24
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com