Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BYM36 Fiches technique(PDF) 11 Page - NXP Semiconductors

No de pièce BYM36
Description  Fast soft-recovery controlled avalanche rectifiers
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BYM36 Fiches technique(HTML) 11 Page - NXP Semiconductors

Back Button BYM36 Datasheet HTML 6Page - NXP Semiconductors BYM36 Datasheet HTML 7Page - NXP Semiconductors BYM36 Datasheet HTML 8Page - NXP Semiconductors BYM36 Datasheet HTML 9Page - NXP Semiconductors BYM36 Datasheet HTML 10Page - NXP Semiconductors BYM36 Datasheet HTML 11Page - NXP Semiconductors BYM36 Datasheet HTML 12Page - NXP Semiconductors BYM36 Datasheet HTML 13Page - NXP Semiconductors BYM36 Datasheet HTML 14Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
1996 Sep 18
11
Philips Semiconductors
Product specification
Fast soft-recovery
controlled avalanche rectifiers
BYM36 series
Fig.20 Forward current as a function of forward
voltage; maximum values.
BYM36D and E.
Dotted line: Tj = 175 °C.
Solid line: Tj =25 °C.
handbook, halfpage
0
12
8
4
0
12
4
MSA881
3
IF
(A)
VF (V)
Fig.21 Forward current as a function of forward
voltage; maximum values.
BYM36F and G.
Dotted line: Tj = 175 °C.
Solid line: Tj =25 °C.
handbook, halfpage
0
12
8
4
0
123
MBD425
IF
(A)
VF (V)
Fig.22 Reverse current as a function of junction
temperature; maximum values.
handbook, halfpage
MGC550
0
100
200
103
102
10
1
(
µA)
IR
Tj (°C)
VR =VRRMmax.
BYM36A to E
f = 1 MHz; Tj =25 °C.
Fig.23 Diode capacitance as a function of reverse
voltage, typical values.
1
MSA886
10
102
10
3
1
10 2
10
V
(V)
R
Cd
(pF)
BYM36A,B,C
BYM36D,E


Numéro de pièce similaire - BYM36

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
BYM36 VISHAY-BYM36 Datasheet
149Kb / 5P
   Fast Avalanche Sinterglass Diode
Rev. 1.6, 12-Aug-04
logo
New Jersey Semi-Conduct...
BYM36 NJSEMI-BYM36 Datasheet
200Kb / 3P
   Fast soft-recovery controlled avalanche rectifiers
logo
Vishay Siliconix
BYM36A VISHAY-BYM36A Datasheet
149Kb / 5P
   Fast Avalanche Sinterglass Diode
Rev. 1.6, 12-Aug-04
logo
Galaxy Semi-Conductor H...
BYM36A BILIN-BYM36A Datasheet
67Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
Vishay Siliconix
BYM36A VISHAY-BYM36A Datasheet
107Kb / 5P
   Fast Avalanche Sinterglass Diode
Rev. 1.7, 25-Aug-10
More results

Description similaire - BYM36

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
BYV36 PHILIPS-BYV36 Datasheet
78Kb / 14P
   Fast soft-recovery controlled avalanche rectifiers
1996 Jul 01
BYW95 PHILIPS-BYW95 Datasheet
54Kb / 8P
   Fast soft-recovery controlled avalanche rectifiers
1996 Jun 07
BYD31 PHILIPS-BYD31 Datasheet
59Kb / 9P
   Fast soft-recovery controlled avalanche rectifiers
1996 Sep 18
BYD37 PHILIPS-BYD37 Datasheet
65Kb / 12P
   Fast soft-recovery controlled avalanche rectifiers
1999 Nov 16
BYD52 PHILIPS-BYD52 Datasheet
51Kb / 8P
   Fast soft-recovery controlled avalanche rectifiers
1998 Dec 03
BYV96 PHILIPS-BYV96 Datasheet
54Kb / 8P
   Fast soft-recovery controlled avalanche rectifiers
1996 Jun 07
BYD33 PHILIPS-BYD33 Datasheet
65Kb / 12P
   Fast soft-recovery controlled avalanche rectifiers
1996 Sep 18
logo
New Jersey Semi-Conduct...
BYW95 NJSEMI-BYW95 Datasheet
141Kb / 2P
   Fast soft-recovery controlled avalanche rectifiers
logo
NXP Semiconductors
BYD53 PHILIPS-BYD53 Datasheet
81Kb / 12P
   Fast soft-recovery controlled avalanche rectifiers
1998 Dec 04
BYM26 PHILIPS-BYM26 Datasheet
70Kb / 12P
   Fast soft-recovery controlled avalanche rectifiers
1996 May 24
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com