Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BYG80G Fiches technique(PDF) 8 Page - NXP Semiconductors

No de pièce BYG80G
Description  Ultra fast low-loss controlled avalanche rectifiers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BYG80G Fiches technique(HTML) 8 Page - NXP Semiconductors

Back Button BYG80G Datasheet HTML 4Page - NXP Semiconductors BYG80G Datasheet HTML 5Page - NXP Semiconductors BYG80G Datasheet HTML 6Page - NXP Semiconductors BYG80G Datasheet HTML 7Page - NXP Semiconductors BYG80G Datasheet HTML 8Page - NXP Semiconductors BYG80G Datasheet HTML 9Page - NXP Semiconductors BYG80G Datasheet HTML 10Page - NXP Semiconductors BYG80G Datasheet HTML 11Page - NXP Semiconductors BYG80G Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
1997 Nov 25
8
Philips Semiconductors
Product specification
Ultra fast low-loss
controlled avalanche rectifiers
BYG80 series
Fig.11 Maximum repetitive peak forward current as a function of pulse time (square pulse) and duty factor.
BYG80A to D
Tamb =60 °C; Rth j-a = 100 K/W.
VRRMmax during 1 - δ; curves include derating for Tj max at VRRM = 200 V.
handbook, full pagewidth
0
20
4
8
12
IFRM
(A)
16
MGL082
10−2
10−1
110
tp (ms)
102
103
0.2
0.5
1
0.1
δ = 0.05
handbook, full pagewidth
0
20
4
8
12
IFRM
(A)
16
MGL083
10−2
10−1
110
tp (ms)
102
103
0.2
0.5
1
0.1
δ = 0.05
BYG80F and G
Tamb =60 °C; Rth j-a = 100 K/W.
VRRMmax during 1 - δ; curves include derating for Tj max at VRRM = 400 V.
Fig.12 Maximum repetitive peak forward current as a function of pulse time (square pulse) and duty factor.


Numéro de pièce similaire - BYG80G

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
BYG85B PHILIPS-BYG85B Datasheet
66Kb / 12P
   Fast soft-recovery rectifier
1998 Nov 25
More results

Description similaire - BYG80G

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
BYV27 PHILIPS-BYV27 Datasheet
110Kb / 16P
   Ultra fast low-loss controlled avalanche rectifiers
1997 Nov 24
BYD71 PHILIPS-BYD71 Datasheet
76Kb / 11P
   Ultra fast low-loss controlled avalanche rectifiers
1996 Sep 19
logo
EIC discrete Semiconduc...
BYD77AA EIC-BYD77AA Datasheet
113Kb / 3P
   ULTRA FAST LOW-LOSS CONTROLLED AVALANCHE RECTIFIERS
logo
NXP Semiconductors
ES1 PHILIPS-ES1 Datasheet
52Kb / 8P
   Ultra fast low-loss controlled avalanche rectifiers
2000 Feb 14
BYD72 PHILIPS-BYD72 Datasheet
55Kb / 8P
   Ultra fast low-loss controlled avalanche rectifiers
1998 Dec 03
BYD77 PHILIPS-BYD77 Datasheet
82Kb / 12P
   Ultra fast low-loss controlled avalanche rectifiers
1999 Nov 15
logo
New Jersey Semi-Conduct...
BYD73 NJSEMI-BYD73 Datasheet
105Kb / 3P
   Ultra fast low-loss controlled avalanche rectifiers
BYV27 NJSEMI-BYV27 Datasheet
201Kb / 3P
   Ultra fast low-loss controlled avalanche rectifiers
logo
NXP Semiconductors
BYV28 PHILIPS-BYV28 Datasheet
100Kb / 16P
   Ultra fast low-loss controlled avalanche rectifiers
1997 Nov 24
BYD73 PHILIPS-BYD73 Datasheet
63Kb / 11P
   Ultra fast low-loss controlled avalanche rectifiers
1996 Sep 18
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com