Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

NBSG86AMNG Fiches technique(PDF) 3 Page - ON Semiconductor

No de pièce NBSG86AMNG
Description  2.5V/3.3V SiGe Differential Smart Gate with Output Level Select
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NBSG86AMNG Fiches technique(HTML) 3 Page - ON Semiconductor

  NBSG86AMNG Datasheet HTML 1Page - ON Semiconductor NBSG86AMNG Datasheet HTML 2Page - ON Semiconductor NBSG86AMNG Datasheet HTML 3Page - ON Semiconductor NBSG86AMNG Datasheet HTML 4Page - ON Semiconductor NBSG86AMNG Datasheet HTML 5Page - ON Semiconductor NBSG86AMNG Datasheet HTML 6Page - ON Semiconductor NBSG86AMNG Datasheet HTML 7Page - ON Semiconductor NBSG86AMNG Datasheet HTML 8Page - ON Semiconductor NBSG86AMNG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
NBSG86A
http://onsemi.com
3
Table 2. OUTPUT LEVEL SELECT OLS
OLS
Q/Q VPP
OLS Sensitivity
VCC
800 mV
OLS − 75 mV
VCC − 0.4 V
200 mV
OLS
$ 150 mV
VCC − 0.8 V
600 mV
OLS
$ 100 mV
VCC − 1.2 V
0
OLS
$ 75 mV
VEE (Note 4)
400 mV
OLS
$ 100 mV
Float
600 mV
N/A
4. When an output level of 400 mV is desired and VCC − VEE > 3.0 V, 2.0 kW resistor should be
connected from OLS to VEE.
Figure 3. Logic Diagram
D0
Q
SEL
VTD0
Q
SEL
VTD0
50
W
50
W
D0
D1
VTD1
VTD1
50
W
50
W
D1
50
W
50
W
VTSEL
R1
R2
R1
R1
R2
R1
Q
SEL
VTD0
Q
SEL
VTD0
50
W
50
W
VTD1
VTD1
50
W
50
W
50
W
50
W
VTSEL
Figure 4. Configuration for AND/NAND Function
VCC
VT or
VBB
b
m
D0
D0
D1
D1
VEE
VCC
Table 3. AND/NAND TRUTH TABLE (Note 5)
m
b
m * b
D0
D1
SEL
Q
0
0
0
0
0
0
1
0
0
1
0
0
0
1
1
1
5. D0, D1, SEL are inverse of D0, D1, SEL unless specified other-
wise.


Numéro de pièce similaire - NBSG86AMNG

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
NBSG86AMNG ONSEMI-NBSG86AMNG Datasheet
137Kb / 17P
   2.5V/3.3V SiGe Differential Smart Gate with Output Level Select
June, 2014 ??Rev. 19
NBSG86AMNG ONSEMI-NBSG86AMNG Datasheet
137Kb / 17P
   SiGe Differential Smart Gate with Output Level Select
January, 2018 ??Rev. 20
More results

Description similaire - NBSG86AMNG

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
NBSG86ABA ONSEMI-NBSG86ABA Datasheet
113Kb / 14P
   2.5V/3.3V SiGe Differential Smart Gate with Output Level Select
May, 2004 ??Rev. 8
NBSG86A ONSEMI-NBSG86A_14 Datasheet
137Kb / 17P
   2.5V/3.3V SiGe Differential Smart Gate with Output Level Select
June, 2014 ??Rev. 19
NBSG86A ONSEMI-NBSG86A_18 Datasheet
137Kb / 17P
   SiGe Differential Smart Gate with Output Level Select
January, 2018 ??Rev. 20
NB7L86A ONSEMI-NB7L86A Datasheet
395Kb / 18P
   2.5 V/3.3 V SiGe Differential Smart Gate with Output Level Select
December, 2019 ??Rev. 0
NBSG72A ONSEMI-NBSG72A Datasheet
140Kb / 16P
   2.5V/3.3V SiGe Differential 2 X 2 Crosspoint Switch with Output Level Select
October, 2004 ??Rev. 2
NBSG72A ONSEMI-NBSG72A_06 Datasheet
671Kb / 14P
   2.5V/3.3V SiGe Differential 2 x 2 Crosspoint Switch with Output Level Select
November, 2006 ??Rev. 5
NBSG16VS ONSEMI-NBSG16VS Datasheet
192Kb / 14P
   2.5V/3.3V SiGe Differential Receiver/Driver with Variable Output Swing
July, 2006 ??Rev. 7
NBSG16BA ONSEMI-NBSG16BA Datasheet
104Kb / 10P
   2.5V/3.3V SiGe Differential Receiver/Driver with RSECLOutputs
May, 2003 - Rev. 12
NBSG16 ONSEMI-NBSG16 Datasheet
138Kb / 12P
   2.5V/3.3V SiGe Differential Receiver/Driver with RSECL Outputs
July, 2006 ??Rev. 14
NBSG11 ONSEMI-NBSG11 Datasheet
81Kb / 10P
   2.5V/3.3V SiGe 1:2 Differential Clock Driver with RSECL* Outputs
April, 2003 - Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com