Moteur de recherche de fiches techniques de composants électroniques |
|
WM9713L Fiches technique(PDF) 9 Page - Wolfson Microelectronics plc |
|
WM9713L Fiches technique(HTML) 9 Page - Wolfson Microelectronics plc |
9 / 108 page Pre-Production WM9713L w PP Rev 3.0 June 2006 9 AUDIO INPUTS Test Conditions DBVDD=3.3V, DCVDD = 3.3V, AVDD = 3.3V, TA = +25 oC, 1kHz signal, fs = 48kHz, 24-bit audio data unless otherwise stated. PARAMETER SYMBOL TEST CONDITIONS MIN TYP MAX UNIT LINEL/R, MIC1/2A/2B and MONOIN pins AVDD = 3.3V 1.0 AVDD = 1.8V 0.545 differential input mode (MS = 01) AVDD = 3.3V 0.5 Full Scale Input Signal Level (0dBFS) VINFS differential input mode (MS = 01) AVDD = 1.8V 0.273 Vrms 0dB PGA gain 25.6 32 38.4 Input Resistance RIN 12dB PGA gain 10.4 13 15.6 k Ω Input Capacitance 5 pF Line input to ADC (LINEL, LINER, MONOIN) Signal to Noise Ratio (A-weighted) SNR 80 87 dB Total Harmonic Distortion THD -3dBFS input -86 -80 dB Power Supply Rejection PSRR 20Hz to 20kHz 50 dB Microphone input to ADC (MIC1/2A/2B pins) Signal to Noise Ratio (A-weighted) SNR 20dB boost enabled 80 dB Total Harmonic Distortion THD 20dB boost enabled -80 dB AUXILIARY MONO DAC (AUXDAC) Test Conditions DBVDD=3.3V, DCVDD = 3.3V, AVDD = 3.3V, TA = +25 oC, 1kHz signal, fs = 8kHz, 24-bit audio data unless otherwise stated. PARAMETER SYMBOL TEST CONDITIONS MIN TYP MAX UNIT Resolution 12 bits Full scale output voltage AVDD=3.3V 1 Vrms Signal to Noise Ratio (A-weighted) SNR TBD dB Total Harmonic Distortion THD TBD dB PCM VOICE DAC (VXDAC) Test Conditions DBVDD=3.3V, DCVDD = 3.3V, AVDD = 3.3V, TA = +25 oC, 1kHz signal, fs = 8kHz, 24-bit audio data unless otherwise stated. PARAMETER SYMBOL TEST CONDITIONS MIN TYP MAX UNIT Resolution 16 bits Sample rates 8 16 Ks/s Full scale output voltage AVDD=3.3V 1 Vrms Signal to Noise Ratio (A-weighted) SNR 80 dB Total Harmonic Distortion THD 74 dB |
Numéro de pièce similaire - WM9713L_06 |
|
Description similaire - WM9713L_06 |