Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74F163ASJ Fiches technique(PDF) 2 Page - Fairchild Semiconductor

No de pièce 74F163ASJ
Description  Synchronous Presettable Binary Counter
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74F163ASJ Fiches technique(HTML) 2 Page - Fairchild Semiconductor

  74F163ASJ Datasheet HTML 1Page - Fairchild Semiconductor 74F163ASJ Datasheet HTML 2Page - Fairchild Semiconductor 74F163ASJ Datasheet HTML 3Page - Fairchild Semiconductor 74F163ASJ Datasheet HTML 4Page - Fairchild Semiconductor 74F163ASJ Datasheet HTML 5Page - Fairchild Semiconductor 74F163ASJ Datasheet HTML 6Page - Fairchild Semiconductor 74F163ASJ Datasheet HTML 7Page - Fairchild Semiconductor 74F163ASJ Datasheet HTML 8Page - Fairchild Semiconductor 74F163ASJ Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
©1988 Fairchild Semiconductor Corporation
www.fairchildsemi.com
74F161A, 74F163A Rev. 1.0.2
2
Logic Symbols
Unit Loading/Fan Out
74F161A
IEEE/IEC
74F161A
74F163A
IEEE/IEC
74F163A
Pin Names
Description
U.L.
HIGH / LOW
Input IIH / IIL
Output IOH / IOL
CEP
Count Enable Parallel Input
1.0 / 1.0
20µA / -0.6mA
CET
Count Enable Trickle Input
1.0 / 2.0
20µA / -1.2mA
CP
Clock Pulse Input (Active Rising Edge)
1.0 / 1.0
20µA / -0.6 mA
MR (74F161A)
Asynchronous Master Reset Input (Active LOW)
1.0 / 1.0
20µA / -0.6 mA
SR (74F163A)
Synchronous Reset Input (Active LOW)
1.0 / 2.0
20µA / -1.2 mA
P0–P3
Parallel Data Inputs
1.0 / 1.0
20µA / -0.6 mA
PE
Parallel Enable Input (Active LOW)
1.0 / 2.0
20µA / -1.2mA
Q0–Q3
Flip-Flop Outputs
50 / 33.3
-1mA / 20mA
TC
Terminal Count Output
50 / 33.3
-1mA / 20mA


Numéro de pièce similaire - 74F163ASJ

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
74F163ASJ NSC-74F163ASJ Datasheet
197Kb / 10P
   Synchronous Presettable Binary Counter
logo
Fairchild Semiconductor
74F163ASJ FAIRCHILD-74F163ASJ Datasheet
96Kb / 8P
   Synchronous Presettable Binary Counter
74F163ASJX FAIRCHILD-74F163ASJX Datasheet
96Kb / 8P
   Synchronous Presettable Binary Counter
More results

Description similaire - 74F163ASJ

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
74AC163 FAIRCHILD-74AC163 Datasheet
112Kb / 11P
   Synchronous Presettable Binary Counter
logo
Renesas Technology Corp
HD74ACT161 RENESAS-HD74ACT161 Datasheet
221Kb / 9P
   Synchronous Presettable Binary Counter
logo
Fairchild Semiconductor
74F161A FAIRCHILD-74F161A Datasheet
96Kb / 8P
   Synchronous Presettable Binary Counter
logo
ON Semiconductor
MC74AC161 ONSEMI-MC74AC161 Datasheet
192Kb / 15P
   Synchronous Presettable Binary Counter
March, 2006 ??Rev. 7
logo
Fairchild Semiconductor
74163 FAIRCHILD-74163 Datasheet
112Kb / 11P
   Synchronous Presettable Binary Counter
logo
AVG Semiconductors(HITE...
DV74ACT163 AVG-DV74ACT163 Datasheet
438Kb / 5P
   Synchronous Presettable Binary counter
logo
ON Semiconductor
MC74AC161 ONSEMI-MC74AC161_15 Datasheet
115Kb / 12P
   Synchronous Presettable Binary Counter
January, 2015 ??Rev. 8
logo
National Semiconductor ...
54AC161 NSC-54AC161 Datasheet
192Kb / 12P
   Synchronous Presettable Binary Counter
logo
Fairchild Semiconductor
74AC161 FAIRCHILD-74AC161_03 Datasheet
155Kb / 11P
   Synchronous Presettable Binary Counter
logo
Hitachi Semiconductor
HD74ACT161 HITACHI-HD74ACT161 Datasheet
70Kb / 14P
   Synchronous Presettable Binary Counter
logo
National Semiconductor ...
54AC163 NSC-54AC163 Datasheet
190Kb / 12P
   Synchronous Presettable Binary Counter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com