Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74AC399PC Fiches technique(PDF) 4 Page - Fairchild Semiconductor

No de pièce 74AC399PC
Description  Quad 2-Port Register
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74AC399PC Fiches technique(HTML) 4 Page - Fairchild Semiconductor

  74AC399PC Datasheet HTML 1Page - Fairchild Semiconductor 74AC399PC Datasheet HTML 2Page - Fairchild Semiconductor 74AC399PC Datasheet HTML 3Page - Fairchild Semiconductor 74AC399PC Datasheet HTML 4Page - Fairchild Semiconductor 74AC399PC Datasheet HTML 5Page - Fairchild Semiconductor 74AC399PC Datasheet HTML 6Page - Fairchild Semiconductor 74AC399PC Datasheet HTML 7Page - Fairchild Semiconductor 74AC399PC Datasheet HTML 8Page - Fairchild Semiconductor 74AC399PC Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
www.fairchildsemi.com
4
DC Electrical Characteristics for ACT
Note 5: All outputs loaded; thresholds on input associated with output under test.
Note 6: Maximum test duration 2.0 ms, one output loaded at a time.
AC Electrical Characteristics for AC
Note 7: Voltage Range 5.0 is 5.0V
± 0.5V
Symbol
Parameter
VCC
TA = 25°CTA = −40°C to +85°C
Units
Conditions
(V)
Typ
Guaranteed Limits
VIH
Minimum HIGH Level
4.5
1.5
2.0
2.0
V
VOUT = 0.1V
Input Voltage
5.5
1.5
2.0
2.0
or VCC −0.1V
VIL
Maximum LOW Level
4.5
1.5
0.8
0.8
V
VOUT = 0.1V
Input Voltage
5.5
1.5
0.8
0.8
or VCC − 0.1V
VOH
Minimum HIGH Level
4.5
4.49
4.4
4.4
VIOUT = −50 µA
5.55.495.4
5.4
VIN = VIL or VIH
4.5
3.86
3.76
V
IOH = −24 mA
5.5
4.85
4.76
IOH = −24 mA (Note 5)
VOL
Maximum LOW Level
4.5
0.001
0.1
0.1
VIOUT = 50 µA
Output Voltage
5.5
0.001
0.1
0.1
VIN = VIL or VIH
4.5
0.36
0.44
V
IOL = 24 mA
5.5
0.36
0.44
IOL = 24 mA (Note 5)
IIN
Maximum Input
5.5
±0.1
±1.0
µAV
I = VCC, GND
Leakage Current
ICCT
Maximum ICC/Input
5.5
0.6
1.5
mA
VI = VCC −2.1V
IOLD
Minimum Dynamic (Note 6)
5.5
75
mA
VOLD = 1.65V Max
IOHD
Output Current
5.5
−75
mA
VOHD = 3.85V Min
ICC
Maximum Quiescent
5.5
4.0
40.0
µA
VIN = VCC
Supply Current
or Ground
VCC
TA = +25°CTA = −40°C to +85°C
Symbol
Parameter
(V)
VCC = +5.0V
VCC = 5.0V
Units
(Note 7)
CL = 50 pF
CL = 50 pF
Min
Typ
Max
Min
Max
fMAX
Input Clock Frequency
3.3
140
160
130
MHz
5.0
170
190
165
tPLH
Propagation Delay
3.3
4.0
7.5
10.0
3.5
11.0
ns
CP to Q
5.0
2.0
5.0
8.0
1.5
8.5
tPHL
Propagation Delay
3.3
3.5
7.0
9.5
3.0
10.5
ns
CP to Q
5.0
2.0
5.0
7.5
1.5
8.0


Numéro de pièce similaire - 74AC399PC

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
74AC399PC FAIRCHILD-74AC399PC Datasheet
87Kb / 8P
   Quad 2-Port Register
More results

Description similaire - 74AC399PC

FabricantNo de pièceFiches techniqueDescription
logo
Motorola, Inc
SN54LS398 MOTOROLA-SN54LS398 Datasheet
209Kb / 6P
   QUAD 2-PORT REGISTER
logo
Fairchild Semiconductor
74F398 FAIRCHILD-74F398 Datasheet
105Kb / 9P
   Quad 2-Port Register
logo
National Semiconductor ...
54F398DM NSC-54F398DM Datasheet
178Kb / 10P
   Quad 2-Port Register
logo
Motorola, Inc
MC74AC398 MOTOROLA-MC74AC398 Datasheet
392Kb / 8P
   Quad 2-Port Register
logo
Fairchild Semiconductor
74F399 FAIRCHILD-74F399 Datasheet
77Kb / 7P
   Quad 2-Port Register
74AC399 FAIRCHILD-74AC399 Datasheet
87Kb / 8P
   Quad 2-Port Register
logo
National Semiconductor ...
54ACT399 NSC-54ACT399 Datasheet
137Kb / 6P
   Quad 2-Port Register
logo
Motorola, Inc
MC5474F398 MOTOROLA-MC5474F398 Datasheet
81Kb / 3P
   QUAD 2-PORT REGISTER
logo
National Semiconductor ...
54LS298 NSC-54LS298 Datasheet
84Kb / 3P
   QUAD 2-PORT REGISTER MULTIPLEXER WITH STORAGE
logo
Fairchild Semiconductor
DM74LS298 FAIRCHILD-DM74LS298 Datasheet
43Kb / 4P
   Quad 2-Port Register Multiplexer with Storage
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com