Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SNC10C Fiches technique(PDF) 1 Page - SONiX Technology Company

No de pièce SNC10C
Description  One Channel Direct Drive Speech Controller
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SONIX [SONiX Technology Company]
Site Internet  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SNC10C Fiches technique(HTML) 1 Page - SONiX Technology Company

  SNC10C_05 Datasheet HTML 1Page - SONiX Technology Company SNC10C_05 Datasheet HTML 2Page - SONiX Technology Company SNC10C_05 Datasheet HTML 3Page - SONiX Technology Company SNC10C_05 Datasheet HTML 4Page - SONiX Technology Company SNC10C_05 Datasheet HTML 5Page - SONiX Technology Company SNC10C_05 Datasheet HTML 6Page - SONiX Technology Company SNC10C_05 Datasheet HTML 7Page - SONiX Technology Company SNC10C_05 Datasheet HTML 8Page - SONiX Technology Company SNC10C_05 Datasheet HTML 9Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
SNC11C
One Channel Direct Drive Speech Controller
INTRODUCTION
SNC11C is a one-channel voice synthesizer IC with PWM direct drive circuit. It
built-in a 4-bit tiny controller with one 4-bit input port, two 4-bit I/O ports. By
programming through the tiny controller in SNC11C, user’s varied applications
including voice section combination, key trigger arrangement, output control, and
other logic functions can be easily implemented.
FEATURES
Single power supply 2.4V – 5.1V
105 seconds voice capacity are provided(@6KHZ sample rate)
Built in a 4-bit tiny controller
One 4-bit input port, two 4-bit I/O ports are provided
64*4 bits RAM are provided
320K*10 ROM size are provided for voice data and program
Maximum 16k program ROM is provided
Built in a high quality speech synthesizer
Adaptive playing speed from 2.5k-20kHz is provided
One voice channel
Built in a PWM Direct Drive circuit and a fixed current D/A output
System clock : 2MHz
Low Power Reset
Ver: 1.3
June 8, 2005
1


Numéro de pièce similaire - SNC10C_05

FabricantNo de pièceFiches techniqueDescription
logo
SONiX Technology Compan...
SNC10C SONIX-SNC10C Datasheet
332Kb / 10P
   One Channel Direct Drive Speech Controller?
More results

Description similaire - SNC10C_05

FabricantNo de pièceFiches techniqueDescription
logo
SONiX Technology Compan...
SN65020 SONIX-SN65020 Datasheet
130Kb / 5P
   One Channel Direct Drive Speech Controller
SNC112 SONIX-SNC112 Datasheet
347Kb / 11P
   One Channel Direct Drive Speech Controller?
SNC10A SONIX-SNC10A_05 Datasheet
340Kb / 11P
   One Channel Direct Drive Speech Controller
SNC10D SONIX-SNC10D_05 Datasheet
336Kb / 11P
   One Channel Direct Drive Speech Controller
SNC107 SONIX-SNC107_05 Datasheet
334Kb / 11P
   One Channel Direct Drive Speech Controller
SNC107 SONIX-SNC107 Datasheet
331Kb / 10P
   One Channel Direct Drive Speech Controller?
SNC109 SONIX-SNC109 Datasheet
331Kb / 10P
   One Channel Direct Drive Speech Controller?
SNC118 SONIX-SNC118 Datasheet
347Kb / 11P
   One Channel Direct Drive Speech Controller?
SNC11D SONIX-SNC11D Datasheet
349Kb / 11P
   One Channel Direct Drive Speech Controller?
SN67D07 SONIX-SN67D07 Datasheet
106Kb / 5P
   One Channel Direct Drive Speech Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com