Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC33063AVDR2 Fiches technique(PDF) 9 Page - ON Semiconductor

No de pièce MC33063AVDR2
Description  1.5 A, Step?뭊p/Down/ Inverting Switching Regulators
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33063AVDR2 Fiches technique(HTML) 9 Page - ON Semiconductor

Back Button MC33063AVDR2 Datasheet HTML 5Page - ON Semiconductor MC33063AVDR2 Datasheet HTML 6Page - ON Semiconductor MC33063AVDR2 Datasheet HTML 7Page - ON Semiconductor MC33063AVDR2 Datasheet HTML 8Page - ON Semiconductor MC33063AVDR2 Datasheet HTML 9Page - ON Semiconductor MC33063AVDR2 Datasheet HTML 10Page - ON Semiconductor MC33063AVDR2 Datasheet HTML 11Page - ON Semiconductor MC33063AVDR2 Datasheet HTML 12Page - ON Semiconductor MC33063AVDR2 Datasheet HTML 13Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
MC34063A, MC33063A, NCV33063A
http://onsemi.com
9
5.45
′′
2.500
′′
(Top view, copper foil as seen through the board from the component side)
(Top View, Component Side)
*Optional Filter.
Figure 14. Printed Circuit Board and Component Layout
(Circuits of Figures 8, 10, 12)
MC34063A
MC34063A
MC34063A
INDUCTOR DATA
Converter
Inductance (
mH)
Turns/Wire
Step−Up
170
38 Turns of #22 AWG
Step−Down
220
48 Turns of #22 AWG
Voltage−Inverting
88
28 Turns of #22 AWG
All inductors are wound on Magnetics Inc. 55117 toroidal core.


Numéro de pièce similaire - MC33063AVDR2

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MC33063AVDR2 ONSEMI-MC33063AVDR2 Datasheet
149Kb / 16P
   DC-to-DC Converter Control Circuits
August, 2000 ??Rev. 6
MC33063AVDR2 ONSEMI-MC33063AVDR2 Datasheet
1Mb / 15P
   1.5 A, Step?뭊p/Down/ Inverting Switching Regulators
August, 2010 ??Rev. 23
MC33063AVDR2 ONSEMI-MC33063AVDR2 Datasheet
1Mb / 15P
   1.5 A, Step-Up/Down/ Inverting Switching Regulators
August, 2010 ??Rev. 23
MC33063AVDR2 ONSEMI-MC33063AVDR2 Datasheet
1Mb / 15P
   1.5 A, Step-Up/Down/ Inverting Switching Regulators
August, 2010 ??Rev. 23
MC33063AVDR2G ONSEMI-MC33063AVDR2G Datasheet
1Mb / 15P
   1.5 A, Step?뭊p/Down/ Inverting Switching Regulators
August, 2010 ??Rev. 23
More results

Description similaire - MC33063AVDR2

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MC34063A ONSEMI-MC34063A_10 Datasheet
1Mb / 15P
   1.5 A, Step?뭊p/Down/ Inverting Switching Regulators
August, 2010 ??Rev. 23
NCP3063 ONSEMI-NCP3063 Datasheet
259Kb / 16P
   1.5 A, Step?뭊p/Down/Inverting Switching Regulators
November, 2006 ??Rev. 1
MC34163 ONSEMI-MC34163_05 Datasheet
248Kb / 16P
   3.4 A, Step?뭊p/Down/Inverting Switching Regulators
October, 2005 ??Rev. 5
MC34166 ONSEMI-MC34166_10 Datasheet
265Kb / 18P
   3.0 A, Step?뭊p/Down/ Inverting Switching Regulators
October, 2005 ??Rev. 7
MC34166 ONSEMI-MC34166_05 Datasheet
265Kb / 18P
   3.0 A, Step?뭊p/Down/Inverting Switching Regulators
October, 2005 ??Rev. 7
NCV33163 ONSEMI-NCV33163_05 Datasheet
202Kb / 15P
   2.5 A, Step?뭊p/Down/Inverting Switching Regulators
November, 2005 ??Rev. 2
MC34167 ONSEMI-MC34167_10 Datasheet
263Kb / 20P
   5.0 A, Step?뭊p/Down/ Inverting Switching Regulators
November, 2005 ??Rev. 7
MC34167 ONSEMI-MC34167_05 Datasheet
263Kb / 20P
   5.0 A, Step?뭊p/Down/Inverting Switching Regulators
November, 2005 ??Rev. 7
MC34063LINVEVB ONSEMI-MC34063LINVEVB Datasheet
1Mb / 15P
   1.5 A, Step-Up/Down/ Inverting Switching Regulators
August, 2010 ??Rev. 23
MC33063A ONSEMI-MC33063A Datasheet
1Mb / 15P
   1.5 A, Step-Up/Down/Inverting Switching Regulators
December, 2016 ??Rev. 24
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com