Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SNC82120 Fiches technique(PDF) 9 Page - SONiX Technology Company

No de pièce SNC82120
Description  12-Channel MIDI/Speech Controller
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SONIX [SONiX Technology Company]
Site Internet  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SNC82120 Fiches technique(HTML) 9 Page - SONiX Technology Company

Back Button SNC82120 Datasheet HTML 5Page - SONiX Technology Company SNC82120 Datasheet HTML 6Page - SONiX Technology Company SNC82120 Datasheet HTML 7Page - SONiX Technology Company SNC82120 Datasheet HTML 8Page - SONiX Technology Company SNC82120 Datasheet HTML 9Page - SONiX Technology Company SNC82120 Datasheet HTML 10Page - SONiX Technology Company SNC82120 Datasheet HTML 11Page - SONiX Technology Company SNC82120 Datasheet HTML 12Page - SONiX Technology Company SNC82120 Datasheet HTML 13Page - SONiX Technology Company  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
SNC82120
12-Channel MIDI/Speech Controller
Ver: 1.5
Sep. 8, 2006
9
6 APPLICATION CIRCUIT
Power Supply: 3.0V
System Clock: Rosc with calibration or RTC function
Low Clock: 32768
Voice output: Direct Drive Output
VDDVR
VDD
VDDPP
REGOUT
CVDD
XIN
RST
VDD
XOUT
CKSEL
TESTM
P00
P01
P02
P03
P04
P05
P06
P07
P10
P11
P12
P13
BN0
BP0
GND
GNDPP
0.1uF
VDD
51K
P14
P15
P16
P17
GNDVR
0.1uF
VDD
10uF
10
10
VO
P20
P21
P22
P23
P25
P26
P27
P24
VDD
20pF
20pF
LXIN
LXOUT
SNC82120
VDD
VDD
Notice: If system clock is ROSC, please leave Xout and Xin as “no connect”.


Numéro de pièce similaire - SNC82120

FabricantNo de pièceFiches techniqueDescription
logo
SONiX Technology Compan...
SNC82168 SONIX-SNC82168 Datasheet
121Kb / 13P
   12-Channel MIDI/Speech Controller
More results

Description similaire - SNC82120

FabricantNo de pièceFiches techniqueDescription
logo
SONiX Technology Compan...
SNC82268 SONIX-SNC82268 Datasheet
121Kb / 13P
   12-Channel MIDI/Speech Controller
SNC82030 SONIX-SNC82030 Datasheet
120Kb / 13P
   12-Channel MIDI/Speech Controller
SNC82085 SONIX-SNC82085 Datasheet
121Kb / 13P
   12-Channel MIDI/Speech Controller
SNC82340 SONIX-SNC82340 Datasheet
121Kb / 13P
   12-Channel MIDI/Speech Controller
SNC82168 SONIX-SNC82168 Datasheet
121Kb / 13P
   12-Channel MIDI/Speech Controller
SNC82040 SONIX-SNC82040 Datasheet
121Kb / 13P
   12-Channel MIDI/Speech Controller
SNC82020 SONIX-SNC82020 Datasheet
121Kb / 13P
   12-Channel MIDI/Speech Controller
SNC82060 SONIX-SNC82060 Datasheet
121Kb / 13P
   12-Channel MIDI/Speech Controller
SNC88060 SONIX-SNC88060 Datasheet
123Kb / 14P
   24-Channel MIDI/Speech Controller
SNC88168 SONIX-SNC88168 Datasheet
123Kb / 14P
   24-Channel MIDI/Speech Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com