Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SNC82060 Fiches technique(PDF) 6 Page - SONiX Technology Company

No de pièce SNC82060
Description  12-Channel MIDI/Speech Controller
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SONIX [SONiX Technology Company]
Site Internet  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SNC82060 Fiches technique(HTML) 6 Page - SONiX Technology Company

Back Button SNC82060 Datasheet HTML 2Page - SONiX Technology Company SNC82060 Datasheet HTML 3Page - SONiX Technology Company SNC82060 Datasheet HTML 4Page - SONiX Technology Company SNC82060 Datasheet HTML 5Page - SONiX Technology Company SNC82060 Datasheet HTML 6Page - SONiX Technology Company SNC82060 Datasheet HTML 7Page - SONiX Technology Company SNC82060 Datasheet HTML 8Page - SONiX Technology Company SNC82060 Datasheet HTML 9Page - SONiX Technology Company SNC82060 Datasheet HTML 10Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
SNC82060
12-Channel MIDI/Speech Controller
Ver: 1.5
Sep. 8, 2006
6
5.2.
ROM
SNC82060 contains a substantial 184K x 12-bit word internal ROM which is shared by
program and resource data.
Program, voice, melodies, data, and instrument
waveforms are shared within this same 184K words ROM.
5.3.
RAM
SNC82060 contains 384 bytes RAM (384 x 8-bits). The 384 byte RAM is divided into
three pages (page0, 1 and 4, 128 bytes RAM for each page). The RAMBK register is
used to switch to a specific RAM page. For example, declaring
Org
0x250
UseMem ds 1
would locate one byte memory for “UseMem” at BANK 4. Setting ‘RAMbk = 4’in a
program would switch to bank 4 of RAM.
0x027F
0x0000
0x0100
0x00FF
:
:
0x007F
0x0080
:
:
:
0x017F
0x0180
No Used
0x01FF
:
:
0x0200
:
:
Free for User
No Used
Reserved for System
0x00C0
Free for User
Notice: (C0~FFh) and (200~27Fh) Bank4 is free for user.
5.4.
Power Down Mode
Entering the IC into Stop Mode will stop the system clock for power savings (<3uA
@VDD=3V and <6uA @VDD=4.5V). Any transition (L
H or HL) on any I/O pin or
RTC (Real-time clock) can be used to start the system clock and return to normal
operating mode.


Numéro de pièce similaire - SNC82060

FabricantNo de pièceFiches techniqueDescription
logo
SONiX Technology Compan...
SNC82020 SONIX-SNC82020 Datasheet
121Kb / 13P
   12-Channel MIDI/Speech Controller
SNC82030 SONIX-SNC82030 Datasheet
120Kb / 13P
   12-Channel MIDI/Speech Controller
SNC82040 SONIX-SNC82040 Datasheet
121Kb / 13P
   12-Channel MIDI/Speech Controller
SNC82085 SONIX-SNC82085 Datasheet
121Kb / 13P
   12-Channel MIDI/Speech Controller
More results

Description similaire - SNC82060

FabricantNo de pièceFiches techniqueDescription
logo
SONiX Technology Compan...
SNC82268 SONIX-SNC82268 Datasheet
121Kb / 13P
   12-Channel MIDI/Speech Controller
SNC82030 SONIX-SNC82030 Datasheet
120Kb / 13P
   12-Channel MIDI/Speech Controller
SNC82085 SONIX-SNC82085 Datasheet
121Kb / 13P
   12-Channel MIDI/Speech Controller
SNC82340 SONIX-SNC82340 Datasheet
121Kb / 13P
   12-Channel MIDI/Speech Controller
SNC82168 SONIX-SNC82168 Datasheet
121Kb / 13P
   12-Channel MIDI/Speech Controller
SNC82040 SONIX-SNC82040 Datasheet
121Kb / 13P
   12-Channel MIDI/Speech Controller
SNC82120 SONIX-SNC82120 Datasheet
121Kb / 13P
   12-Channel MIDI/Speech Controller
SNC82020 SONIX-SNC82020 Datasheet
121Kb / 13P
   12-Channel MIDI/Speech Controller
SNC88060 SONIX-SNC88060 Datasheet
123Kb / 14P
   24-Channel MIDI/Speech Controller
SNC88168 SONIX-SNC88168 Datasheet
123Kb / 14P
   24-Channel MIDI/Speech Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com