Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SNC82060 Fiches technique(PDF) 5 Page - SONiX Technology Company

No de pièce SNC82060
Description  12-Channel MIDI/Speech Controller
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SONIX [SONiX Technology Company]
Site Internet  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SNC82060 Fiches technique(HTML) 5 Page - SONiX Technology Company

  SNC82060 Datasheet HTML 1Page - SONiX Technology Company SNC82060 Datasheet HTML 2Page - SONiX Technology Company SNC82060 Datasheet HTML 3Page - SONiX Technology Company SNC82060 Datasheet HTML 4Page - SONiX Technology Company SNC82060 Datasheet HTML 5Page - SONiX Technology Company SNC82060 Datasheet HTML 6Page - SONiX Technology Company SNC82060 Datasheet HTML 7Page - SONiX Technology Company SNC82060 Datasheet HTML 8Page - SONiX Technology Company SNC82060 Datasheet HTML 9Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
SNC82060
12-Channel MIDI/Speech Controller
Ver: 1.5
Sep. 8, 2006
5
4 Block Diagram
5 FUNCTION DESCRIPTION
5.1.
Oscillator
CKSEL (Clock Select) input pin of the SNC82060 selects between crystal
oscillator/ceramic resonator or RC type oscillators as system clock.
16.384Mhz
XIN
CKS EL
XO UT
RC Os cilla tor
Crys ta l / Re s ona tor
VDD
XIN
CKS E L
XO UT
20pf
20pf
G ND
NC
NC
Notice: For RC Oscillator, Keep XOUT and XIN as “No Connect”.
ROM
Program/Speech/Melody/Instrument waveform
184K
12 bits
OSC
Address Pointers/ STACK
IO2
Voice
Synthesizer
ALU
SRAM (384 bytes)
10bit D/A
Timing
Generator
IO1
IO0
Sampling
Rate Counter
Timer
Direct Drive


Numéro de pièce similaire - SNC82060

FabricantNo de pièceFiches techniqueDescription
logo
SONiX Technology Compan...
SNC82020 SONIX-SNC82020 Datasheet
121Kb / 13P
   12-Channel MIDI/Speech Controller
SNC82030 SONIX-SNC82030 Datasheet
120Kb / 13P
   12-Channel MIDI/Speech Controller
SNC82040 SONIX-SNC82040 Datasheet
121Kb / 13P
   12-Channel MIDI/Speech Controller
SNC82085 SONIX-SNC82085 Datasheet
121Kb / 13P
   12-Channel MIDI/Speech Controller
More results

Description similaire - SNC82060

FabricantNo de pièceFiches techniqueDescription
logo
SONiX Technology Compan...
SNC82268 SONIX-SNC82268 Datasheet
121Kb / 13P
   12-Channel MIDI/Speech Controller
SNC82030 SONIX-SNC82030 Datasheet
120Kb / 13P
   12-Channel MIDI/Speech Controller
SNC82085 SONIX-SNC82085 Datasheet
121Kb / 13P
   12-Channel MIDI/Speech Controller
SNC82340 SONIX-SNC82340 Datasheet
121Kb / 13P
   12-Channel MIDI/Speech Controller
SNC82168 SONIX-SNC82168 Datasheet
121Kb / 13P
   12-Channel MIDI/Speech Controller
SNC82040 SONIX-SNC82040 Datasheet
121Kb / 13P
   12-Channel MIDI/Speech Controller
SNC82120 SONIX-SNC82120 Datasheet
121Kb / 13P
   12-Channel MIDI/Speech Controller
SNC82020 SONIX-SNC82020 Datasheet
121Kb / 13P
   12-Channel MIDI/Speech Controller
SNC88060 SONIX-SNC88060 Datasheet
123Kb / 14P
   24-Channel MIDI/Speech Controller
SNC88168 SONIX-SNC88168 Datasheet
123Kb / 14P
   24-Channel MIDI/Speech Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com