Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SNC82168 Fiches technique(PDF) 2 Page - SONiX Technology Company

No de pièce SNC82168
Description  12-Channel MIDI/Speech Controller
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SONIX [SONiX Technology Company]
Site Internet  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SNC82168 Fiches technique(HTML) 2 Page - SONiX Technology Company

  SNC82168 Datasheet HTML 1Page - SONiX Technology Company SNC82168 Datasheet HTML 2Page - SONiX Technology Company SNC82168 Datasheet HTML 3Page - SONiX Technology Company SNC82168 Datasheet HTML 4Page - SONiX Technology Company SNC82168 Datasheet HTML 5Page - SONiX Technology Company SNC82168 Datasheet HTML 6Page - SONiX Technology Company SNC82168 Datasheet HTML 7Page - SONiX Technology Company SNC82168 Datasheet HTML 8Page - SONiX Technology Company SNC82168 Datasheet HTML 9Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
SNC82168
12-Channel MIDI/Speech Controller
Ver: 1.5
Sep. 8, 2006
2
AMENDENT HISTORY
Version Date
Description
Ver 1.0
October 07, 2004
First issue
Ver 1.1
November 12, 2004
Modify Application Circuit.
Ver 1.2
March 21, 2005
1. Oscillator R-Type is “no connect”. Page5
2. Modify Application Circuit.(Low CLK Mode, 32768,
R-Type, Xin and Xout no connect) Page10
3. Modify Electric Characteristic (Max->Typical) Page12
4. Modify I/O Circuit in Page7
Ver1.3
June 30,2005
1.
Modify RAM Block in Page6
2. Modify Application circuit in Low CLK (RC mode)
R=91K, C=200pF.
3.
In Application Circuit add R=100 (direct key) in Page9
4.
In Application Circuit add R=100 (direct key) in Page9
5.
Modify RAM =384*8 in Page3
Ver1.4
November 18,2005
1.
Modify Application circuit add R=100 in each input pin
(direct key).
Ver1.5
September,8,2006
1.
Removed Application circuit R=100 in each input pin
(direct key)


Numéro de pièce similaire - SNC82168

FabricantNo de pièceFiches techniqueDescription
logo
SONiX Technology Compan...
SNC82120 SONIX-SNC82120 Datasheet
121Kb / 13P
   12-Channel MIDI/Speech Controller
More results

Description similaire - SNC82168

FabricantNo de pièceFiches techniqueDescription
logo
SONiX Technology Compan...
SNC82268 SONIX-SNC82268 Datasheet
121Kb / 13P
   12-Channel MIDI/Speech Controller
SNC82030 SONIX-SNC82030 Datasheet
120Kb / 13P
   12-Channel MIDI/Speech Controller
SNC82085 SONIX-SNC82085 Datasheet
121Kb / 13P
   12-Channel MIDI/Speech Controller
SNC82340 SONIX-SNC82340 Datasheet
121Kb / 13P
   12-Channel MIDI/Speech Controller
SNC82040 SONIX-SNC82040 Datasheet
121Kb / 13P
   12-Channel MIDI/Speech Controller
SNC82120 SONIX-SNC82120 Datasheet
121Kb / 13P
   12-Channel MIDI/Speech Controller
SNC82020 SONIX-SNC82020 Datasheet
121Kb / 13P
   12-Channel MIDI/Speech Controller
SNC82060 SONIX-SNC82060 Datasheet
121Kb / 13P
   12-Channel MIDI/Speech Controller
SNC88060 SONIX-SNC88060 Datasheet
123Kb / 14P
   24-Channel MIDI/Speech Controller
SNC88168 SONIX-SNC88168 Datasheet
123Kb / 14P
   24-Channel MIDI/Speech Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com