Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC33025DWR2G Fiches technique(PDF) 9 Page - ON Semiconductor

No de pièce MC33025DWR2G
Description  High Speed Double?묮nded PWM Controller
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33025DWR2G Fiches technique(HTML) 9 Page - ON Semiconductor

Back Button MC33025DWR2G Datasheet HTML 5Page - ON Semiconductor MC33025DWR2G Datasheet HTML 6Page - ON Semiconductor MC33025DWR2G Datasheet HTML 7Page - ON Semiconductor MC33025DWR2G Datasheet HTML 8Page - ON Semiconductor MC33025DWR2G Datasheet HTML 9Page - ON Semiconductor MC33025DWR2G Datasheet HTML 10Page - ON Semiconductor MC33025DWR2G Datasheet HTML 11Page - ON Semiconductor MC33025DWR2G Datasheet HTML 12Page - ON Semiconductor MC33025DWR2G Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
MC34025, MC33025
http://onsemi.com
9
If the voltage at this pin exceeds 1.4 V, the second
comparator is activated. This comparator sets a latch which,
in turn, causes the Soft−Start capacitor to be discharged. In
this way a “hiccup” mode of recovery is possible in the case
of output short circuits. If a current limit resistor is used in
series with the output devices, the peak current at which the
controller will enter a “hiccup” mode is given by:
Ishutdown +
1.4 V
RSense
Undervoltage Lockout
There are two undervoltage lockout circuits within the IC.
The first senses VCC and the second Vref. During power−up,
VCC must exceed 9.2 V and Vref must exceed 4.2 V before
the outputs can be enabled and the Soft−Start latch released.
If VCC falls below 8.4 V or Vref falls below 3.6 V, the outputs
are disabled and the Soft−Start latch is activated. When the
UVLO is active, the part is in a low current standby mode
allowing the IC to have an off−line bootstrap startup circuit.
Typical startup current is 500
mA.
Output
The MC34025 has two high current totem pole outputs
specifically designed for direct drive of power MOSFETs.
They are capable of up to
±2.0 A peak drive current with a
typical rise and fall time of 30 ns driving a 1.0 nF load.
Separate pins for VC and Power Ground are provided.
With proper implementation, a significant reduction of
switching transient noise imposed on the control circuitry is
possible. The separate VC supply input also allows the
designer added flexibility in tailoring the drive voltage
independent of VCC.
Reference
A 5.1 V bandgap reference is pinned out and is trimmed
to an initial accuracy of
±1.0% at 25°C. This reference has
short circuit protection and can source in excess of 10 mA
for powering additional control system circuitry.
Design Considerations
Do not attempt to construct the converter on
wire−wrap or plug−in prototype boards. With high
frequency, high power, switching power supplies it is
imperative to have separate current loops for the signal paths
and for the power paths. The printed circuit layout should
contain a ground plane with low current signal and high
current switch and output grounds returning on separate
paths back to the input filter capacitor. All bypass capacitors
and snubbers should be connected as close as possible to the
specific part in question. The PC board lead lengths must be
less than 0.5 inches for effective bypassing or snubbing.
Instabilities
In current mode control, an instability can be encountered
at any given duty cycle. The instability is caused by the
current feedback loop. It has been shown that the instability
is caused by a double pole at half the switching frequency.
If an external ramp (Se) is added to the on−time ramp (Sn)
of the current−sense waveform, stability can be achieved
(see Figure 21).
One must be careful not to add too much ramp
compensation. If too much is added, the system will start to
perform like a voltage mode regulator. All benefits of
current mode control will be lost. Figures 29A and 29B show
examples of two different ways in which external ramp
compensation can be implemented.
1.25 V
+
+
Ramp Input
Current Signal
Sn
Ramp Compensation
Se
Figure 21. Ramp Compensation
A simple equation can be used to calculate the amount of
external ramp necessary to add that will achieve stability in
the current loop. For the following equations, the calculated
values for the application circuit in Figure 37 are also shown.
Se
+
VO
L
NS
NP
(RS)Ai
where:
= DC output voltage
= number of power transformer primary
= or secondary turns
= gain of the current sense network
= (see Figures 26, 27 and 28)
= output inductor
= current sense resistance
VO
NP, NS
Ai
L
RS
+ 0.115 V μs
For the application circuit: Se +
5
1.8
μ
4
16
(0.3)(0.55)


Numéro de pièce similaire - MC33025DWR2G

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MC33025DWR2G ONSEMI-MC33025DWR2G Datasheet
499Kb / 20P
   High Speed Double-Ended PWM Controller
October, 2012 ??Rev. 9
More results

Description similaire - MC33025DWR2G

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MC34023 ONSEMI-MC34023_05 Datasheet
441Kb / 18P
   High Speed Single?묮nded PWM Controller
October, 2005 ??Rev. 6
MC33025 ONSEMI-MC33025_12 Datasheet
499Kb / 20P
   High Speed Double-Ended PWM Controller
October, 2012 ??Rev. 9
MC34025 ONSEMI-MC34025_12 Datasheet
499Kb / 20P
   High Speed Double-Ended PWM Controller
October, 2012 ??Rev. 9
MC34025 ONSEMI-MC34025 Datasheet
516Kb / 20P
   High Speed Double-Ended PWM Controller
1996 REV 1
logo
Texas Instruments
UC1823AJ883B TI-UC1823AJ883B Datasheet
456Kb / 9P
[Old version datasheet]   High Speed PWM Controller
UC3823N TI-UC3823N Datasheet
2Mb / 13P
[Old version datasheet]   HIGH SPEED PWM CONTROLLER
UC3824DW TI1-UC3824DW Datasheet
704Kb / 14P
[Old version datasheet]   HIGH SPEED PWM CONTROLLER
UCC3829-1 TI1-UCC3829-1 Datasheet
196Kb / 11P
[Old version datasheet]   High Speed PWM Controller
UC1823 TI-UC1823 Datasheet
409Kb / 7P
[Old version datasheet]   High Speed PWM Controller
UC1823A TI-UC1823A Datasheet
303Kb / 15P
[Old version datasheet]   High Speed PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com