Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SNC82030 Fiches technique(PDF) 3 Page - SONiX Technology Company

No de pièce SNC82030
Description  12-Channel MIDI/Speech Controller
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SONIX [SONiX Technology Company]
Site Internet  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SNC82030 Fiches technique(HTML) 3 Page - SONiX Technology Company

  SNC82030 Datasheet HTML 1Page - SONiX Technology Company SNC82030 Datasheet HTML 2Page - SONiX Technology Company SNC82030 Datasheet HTML 3Page - SONiX Technology Company SNC82030 Datasheet HTML 4Page - SONiX Technology Company SNC82030 Datasheet HTML 5Page - SONiX Technology Company SNC82030 Datasheet HTML 6Page - SONiX Technology Company SNC82030 Datasheet HTML 7Page - SONiX Technology Company SNC82030 Datasheet HTML 8Page - SONiX Technology Company SNC82030 Datasheet HTML 9Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
SNC82030
12-Channel MIDI/Speech Controller
Ver: 1.5
Sep. 8, 2006
3
1 INTRODUCTION
The SNC82030 is a single chip 12-channel MIDI compatible wave-table/voice
synthesizer. Equipped with a powerful 8-bit controller and 16 I/O pins, it provides a
low-cost MIDI sound system solution. It’s low power consumption and operating range
makes it ideal for all battery operated devices using MIDI or voice synthesis.
2 FEATURES
Single Power Supply 2.4V – 5.5V
Powerful Built-in 8-bit Controller
16 I/O ports totally
384*8 bits RAM
Maximum 64k program ROM
96K*12 shared ROM for program and voice data
Readable ROM code data
12-voice Polyphony through a high-quality speech synthesizer
Mark Event Supported in both Wave and Melody.
Individual adaptive playing speed from 4k-64kHz for all 12 channels
Automatic repetition for each channel
Volume modulation controlled by embedded multiplier
One built-in 10-bit current mode DA converter
Analog Direct Drive speaker circuit.
System clock: 16.384M Hz (RC-type or Crystal Option)
2 MIPS CPU power free to user
Low Voltage Reset


Numéro de pièce similaire - SNC82030

FabricantNo de pièceFiches techniqueDescription
logo
SONiX Technology Compan...
SNC82020 SONIX-SNC82020 Datasheet
121Kb / 13P
   12-Channel MIDI/Speech Controller
SNC82040 SONIX-SNC82040 Datasheet
121Kb / 13P
   12-Channel MIDI/Speech Controller
SNC82060 SONIX-SNC82060 Datasheet
121Kb / 13P
   12-Channel MIDI/Speech Controller
SNC82085 SONIX-SNC82085 Datasheet
121Kb / 13P
   12-Channel MIDI/Speech Controller
More results

Description similaire - SNC82030

FabricantNo de pièceFiches techniqueDescription
logo
SONiX Technology Compan...
SNC82268 SONIX-SNC82268 Datasheet
121Kb / 13P
   12-Channel MIDI/Speech Controller
SNC82085 SONIX-SNC82085 Datasheet
121Kb / 13P
   12-Channel MIDI/Speech Controller
SNC82340 SONIX-SNC82340 Datasheet
121Kb / 13P
   12-Channel MIDI/Speech Controller
SNC82168 SONIX-SNC82168 Datasheet
121Kb / 13P
   12-Channel MIDI/Speech Controller
SNC82040 SONIX-SNC82040 Datasheet
121Kb / 13P
   12-Channel MIDI/Speech Controller
SNC82120 SONIX-SNC82120 Datasheet
121Kb / 13P
   12-Channel MIDI/Speech Controller
SNC82020 SONIX-SNC82020 Datasheet
121Kb / 13P
   12-Channel MIDI/Speech Controller
SNC82060 SONIX-SNC82060 Datasheet
121Kb / 13P
   12-Channel MIDI/Speech Controller
SNC88060 SONIX-SNC88060 Datasheet
123Kb / 14P
   24-Channel MIDI/Speech Controller
SNC88168 SONIX-SNC88168 Datasheet
123Kb / 14P
   24-Channel MIDI/Speech Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com