Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC14598B Fiches technique(PDF) 2 Page - ON Semiconductor

No de pièce MC14598B
Description  8?묪it Bus?묬ompatible Latches
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC14598B Fiches technique(HTML) 2 Page - ON Semiconductor

  MC14598B_06 Datasheet HTML 1Page - ON Semiconductor MC14598B_06 Datasheet HTML 2Page - ON Semiconductor MC14598B_06 Datasheet HTML 3Page - ON Semiconductor MC14598B_06 Datasheet HTML 4Page - ON Semiconductor MC14598B_06 Datasheet HTML 5Page - ON Semiconductor MC14598B_06 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MC14598B
http://onsemi.com
2
PIN ASSIGNMENT
NC
DATA
RESET
D0
VSS
A1
A0
STROBE
ENABLE
D3
D2
D1
VDD
A2
D7
D6
D5
D4
14
15
16
17
18
10
11
12
13
5
4
3
2
1
9
8
7
6
BLOCK DIAGRAM
1
17
16
15
14
13
12
11
D0
D1
D2
D3
D4
D5
D6
D7
ENABLE
4
THREE
STATE
OUTPUT
BUFFERS
8
LATCHES
ADDRESS
DECODER
VDD = 18
VSS = 9
2
3
6
RESET
DATA
STROBE
A0
A1
A2
7
8
10
ELECTRICAL CHARACTERISTICS (Voltages Referenced to VSS)
Characteristic
Symbol
VDD
Vdc
− 55
_C
25
_C
125
_C
Unit
Min
Max
Min
Typ
(Note 2)
Max
Min
Max
Output Voltage
“0” Level
Vin = VDD or 0
VOL
5.0
10
15
0.05
0.05
0.05
0
0
0
0.05
0.05
0.05
0.05
0.05
0.05
Vdc
“1” Level
Vin = 0 or VDD
VOH
5.0
10
15
4.95
9.95
14.95
4.95
9.95
14.95
5.0
10
15
4.95
9.95
14.95
Vdc
Input Voltage (Note 3), Enable
“0” Level
(VO = 4.5 or 0.5 Vdc)
(VO = 9.0 or 1.0 Vdc)
(VO = 13.5 or 1.5 Vdc)
VIL
5.0
10
15
0.8
1.6
2.4
1.1
2.2
3.4
0.8
1.6
2.4
0.8
1.6
2.4
Vdc
“1” Level
(VO = 0.5 or 4.5 Vdc)
(VO = 1.0 or 9.0 Vdc)
(VO = 1.5 or 13.5 Vdc)
VIH
5.0
10
15
2.0
6.0
10
2.0
6.0
10
1.9
3.1
4.3
2.0
6.0
10
Vdc
Input Voltage
“0” Level
Other Inputs
(VO = 4.5 or 0.5 Vdc)
(VO = 9.0 or 1.0 Vdc)
(VO = 13.5 or 1.5 Vdc)
VIL
5.0
10
15
1.5
3.0
4.0
2.25
4.50
6.75
1.5
3.0
4.0
1.5
3.0
4.0
Vdc
(VO = 0.5 or 4.5 Vdc)
“1” Level
(VO = 1.0 or 9.0 Vdc)
(VO = 1.5 or 13.5 Vdc)
VIH
5.0
10
15
3.5
7.0
11
3.5
7.0
11
2.75
5.50
8.25
3.5
7.0
11
Vdc
Output Drive Current
Source
(Full — Sink Only)
(VOH = 4.6 Vdc)
(VOH = 9.5 Vdc)
(VOH = 13.5 Vdc)
IOH
5.0
10
1 5
–1.0
–1.0
–2.0
–6.0
–12
–1.0
mAdc
(VOL = 0.4 Vdc)
Sink
(VOL = 0.5 Vdc)
(VOL = 1.5 Vdc)
IOL
5.0
10
15
1.6
1.6
3.2
6.0
12
1.6
mAdc
Input Current
Iin
15
±0.1
±0.00001
±0.1
±1.0
mAdc
3−State Leakage Current
ITL
15
±0.1
±0.00001
±0.1
±3.0
mAdc
Input Capacitance (Vin = 0)
Cin
5.0
7.5
pF
Quiescent Current (Per Package)
IDD
5.0
10
15
5.0
10
20
0.005
0.010
0.015
5.0
10
20
150
300
600
mAdc
Total Supply Current at an External Load
Capacitance of 130 pF (Note 3)
IT
5.0
10
IT = (2.0 mA/kHz) f + IDD
IT = (4.0 mA/kHz) f + IDD
IT = (6.0 mA/kHz) f + IDD
mAdc
2. Data labelled “Typ” is not to be used for design purposes but is intended as an indication of the IC’s potential performance.
3. The formulas given are for the typical characteristics only at 25
_C.


Numéro de pièce similaire - MC14598B_06

FabricantNo de pièceFiches techniqueDescription
logo
Motorola, Inc
MC14598BCL MOTOROLA-MC14598BCL Datasheet
265Kb / 9P
   8-BIT BUS-COMPATIBLE LATCHES
MC14598BCP MOTOROLA-MC14598BCP Datasheet
265Kb / 9P
   8-BIT BUS-COMPATIBLE LATCHES
More results

Description similaire - MC14598B_06

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MC14099B ONSEMI-MC14099B_05 Datasheet
101Kb / 8P
   8?묪it Addressable Latches
August, 2005 ??Rev. 6
74FST3244 ONSEMI-74FST3244_06 Datasheet
199Kb / 7P
   8?묪it Bus Switch
June, 2006 ??Rev. 2
74FST3345 ONSEMI-74FST3345_06 Datasheet
189Kb / 6P
   8?묪it Bus Switch
June, 2006 ??Rev. 2
74FST3245 ONSEMI-74FST3245_06 Datasheet
189Kb / 6P
   8?묪it Bus Switch
June, 2006 ??Rev. 2
logo
Motorola, Inc
MC14597B MOTOROLA-MC14597B Datasheet
265Kb / 9P
   8-BIT BUS-COMPATIBLE LATCHES
logo
ON Semiconductor
74FST3861 ONSEMI-74FST3861 Datasheet
193Kb / 6P
   10?묪it Bus Switch
June, 2006 ??Rev. 6
MC74VHCT259A ONSEMI-MC74VHCT259A Datasheet
116Kb / 9P
   8?묪it Addressable Latch/1?뭥f?? Decoder CMOS Logic Level Shifter with LSTTL?묬ompatible Inputs
January, 2006 ??Rev. 4
74FST3125 ONSEMI-74FST3125_06 Datasheet
196Kb / 7P
   4?묪it Bus Switch
June, 2006 ??Rev. 3
74FST3126 ONSEMI-74FST3126_06 Datasheet
195Kb / 7P
   4?묪it Bus Switch
June, 2006 ??Rev. 2
logo
NXP Semiconductors
74F842 PHILIPS-74F842 Datasheet
103Kb / 12P
   Bus interface latches
2004 Jan 23
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com