Moteur de recherche de fiches techniques de composants électroniques |
|
MC14584B Fiches technique(PDF) 2 Page - ON Semiconductor |
|
MC14584B Fiches technique(HTML) 2 Page - ON Semiconductor |
2 / 8 page MC14584B http://onsemi.com 2 PIN ASSIGNMENT 11 12 13 14 8 9 10 5 4 3 2 1 7 6 OUT 5 IN 5 OUT 6 IN 6 VDD OUT 4 IN 4 OUT 2 IN 2 OUT 1 IN 1 VSS OUT 3 IN 3 LOGIC DIAGRAM 13 11 9 5 3 1 12 10 8 6 4 2 VDD = PIN 14 VSS = PIN 7 EQIVALENT CIRCUIT SCHEMATIC (1/6 OF CIRCUIT SHOWN) ORDERING INFORMATION Device Package Shipping† MC14584BCP PDIP−14 25 Units / Rail MC14584BCPG PDIP−14 (Pb−Free) MC14584BD SOIC−14 55 Units / Rail MC14584BDG SOIC−14 (Pb−Free) MC14584BDR2 SOIC−14 2500 / Tape & Reel MC14584BDR2G SOIC−14 (Pb−Free) MC14584BDTR2 TSSOP−14* MC14584BDTR2G TSSOP−14* MC14584BF SOEIAJ−14 50 Units / Rail MC14584BFG SOEIAJ−14 (Pb−Free) MC14584BFEL SOEIAJ−14 2000 / Tape & Reel MC14584BFELG SOEIAJ−14 (Pb−Free) †For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging Specifications Brochure, BRD8011/D. *This package is inherently Pb−Free. |
Numéro de pièce similaire - MC14584B |
|
Description similaire - MC14584B |