Moteur de recherche de fiches techniques de composants électroniques |
|
MC14538BDWR2G Fiches technique(PDF) 6 Page - ON Semiconductor |
|
MC14538BDWR2G Fiches technique(HTML) 6 Page - ON Semiconductor |
6 / 12 page MC14538B http://onsemi.com 6 Figure 4. Switching Test Waveforms RESET A B tPLH Q Q 50% tWH 90% 10% tTLH tTHL tWL tTHL tPHL tTHL 90% 10% 50% T 50% 50% 50% 90% 10% tPLH tTHL tTLH tPHL tWL 50% 90% 10% tPHL tPHL tTLH tTHL tPLH 50% 50% 90% 10% 50% 50% 50% trr 50% VDD VDD VDD tTLH Figure 5. Typical Normalized Distribution of Units for Output Pulse Width Figure 6. Typical Pulse Width Variation as a Function of Supply Voltage VDD 0 0.2 0.4 0.6 0.8 1.0 −4 −2 0 2 4 T, OUTPUT PULSE WIDTH (%) 2 1 0 1 2 15 14 13 12 11 10 9 8 7 6 5 VDD, SUPPLY VOLTAGE (VOLTS) TA = 25°C RX = 100 kW CX = 0.1 mF 0% POINT PULSE WIDTH VDD = 5.0 V, T = 9.8 ms VDD = 10 V, T = 10 ms VDD = 15 V, T = 10.2 ms RX = 100 kW CX = 0.1 mF Figure 7. Typical Total Supply Current versus Output Duty Cycle 1000 100 10 1.0 0.1 0.001 0.1 1.0 10 100 OUTPUT DUTY CYCLE (%) RX = 100 kW, CL = 50 pF ONE MONOSTABLE SWITCHING ONLY VDD = 15 V 10 V 5.0 V FUNCTION TABLE Inputs Outputs Reset A B Q Q H H H L H L Not Triggered H H Not Triggered H L, H, H Not Triggered H L L, H, Not Triggered L X X L H X X Not Triggered |
Numéro de pièce similaire - MC14538BDWR2G |
|
Description similaire - MC14538BDWR2G |