Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC14528BDR2 Fiches technique(PDF) 2 Page - ON Semiconductor

No de pièce MC14528BDR2
Description  Dual Monostable Multivibrator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC14528BDR2 Fiches technique(HTML) 2 Page - ON Semiconductor

  MC14528BDR2 Datasheet HTML 1Page - ON Semiconductor MC14528BDR2 Datasheet HTML 2Page - ON Semiconductor MC14528BDR2 Datasheet HTML 3Page - ON Semiconductor MC14528BDR2 Datasheet HTML 4Page - ON Semiconductor MC14528BDR2 Datasheet HTML 5Page - ON Semiconductor MC14528BDR2 Datasheet HTML 6Page - ON Semiconductor MC14528BDR2 Datasheet HTML 7Page - ON Semiconductor MC14528BDR2 Datasheet HTML 8Page - ON Semiconductor MC14528BDR2 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
MC14528B
http://onsemi.com
2
RESET 1
RESET 2
VDD
VDD
Q1
Q1
Q2
Q2
A1
B1
A2
B2
CX1
CX2
RX2
RX1
12
4
5
3
6
7
14
15
12
11
13
10
9
VDD = PIN 16
VSS = PIN 1, PIN 8, PIN 15
RX AND CX ARE EXTERNAL COMPONENTS
100 ns 1 ms
10 ms 100 ms 1 ms 10 ms 100 ms
1 s
10 s
MC14528B
MC14536B
MC14538B
MC14541B
MC4538A*
23 HR
5 MIN
TOTAL OUTPUT PULSE WIDTH RANGE
RECOMMENDED PULSE WIDTH RANGE
*LIMITED OPERATING VOLTAGE (2−6 V)
ONE−SHOT SELECTION GUIDE
BLOCK DIAGRAM
PIN ASSIGNMENT
13
14
15
16
9
10
11
12
5
4
3
2
1
8
7
6
A2
RESET 2
CX2/RX2
VSS
VDD
Q2
Q2
B2
A1
RESET 1
CX1/RX1
VSS
VSS
Q1
Q1
B1
FUNCTION TABLE
Inputs
Outputs
Reset
A
B
Q
Q
H
H
H
L
H
L
Not Triggered
H
H
Not Triggered
H
L, H,
H
Not Triggered
H
L
L, H,
Not Triggered
L
X
X
L
H
X
X
Not Triggered


Numéro de pièce similaire - MC14528BDR2

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MC14528BDR2 ONSEMI-MC14528BDR2 Datasheet
210Kb / 12P
   Dual Monostable Multivibrator
March, 2000 ??Rev. 3
MC14528BDR2G ONSEMI-MC14528BDR2G Datasheet
129Kb / 8P
   Dual Monostable Multivibrato
July, 2014 ??Rev. 9
More results

Description similaire - MC14528BDR2

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
CD4528BM NSC-CD4528BM Datasheet
171Kb / 8P
   Dual Monostable Multivibrator
logo
Integral Corp.
IN74HC221A INTEGRAL-IN74HC221A Datasheet
283Kb / 7P
   DUAL MONOSTABLE MULTIVIBRATOR
logo
NXP Semiconductors
HEF4528B PHILIPS-HEF4528B_15 Datasheet
180Kb / 17P
   Dual monostable multivibrator
Rev. 7-22 November 2011
logo
Nexperia B.V. All right...
HEF4528B-Q100 NEXPERIA-HEF4528B-Q100 Datasheet
203Kb / 15P
   Dual monostable multivibrator
HEF4528B NEXPERIA-HEF4528B Datasheet
237Kb / 13P
   Dual monostable multivibrator
Rev. 11 - 4 March 2022
logo
NXP Semiconductors
HEF4528B NXP-HEF4528B Datasheet
440Kb / 16P
   Dual monostable multivibrator
Rev. 06-27 November 2009
logo
Toshiba Semiconductor
TC74HC221AP TOSHIBA-TC74HC221AP_07 Datasheet
478Kb / 13P
   Dual Monostable Multivibrator
TC74VHC123AF TOSHIBA-TC74VHC123AF_07 Datasheet
318Kb / 15P
   Dual Monostable Multivibrator
logo
STMicroelectronics
HCF4098B STMICROELECTRONICS-HCF4098B_01 Datasheet
233Kb / 10P
   DUAL MONOSTABLE MULTIVIBRATOR
logo
IK Semicon Co., Ltd
IN74HC221A IKSEMICON-IN74HC221A Datasheet
398Kb / 7P
   Dual Monostable Multivibrator
logo
Toshiba Semiconductor
TC74VHC123AF TOSHIBA-TC74VHC123AF_12 Datasheet
287Kb / 14P
   Dual Monostable Multivibrator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com