Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC14052B Fiches technique(PDF) 3 Page - ON Semiconductor

No de pièce MC14052B
Description  Analog Multiplexers/Demultiplexers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC14052B Fiches technique(HTML) 3 Page - ON Semiconductor

  MC14052B Datasheet HTML 1Page - ON Semiconductor MC14052B Datasheet HTML 2Page - ON Semiconductor MC14052B Datasheet HTML 3Page - ON Semiconductor MC14052B Datasheet HTML 4Page - ON Semiconductor MC14052B Datasheet HTML 5Page - ON Semiconductor MC14052B Datasheet HTML 6Page - ON Semiconductor MC14052B Datasheet HTML 7Page - ON Semiconductor MC14052B Datasheet HTML 8Page - ON Semiconductor MC14052B Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
MC14051B, MC14052B, MC14053B
http://onsemi.com
3
ELECTRICAL CHARACTERISTICS
Characteristic
Symbol
VDD
Test Conditions
− 55
_C
25
_C
125
_C
Unit
Min
Max
Min
Typ
(Note 2)
Max
Min
Max
SUPPLY REQUIREMENTS (Voltages Referenced to VEE)
Power Supply Voltage
Range
VDD
VDD – 3.0 ≥ VSS
VEE
3.0
18
3.0
18
3.0
18
V
Quiescent Current Per
Package
IDD
5.0
10
15
Control Inputs:
Vin = VSS or VDD,
Switch I/O: VEE v VI/O v
VDD, and DVswitch v
500 mV (Note 3)
5.0
10
20
0.005
0.010
0.015
5.0
10
20
150
300
600
mA
Total Supply Current
(Dynamic Plus
Quiescent, Per Package
ID(AV)
5.0
10
15
TA = 25_C only (The
channel component,
(Vin – Vout)/Ron, is
not included.)
(0.07
mA/kHz) f + IDD
Typical
(0.20
mA/kHz) f + IDD
(0.36
mA/kHz) f + IDD
mA
CONTROL INPUTS — INHIBIT, A, B, C (Voltages Referenced to VSS)
Low−Level Input Voltage
VIL
5.0
10
15
Ron = per spec,
Ioff = per spec
1.5
3.0
4.0
2.25
4.50
6.75
1.5
3.0
4.0
1.5
3.0
4.0
V
High−Level Input Voltage
VIH
5.0
10
15
Ron = per spec,
Ioff = per spec
3.5
7.0
11
3.5
7.0
11
2.75
5.50
8.25
3.5
7.0
11
V
Input Leakage Current
Iin
15
Vin = 0 or VDD
± 0.1
±0.00001 ± 0.1
1.0
mA
Input Capacitance
Cin
5.0
7.5
pF
SWITCHES IN/OUT AND COMMONS OUT/IN — X, Y, Z (Voltages Referenced to VEE)
Recommended
Peak−to−Peak Voltage
Into or Out of the Switch
VI/O
Channel On or Off
0
VDD
0
VDD
0
VDD
VPP
Recommended Static or
Dynamic Voltage Across
the Switch (Note 3)
(Figure 5)
DVswitch
Channel On
0
600
0
600
0
300
mV
Output Offset Voltage
VOO
Vin = 0 V, No Load
10
mV
ON Resistance
Ron
5.0
10
15
DVswitch v 500 mV
(Note 3) Vin = VIL or VIH
(Control), and Vin =
0 to VDD (Switch)
800
400
220
250
120
80
1050
500
280
1200
520
300
W
DON Resistance Between
Any Two Channels in the
Same Package
DRon
5.0
10
15
70
50
45
25
10
10
70
50
45
135
95
65
W
Off−Channel Leakage
Current (Figure 10)
Ioff
15
Vin = VIL or VIH
(Control) Channel to
Channel or Any One
Channel
± 100
± 0.05
± 100
±1000
nA
Capacitance, Switch I/O
CI/O
Inhibit = VDD
10
pF
Capacitance, Common O/I
CO/I
Inhibit = VDD
(MC14051B)
(MC14052B)
(MC14053B)
60
32
17
pF
Capacitance, Feedthrough
(Channel Off)
CI/O
Pins Not Adjacent
Pins Adjacent
0.15
0.47
pF
2. Data labeled “Typ” is not to be used for design purposes, but is intended as an indication of the IC’s potential performance.
3. For voltage drops across the switch (
DVswitch) > 600 mV ( > 300 mV at high temperature), excessive VDD current may be drawn, i.e. the
current out of the switch may contain both VDD and switch input components. The reliability of the device will be unaffected unless the
Maximum Ratings are exceeded. (See first page of this data sheet.)


Numéro de pièce similaire - MC14052B

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MC14052B ONSEMI-MC14052B Datasheet
183Kb / 12P
   Analog Multiplexers/Demultiplexers
February, 2005 ??Rev. 6
MC14052BCP ONSEMI-MC14052BCP Datasheet
183Kb / 12P
   Analog Multiplexers/Demultiplexers
February, 2005 ??Rev. 6
MC14052BCPG ONSEMI-MC14052BCPG Datasheet
183Kb / 12P
   Analog Multiplexers/Demultiplexers
February, 2005 ??Rev. 6
MC14052BD ONSEMI-MC14052BD Datasheet
183Kb / 12P
   Analog Multiplexers/Demultiplexers
February, 2005 ??Rev. 6
MC14052BDG ONSEMI-MC14052BDG Datasheet
183Kb / 12P
   Analog Multiplexers/Demultiplexers
February, 2005 ??Rev. 6
More results

Description similaire - MC14052B

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MC14067B ONSEMI-MC14067B_11 Datasheet
134Kb / 9P
   Analog Multiplexers/Demultiplexers
June, 2011 ??Rev. 7
MC74VHC4051 ONSEMI-MC74VHC4051_14 Datasheet
159Kb / 16P
   Analog Multiplexers / Demultiplexers
September, 2014 ??Rev. 7
MC14067B ONSEMI-MC14067B_05 Datasheet
124Kb / 10P
   Analog Multiplexers / Demultiplexers
February, 2005 ??Rev. 5
MC74HC4051A ONSEMI-MC74HC4051A Datasheet
400Kb / 16P
   Analog Multiplexers/Demultiplexers
March, 2000 ??Rev. 1
MC74HCT4051A ONSEMI-MC74HCT4051A_11 Datasheet
207Kb / 16P
   Analog Multiplexers / Demultiplexers
June, 2011 ??Rev. 2
MC74HCT4851A ONSEMI-MC74HCT4851A_16 Datasheet
139Kb / 14P
   Analog Multiplexers/ Demultiplexers
August, 2016 ??Rev. 8
MC74HC4051A ONSEMI-MC74HC4051A_16 Datasheet
180Kb / 17P
   Analog Multiplexers/ Demultiplexers
March, 2016 ??Rev. 8
logo
Motorola, Inc
MC54HC4051A MOTOROLA-MC54HC4051A Datasheet
188Kb / 15P
   ANALOG MULTIPLEXERS/ DEMULTIPLEXERS
logo
ON Semiconductor
MC74HC4053ADTR2G ONSEMI-MC74HC4053ADTR2G Datasheet
222Kb / 17P
   Analog Multiplexers Demultiplexers
February, 2013 ??Rev. 6
MC74VHC4051 ONSEMI-MC74VHC4051 Datasheet
341Kb / 16P
   Analog Multiplexers/Demultiplexers
March, 2000 ??Rev. 3
logo
STMicroelectronics
HCC4051B STMICROELECTRONICS-HCC4051B Datasheet
366Kb / 17P
   ANALOG MULTIPLEXERS-DEMULTIPLEXERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com