Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC120932MNR4 Fiches technique(PDF) 3 Page - ON Semiconductor

No de pièce MC120932MNR4
Description  /2,/4,/8 1.1 GHz Low Power Prescaler with Stand?묪y Mode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC120932MNR4 Fiches technique(HTML) 3 Page - ON Semiconductor

  MC120932MNR4 Datasheet HTML 1Page - ON Semiconductor MC120932MNR4 Datasheet HTML 2Page - ON Semiconductor MC120932MNR4 Datasheet HTML 3Page - ON Semiconductor MC120932MNR4 Datasheet HTML 4Page - ON Semiconductor MC120932MNR4 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
MC12093
http://onsemi.com
3
Table 4. ELECTRICAL CHARACTERISTICS (VCC = 2.7 to 5.5 V; TA = −40 to 85°C)
Symbol
Characteristic
Min
Typ
Max
Unit
ft
Toggle Frequency (Sine Wave)
0.1
1.4
1.1
GHz
ICC
Supply Current
3.0
4.5
mA
ISB
Stand−By Current
120
200
mA
VIH1
Stand−By Input HIGH (SB)
2.0
VCC
V
VIL1
Stand−By Input LOW (SB)
Gnd
0.8
V
VIH2
Divide Ratio Control Input HIGH (SW1 & SW2)
VCC − 0.5
VCC
VCC + 0.5
V
VIL2
Divide Ratio Control Input LOW (SW1 & SW2)
OPEN
OPEN
OPEN
VOUT
Output Voltage Swing (2.0 pF Load)
Output Frequency 12.5−350 MHz (Note 1)
Output Frequency 350−400 MHz (Note 2)
Output Frequency 400−450 MHz (Note 3)
Output Frequency 450−550 MHz (Note 4)
0.6
0.5
0.4
0.3
0.80
0.70
0.55
0.45
Vpp
VIN
Input Voltage Sensitivity
250−1100 MHz
100−250 MHz
100
400
1000
1000
mVpp
1. Input frequency 1.1 GHz, ÷8, minimum output frequency of 12.5 MHz.
2. Input frequency 700−800 MHz, ÷2.
3. Input frequency 800−900 MHz, ÷2.
4. Input frequency 900−1100 MHz, ÷2.
ORDERING INFORMATION
Device
Package
Shipping
MC12093D
SOIC−8
98 Units / Rail
MC12093DG
SOIC−8
(Pb−Free)
98 Units / Rail
MC12093DR2
SOIC−8
2500 / Tape & Reel
MC12093DR2G
SOIC−8
(Pb−Free)
2500 / Tape & Reel
MC120932MNR4
DFN8
1000 / Tape & Reel
MC12093MNR4G
DFN8
(Pb−Free)
1000 / Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.


Numéro de pièce similaire - MC120932MNR4

FabricantNo de pièceFiches techniqueDescription
logo
Motorola, Inc
MC12093 MOTOROLA-MC12093 Datasheet
244Kb / 3P
   /2,/4,/8 1.1GHz Low Power Prescaler with Stand-By Mode
logo
ON Semiconductor
MC12093 ONSEMI-MC12093 Datasheet
144Kb / 5P
   1.1 GHz Low Power Prescaler with Stand?륛y Mode
August, 2016 ??Rev. 8
logo
Motorola, Inc
MC12093D MOTOROLA-MC12093D Datasheet
244Kb / 3P
   /2,/4,/8 1.1GHz Low Power Prescaler with Stand-By Mode
logo
ON Semiconductor
MC12093DG ONSEMI-MC12093DG Datasheet
144Kb / 5P
   1.1 GHz Low Power Prescaler with Stand?륛y Mode
August, 2016 ??Rev. 8
MC12093DR2G ONSEMI-MC12093DR2G Datasheet
144Kb / 5P
   1.1 GHz Low Power Prescaler with Stand?륛y Mode
August, 2016 ??Rev. 8
More results

Description similaire - MC120932MNR4

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MC12095 ONSEMI-MC12095_06 Datasheet
133Kb / 8P
   2.5 GHz Low Power Prescaler With Stand?묪y Mode
January, 2006 ??Rev. 6
MC12093 ONSEMI-MC12093_16 Datasheet
144Kb / 5P
   1.1 GHz Low Power Prescaler with Stand?륛y Mode
August, 2016 ??Rev. 8
logo
Motorola, Inc
MC12053A MOTOROLA-MC12053A Datasheet
252Kb / 5P
   1.1 GHz Super Low Power Dual Modulus Prescaler With Stand-By Mode
MC12093 MOTOROLA-MC12093 Datasheet
244Kb / 3P
   /2,/4,/8 1.1GHz Low Power Prescaler with Stand-By Mode
MC12095 MOTOROLA-MC12095 Datasheet
250Kb / 5P
   2.5 GHz Low Power Prescaler With Stand-By Mode
logo
ON Semiconductor
MC12095 ONSEMI-MC12095 Datasheet
43Kb / 8P
   2.5 GHz Low Power Prescaler With Stand-By Mode
November, 2001 ??Rev. 5
MC12080 ONSEMI-MC12080_13 Datasheet
107Kb / 4P
   1.1 GHz Prescaler
May, 2013 ??Rev. 7
MC12080 ONSEMI-MC12080_06 Datasheet
123Kb / 4P
   1.1 GHz Prescaler
January, 2006 ??Rev. 6
logo
LANSDALE Semiconductor ...
ML12038 LANSDALE-ML12038 Datasheet
616Kb / 5P
   1.1 GHz Low Power Dual Modulus Prescaler
ML12038 LANSDALE-ML12038_08 Datasheet
464Kb / 5P
   1.1 GHz Low Power Dual Modulus Prescaler
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com