Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC10192FN Fiches technique(PDF) 1 Page - ON Semiconductor

No de pièce MC10192FN
Description  Quad Bus Driver
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10192FN Fiches technique(HTML) 1 Page - ON Semiconductor

  MC10192FN Datasheet HTML 1Page - ON Semiconductor MC10192FN Datasheet HTML 2Page - ON Semiconductor MC10192FN Datasheet HTML 3Page - ON Semiconductor MC10192FN Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© Semiconductor Components Industries, LLC, 2002
January, 2002 – Rev. 7
1
Publication Order Number:
MC10192/D
MC10192
Quad Bus Driver
The MC10192 contains four line drivers with complementary
outputs. Each driver has a Data (D) input and shares an Enable (E)
input with another driver. The two driver outputs are the uncommitted
collectors of a pair of NPN transistors operating as a current switch.
Each driver accepts 10K MECL input signals and provides a nominal
signal swing of 800 mV across a 50
Ω load at each output collector.
Outputs can drive higher values of load resistance, provided that the
combination of IR drop and load return voltage VLR does not cause an
output collector to go more negative than –2.4 V with respect to VCC.
To avoid output transistor breakdown, the load return voltage should
not be more positive than +5.5 V with respect to VCC. When the E
input is high, both output transistors of a driver are nonconducting.
When not used, the E inputs, as well as the D inputs, may be left open.
Open Collector Outputs Drive Terminated Lines or
Transformers
50 kW Input Pulldown Resistors on All Inputs (Unused
Inputs May Be Left Open)
Power Dissipation = 575 mW typ/pkg (No Load)
Propagation Delay = 3.5 ns typ (E — Output)
3.0 ns typ (D — Output)
LOGIC DIAGRAM
VCC = PIN 16
VEE = PIN 8
E1 7
D1
D2
D3
D4
E2
5
6
10
11
9
3
4
1
2
15
14
13
12
Z1
Z1
Z2
Z2
Z3
Z3
Z4
Z4
TRUTH TABLE
Inputs
Output
E
D
Z
Z
H
X
H
H
L
H
H
L
L
L
L
H
Note: Unused outputs must be terminated
to VCC for proper operation.
http://onsemi.com
Device
Package
Shipping
ORDERING INFORMATION
MC10192L
CDIP–16
25 Units / Rail
MC10192P
PDIP–16
25 Units / Rail
MC10192FN
PLCC–20
46 Units / Rail
MARKING
DIAGRAMS
1
16
A
= Assembly Location
WL = Wafer Lot
YY = Year
WW = Work Week
CDIP–16
L SUFFIX
CASE 620
MC10192L
AWLYYWW
PDIP–16
P SUFFIX
CASE 648
PLCC–20
FN SUFFIX
CASE 775
10192
AWLYYWW
1
1
16
MC10192P
AWLYYWW
DIP PIN ASSIGNMENT
Z2
Z2
Z1
Z1
D1
D2
E1
VEE
VCC
Z3
Z3
Z4
Z4
D4
D3
E2
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
Pin assignment is for Dual–in–Line Package.
For PLCC pin assignment, see the Pin Conversion Tables
on page 18 of the ON Semiconductor MECL Data Book
(DL122/D).


Numéro de pièce similaire - MC10192FN

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MC10192 ONSEMI-MC10192 Datasheet
102Kb / 4P
   Quad Bus Driver
1996 REV 5
More results

Description similaire - MC10192FN

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MC10192 ONSEMI-MC10192 Datasheet
102Kb / 4P
   Quad Bus Driver
1996 REV 5
logo
Advanced Micro Devices
AM8T28 AMD-AM8T28 Datasheet
292Kb / 5P
   Schottky Three-State Quad Bus Driver/Receiver
logo
Maxim Integrated Produc...
MAX9129 MAXIM-MAX9129 Datasheet
378Kb / 13P
   Quad Bus LVDS Driver with Flow-Through Pinout
Rev 0; 8/01
logo
ON Semiconductor
MC10H330 ONSEMI-MC10H330_06 Datasheet
150Kb / 5P
   Quad Bus Driver/Receiver with 2?뭪o?? Output Multiplexers
February, 2006 ??Rev. 7
MC10H334 ONSEMI-MC10H334 Datasheet
105Kb / 4P
   Quad Bus Driver/Receiver with Transmit and Receiver Latches
1996 REV 5
MC10H334 ONSEMI-MC10H334_06 Datasheet
135Kb / 5P
   Quad Bus Driver/Receiver with Transmit and Receiver Latches
February, 2006 ??Rev. 7
logo
Toshiba Semiconductor
TC74VHC125F TOSHIBA-TC74VHC125F Datasheet
243Kb / 7P
   QUAD BUS BUFFER
logo
ON Semiconductor
MC74VHC125 ONSEMI-MC74VHC125 Datasheet
164Kb / 8P
   Quad Bus Buffer
April, 2000 ??Rev. 2
MC74VHC126 ONSEMI-MC74VHC126 Datasheet
163Kb / 8P
   Quad Bus Buffer
April, 2000 ??Rev. 1
MC74VHCT126A ONSEMI-MC74VHCT126A_16 Datasheet
98Kb / 6P
   Quad Bus Buffer
October, 2016 ??Rev. 11
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com