Moteur de recherche de fiches techniques de composants électroniques |
|
MC10178 Fiches technique(PDF) 2 Page - ON Semiconductor |
|
MC10178 Fiches technique(HTML) 2 Page - ON Semiconductor |
2 / 8 page MC10178 http://onsemi.com 2 ELECTRICAL CHARACTERISTICS Test Limits Pin Under –30 °C +25 °C +85 °C Characteristic Symbol Under Test Min Max Min Typ Max Min Max Unit Power Supply Drain Current IE 8 97 88 97 mAdc Input Current IinH 12 11 9 390 350 650 245 220 410 245 220 410 µAdc IinL * 0.5 0.5 0.3 µAdc Output Voltage Logic 1 VOH 14 15 –1.060 –1.060 –0.890 –0.890 –0.960 –0.960 –0.810 –0.810 –0.890 –0.890 –0.700 –0.700 Vdc Output Voltage Logic 0 VOL 14 15 –1.890 –1.890 –1.675 –1.675 –1.850 –1.850 –1.650 –1.650 –1.825 –1.825 –1.615 –1.615 Vdc Threshold Voltage Logic 1 VOHA 3 14 15 –1.080 –1.080 –1.080 –0.980 –0.980 –0.980 –0.910 –0.910 –0.910 Vdc Threshold Voltage Logic 0 VOLA 3 14 15 –1.655 –1.655 –1.655 –1.630 –1.630 –1.630 –1.595 –1.595 –1.595 Vdc Switching Times (50 Ω Load) ns Propagation Clock Input Delay t12+15+ t12–13– t12+4– t12–3+ 15 13 4 3 1.4 1.9 2.9 3.9 5.0 9.4 12.3 14.9 1.5 2.0 3.0 4.0 3.5 6.0 8.5 11.0 4.8 9.2 12.0 14.5 1.5 2.0 3.0 4.0 5.3 9.8 12.8 15.5 Rise Time (20 to 80%) t15+ 15 1.1 4.7 1.1 2.5 4.5 1.1 5.0 Fall Time (20 to 80%) t15– 15 1.1 4.7 1.1 2.5 4.5 1.1 5.0 Set Input Reset Input t11–15+ t9–15+ 15 15 1.4 1.4 5.2 5.2 1.5 1.5 5.0 5.0 1.5 1.5 5.5 5.5 Counting Frequency fcount 15 125 125 150 125 MHz * Individually test each input applying VIL to input under test. |
Numéro de pièce similaire - MC10178_02 |
|
Description similaire - MC10178_02 |