Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CAT25C256LA-GT2 Fiches technique(PDF) 6 Page - Catalyst Semiconductor

No de pièce CAT25C256LA-GT2
Description  128K/256K-Bit SPI Serial CMOS EEPROM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CATALYST [Catalyst Semiconductor]
Site Internet  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT25C256LA-GT2 Fiches technique(HTML) 6 Page - Catalyst Semiconductor

Back Button CAT25C256LA-GT2 Datasheet HTML 2Page - Catalyst Semiconductor CAT25C256LA-GT2 Datasheet HTML 3Page - Catalyst Semiconductor CAT25C256LA-GT2 Datasheet HTML 4Page - Catalyst Semiconductor CAT25C256LA-GT2 Datasheet HTML 5Page - Catalyst Semiconductor CAT25C256LA-GT2 Datasheet HTML 6Page - Catalyst Semiconductor CAT25C256LA-GT2 Datasheet HTML 7Page - Catalyst Semiconductor CAT25C256LA-GT2 Datasheet HTML 8Page - Catalyst Semiconductor CAT25C256LA-GT2 Datasheet HTML 9Page - Catalyst Semiconductor CAT25C256LA-GT2 Datasheet HTML 10Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
CAT25C128/256
6
Document No. 1018, Rev. I
Protected
Unprotected
Status
WPEN
WP
WP
WP
WP
WP
WEL
Blocks
Blocks
Register
0
X
0
Protected
Protected
Protected
0
X
1
Protected
Writable
Writable
1
Low
0
Protected
Protected
Protected
1
Low
1
Protected
Writable
Protected
X
High
0
Protected
Protected
Protected
X
High
1
Protected
Writable
Writable
WRITE PROTECT ENABLE OPERATION
WP
WP
WP
WP
WP: Write Protect
WP is the Write Protect pin. The Write Protect pin will
allow normal read/write operations when held high.
When
WP is tied low and the WPEN bit in the status
register is set to “1”, all write operations to the status
register are inhibited.
WP going low while CS is still low
will interrupt a write to the status register. If the internal
write cycle has already been initiated,
WP going low will
have no effect on any write operation to the status
register. The
WP pin function is blocked when the WPEN
bit is set to 0.
HOLD
HOLD
HOLD
HOLD
HOLD: Hold
The
HOLD pin is used to pause transmission to the
CAT25C128/256 while in the middle of a serial sequence
without having to re-transmit entire sequence at a later
time. To pause,
HOLD must be brought low while SCK is
low. The SO pin is in a high impedance state during the
time the part is paused, and transitions on the SI pins will
be ignored. To resume communication,
HOLD is brought
high, while SCK is low.
(HOLD should be held high any
time this function is not being used.)
HOLD may be tied
high directly to Vcc or tied to Vcc through a resistor. Figure
9 illustrates hold timing sequence.
STATUS REGISTER
The Status Register indicates the status of the device.
The
RDY (Ready) bit indicates whether the CAT25C128/
256 is busy with a write operation. When set to 1 a write
cycle is in progress and when set to 0 the device
indicates it is ready. This bit is read only.
The WEL (Write Enable) bit indicates the status of the
write enable latch . When set to 1, the device is in a Write
Enable state and when set to 0 the device is in a Write
Disable state. The WEL bit can only be set by the WREN
instruction and can be reset by the WRDI instruction.
The BP0 and BP1 (Block Protect) bits indicate which
blocks are currently protected. These bits are set by the
user issuing the WRSR instruction. The user is allowed
to protect quarter of the memory, half of the memory or
the entire memory by setting these bits. Once protected
the user may only read from the protected portion of the
array. These bits are non-volatile.
Status Register Bits
Array Address
Protection
BP1
BP0
Protected
0
0
None
No Protection
0
1
25C128: 3000-3FFF
Quarter Array Protection
25C256: 6000-7FFF
1
0
25C128: 2000-3FFF
Half Array Protection
25C256: 4000-7FFF
1
1
25C128: 0000-3FFF
Full Array Protection
25C256: 0000-7FFF
BLOCK PROTECTION BITS
76543210
WPEN
X
X
X
BP1
BP0
WEL
RDY
STATUS REGISTER


Numéro de pièce similaire - CAT25C256LA-GT2

FabricantNo de pièceFiches techniqueDescription
logo
Catalyst Semiconductor
CAT25C256 CATALYST-CAT25C256 Datasheet
60Kb / 11P
   128K/256K-Bit SPI Serial CMOS E2PROM
CAT25C256K-1.8TE13 CATALYST-CAT25C256K-1.8TE13 Datasheet
60Kb / 11P
   128K/256K-Bit SPI Serial CMOS E2PROM
CAT25C256K-TE13 CATALYST-CAT25C256K-TE13 Datasheet
60Kb / 11P
   128K/256K-Bit SPI Serial CMOS E2PROM
CAT25C256KA-1.8TE13 CATALYST-CAT25C256KA-1.8TE13 Datasheet
60Kb / 11P
   128K/256K-Bit SPI Serial CMOS E2PROM
CAT25C256KA-TE13 CATALYST-CAT25C256KA-TE13 Datasheet
60Kb / 11P
   128K/256K-Bit SPI Serial CMOS E2PROM
More results

Description similaire - CAT25C256LA-GT2

FabricantNo de pièceFiches techniqueDescription
logo
Catalyst Semiconductor
CAT25C128 CATALYST-CAT25C128 Datasheet
60Kb / 11P
   128K/256K-Bit SPI Serial CMOS E2PROM
logo
E-CMOS Corporation
EC24C128A E-CMOS-EC24C128A Datasheet
583Kb / 16P
   128K/256K-bit 2-WIRE SERIAL CMOS EEPROM
logo
Integrated Silicon Solu...
IS24L128 ISSI-IS24L128 Datasheet
117Kb / 15P
   128K-bit/ 256K-bit 2-WIRE SERIAL CMOS EEPROM
IS24C128A ISSI-IS24C128A Datasheet
125Kb / 17P
   128K-bit/ 256K-bit 2-WIRE SERIAL CMOS EEPROM
IS25C128 ISSI-IS25C128 Datasheet
137Kb / 17P
   128K-bit/ 256K-bit SPI SERIAL ELECTRICALLY ERASABLE PROM
logo
Catalyst Semiconductor
CAT24WC129 CATALYST-CAT24WC129_04 Datasheet
585Kb / 9P
   128K-Bit I2C Serial CMOS EEPROM
CAT24FC256 CATALYST-CAT24FC256_05 Datasheet
641Kb / 12P
   256K-Bit I2C Serial CMOS EEPROM
CAT24FC256 CATALYST-CAT24FC256 Datasheet
421Kb / 12P
   256K-Bit I2C Serial CMOS EEPROM
CAT24WC256 CATALYST-CAT24WC256 Datasheet
406Kb / 10P
   256K-Bit I2C Serial CMOS EEPROM
logo
Samsung semiconductor
S524AD0XD1 SAMSUNG-S524AD0XD1 Datasheet
123Kb / 16P
   128K/256K-bit Serial EEPROM for Low Power
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com