Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CAT1161LI-42T2 Fiches technique(PDF) 6 Page - Catalyst Semiconductor

No de pièce CAT1161LI-42T2
Description  Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CATALYST [Catalyst Semiconductor]
Site Internet  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT1161LI-42T2 Fiches technique(HTML) 6 Page - Catalyst Semiconductor

Back Button CAT1161LI-42T2 Datasheet HTML 2Page - Catalyst Semiconductor CAT1161LI-42T2 Datasheet HTML 3Page - Catalyst Semiconductor CAT1161LI-42T2 Datasheet HTML 4Page - Catalyst Semiconductor CAT1161LI-42T2 Datasheet HTML 5Page - Catalyst Semiconductor CAT1161LI-42T2 Datasheet HTML 6Page - Catalyst Semiconductor CAT1161LI-42T2 Datasheet HTML 7Page - Catalyst Semiconductor CAT1161LI-42T2 Datasheet HTML 8Page - Catalyst Semiconductor CAT1161LI-42T2 Datasheet HTML 9Page - Catalyst Semiconductor CAT1161LI-42T2 Datasheet HTML 10Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
CAT1161, CAT1162
© 2007 Catalyst Semiconductor, Inc.
6
Doc. No. 3002 Rev. F
Characteristics subject to change without notice
Hardware Data Protection
The CAT1161/2 is designed with the following
hardware data protection features to provide a high
degree of data integrity.
(1) The CAT1161/2 features a WP pin. When the WP
pin is tied high the entire memory array becomes
write protected (read only).
(2) The VCC sense provides write protection when VCC
falls below the reset threshold value (VTH). The
VCC lock out inhibits writes to the serial EEPROM
whenever VCC falls below (power down) VTH or
until VCC reaches the reset threshold (power up)
VTH. Any attempt to access the internal EEPROM
is not recognized and an ACK will not be sent on
the SDA line when RESET or RESET
¯¯¯¯¯¯ is active.
Reset Threshold Voltage
The CAT1161/2 is offered with five reset threshold
voltage ranges. They are 4.50 ÷ 4.75V, 4.25 ÷ 4.50V,
3.00 ÷ 3.15V, 2.85 ÷ 3.00V and 2.55 ÷ 2.70V.
Figure 2. Bus Timing
Figure 3. Write Cycle Timing
Figure 4. Start/Stop Timing
tHIGH
SCL
SDA IN
SDA OUT
tLOW
tF
tLOW
tR
tBUF
tSU:STO
tSU:DAT
tHD:DAT
tHD:STA
tSU:STA
tAA
tDH
tWR
STOP
CONDITION
START
CONDITION
ADDRESS
ACK
8TH BIT
BYTE n
SCL
SDA
START BIT
SDA
STOP BIT
SCL


Numéro de pièce similaire - CAT1161LI-42T2

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
CAT1161LI-42-G ONSEMI-CAT1161LI-42-G Datasheet
193Kb / 14P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer (16K)
Doc. No. MD-3002 Rev. I
CAT1161LI-42-G ONSEMI-CAT1161LI-42-G Datasheet
163Kb / 13P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer (16K)null
July, 2012 ??Rev. 12
CAT1161LI-42-G ONSEMI-CAT1161LI-42-G Datasheet
163Kb / 13P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer (16K)
July, 2012 ??Rev. 12
CAT1161LI-42-G ONSEMI-CAT1161LI-42-G Datasheet
163Kb / 13P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer (16K)
July, 2012 ??Rev. 12
logo
Catalyst Semiconductor
CAT1161LI-42-GT3 CATALYST-CAT1161LI-42-GT3 Datasheet
211Kb / 14P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer (16K)
More results

Description similaire - CAT1161LI-42T2

FabricantNo de pièceFiches techniqueDescription
logo
Catalyst Semiconductor
CAT1161 CATALYST-CAT1161 Datasheet
69Kb / 12P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer
CAT1163 CATALYST-CAT1163_07 Datasheet
150Kb / 14P
   Supervisory Circuits with I2C Serial Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer
logo
ON Semiconductor
CAT1161PI-42 ONSEMI-CAT1161PI-42 Datasheet
163Kb / 13P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer (16K)
July, 2012 ??Rev. 12
CAT1161 ONSEMI-CAT1161 Datasheet
193Kb / 14P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer (16K)
Doc. No. MD-3002 Rev. I
CAT1163 ONSEMI-CAT1163 Datasheet
239Kb / 14P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer (16K)
Doc. No. MD-3003 Rev. I
logo
Catalyst Semiconductor
CAT1161_0711 CATALYST-CAT1161_0711 Datasheet
211Kb / 14P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer (16K)
logo
ON Semiconductor
CAT1161JI-30 ONSEMI-CAT1161JI-30 Datasheet
163Kb / 13P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer (16K)
July, 2012 ??Rev. 12
logo
Catalyst Semiconductor
CAT1163_0711 CATALYST-CAT1163_0711 Datasheet
211Kb / 14P
   Supervisory Circuits with I2C Serial Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer (16K)
CAT1163 CATALYST-CAT1163 Datasheet
69Kb / 12P
   Supervisory Circuit with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer
logo
ON Semiconductor
CAT1161JI-28 ONSEMI-CAT1161JI-28 Datasheet
163Kb / 13P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer (16K)null
July, 2012 ??Rev. 12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com