Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CAT25C256Y20IT3 Fiches technique(PDF) 7 Page - Catalyst Semiconductor

No de pièce CAT25C256Y20IT3
Description  128K/256K-Bit SPI Serial CMOS EEPROM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CATALYST [Catalyst Semiconductor]
Site Internet  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT25C256Y20IT3 Fiches technique(HTML) 7 Page - Catalyst Semiconductor

Back Button CAT25C256Y20IT3 Datasheet HTML 3Page - Catalyst Semiconductor CAT25C256Y20IT3 Datasheet HTML 4Page - Catalyst Semiconductor CAT25C256Y20IT3 Datasheet HTML 5Page - Catalyst Semiconductor CAT25C256Y20IT3 Datasheet HTML 6Page - Catalyst Semiconductor CAT25C256Y20IT3 Datasheet HTML 7Page - Catalyst Semiconductor CAT25C256Y20IT3 Datasheet HTML 8Page - Catalyst Semiconductor CAT25C256Y20IT3 Datasheet HTML 9Page - Catalyst Semiconductor CAT25C256Y20IT3 Datasheet HTML 10Page - Catalyst Semiconductor CAT25C256Y20IT3 Datasheet HTML 11Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
CAT25C128/256
Document No. 1018, Rev. I
The WPEN (Write Protect Enable) is an enable bit for the
WP pin. The WP pin and WPEN bit in the status register
control the programmable hardware write protect fea-
ture. Hardware write protection is enabled when
WP is
low and WPEN bit is set to high. The user cannot write
to the status register (including the block protect bits and
the WPEN bit) and the block protected sections in the
memory array when the chip is hardware write pro-
tected. Only the sections of the memory array that are
not block protected can be written. Hardware write
protection is disabled when either WP pin is high or the
WPEN bit is zero.
DEVICE OPERATION
Write Enable and Disable
The CAT25C128/256 contains a write enable latch. This
latch must be set before any write operation. The device
powers up in a write disable state when Vcc is applied.
WREN instruction will enable writes (set the latch) to the
device. WRDI instruction will disable writes (reset the
latch) to the device. Disabling writes will protect the
device against inadvertent writes.
READ Sequence
The part is selected by pulling
CS low. The 8-bit read
instruction is transmitted to the CAT25C128/256, followed
by the 16-bit address(the three Most Significant Bit is
don’t care for 25C256 and four most significant bits are
don't care for 25C128).
After the correct read instruction and address are sent,
the data stored in the memory at the selected address is
shifted out on the SO pin. The data stored in the memory
at the next address can be read sequentially by continuing
to provide clock pulses. The internal address pointer is
automatically incremented to the next higher address
after each byte of data is shifted out. When the highest
address (7FFFh for 25C256 and 3FFFh for 25C128) is
reached, the address counter rolls over to 0000h allowing
the read cycle to be continued indefinitely. The
readoperation is terminated by pulling the
CS high.
SK
SI
CS
SO
00000
11
0
HIGH IMPEDANCE
Figure 2. WREN Instruction Timing
SK
SI
CS
SO
00000
10
0
HIGH IMPEDANCE
Note: Dashed Line= mode (1, 1) — — — —
Figure 3. WRDI Instruction Timing


Numéro de pièce similaire - CAT25C256Y20IT3

FabricantNo de pièceFiches techniqueDescription
logo
Catalyst Semiconductor
CAT25C256 CATALYST-CAT25C256 Datasheet
60Kb / 11P
   128K/256K-Bit SPI Serial CMOS E2PROM
CAT25C256K-1.8TE13 CATALYST-CAT25C256K-1.8TE13 Datasheet
60Kb / 11P
   128K/256K-Bit SPI Serial CMOS E2PROM
CAT25C256K-TE13 CATALYST-CAT25C256K-TE13 Datasheet
60Kb / 11P
   128K/256K-Bit SPI Serial CMOS E2PROM
CAT25C256KA-1.8TE13 CATALYST-CAT25C256KA-1.8TE13 Datasheet
60Kb / 11P
   128K/256K-Bit SPI Serial CMOS E2PROM
CAT25C256KA-TE13 CATALYST-CAT25C256KA-TE13 Datasheet
60Kb / 11P
   128K/256K-Bit SPI Serial CMOS E2PROM
More results

Description similaire - CAT25C256Y20IT3

FabricantNo de pièceFiches techniqueDescription
logo
Catalyst Semiconductor
CAT25C128 CATALYST-CAT25C128 Datasheet
60Kb / 11P
   128K/256K-Bit SPI Serial CMOS E2PROM
logo
E-CMOS Corporation
EC24C128A E-CMOS-EC24C128A Datasheet
583Kb / 16P
   128K/256K-bit 2-WIRE SERIAL CMOS EEPROM
logo
Integrated Silicon Solu...
IS24L128 ISSI-IS24L128 Datasheet
117Kb / 15P
   128K-bit/ 256K-bit 2-WIRE SERIAL CMOS EEPROM
IS24C128A ISSI-IS24C128A Datasheet
125Kb / 17P
   128K-bit/ 256K-bit 2-WIRE SERIAL CMOS EEPROM
IS25C128 ISSI-IS25C128 Datasheet
137Kb / 17P
   128K-bit/ 256K-bit SPI SERIAL ELECTRICALLY ERASABLE PROM
logo
Catalyst Semiconductor
CAT24WC129 CATALYST-CAT24WC129_04 Datasheet
585Kb / 9P
   128K-Bit I2C Serial CMOS EEPROM
CAT24FC256 CATALYST-CAT24FC256_05 Datasheet
641Kb / 12P
   256K-Bit I2C Serial CMOS EEPROM
CAT24FC256 CATALYST-CAT24FC256 Datasheet
421Kb / 12P
   256K-Bit I2C Serial CMOS EEPROM
CAT24WC256 CATALYST-CAT24WC256 Datasheet
406Kb / 10P
   256K-Bit I2C Serial CMOS EEPROM
logo
Samsung semiconductor
S524AD0XD1 SAMSUNG-S524AD0XD1 Datasheet
123Kb / 16P
   128K/256K-bit Serial EEPROM for Low Power
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com