Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CAT24WC04GZATE13F Fiches technique(PDF) 1 Page - Catalyst Semiconductor

No de pièce CAT24WC04GZATE13F
Description  1K/2K/4K/8K/16K-Bit Serial EEPROM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CATALYST [Catalyst Semiconductor]
Site Internet  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT24WC04GZATE13F Fiches technique(HTML) 1 Page - Catalyst Semiconductor

  CAT24WC04GZATE13F Datasheet HTML 1Page - Catalyst Semiconductor CAT24WC04GZATE13F Datasheet HTML 2Page - Catalyst Semiconductor CAT24WC04GZATE13F Datasheet HTML 3Page - Catalyst Semiconductor CAT24WC04GZATE13F Datasheet HTML 4Page - Catalyst Semiconductor CAT24WC04GZATE13F Datasheet HTML 5Page - Catalyst Semiconductor CAT24WC04GZATE13F Datasheet HTML 6Page - Catalyst Semiconductor CAT24WC04GZATE13F Datasheet HTML 7Page - Catalyst Semiconductor CAT24WC04GZATE13F Datasheet HTML 8Page - Catalyst Semiconductor CAT24WC04GZATE13F Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
© 2005 by Catalyst Semiconductor, Inc.
Characteristics subject to change without notice
1
CAT24WC01/02/04/08/16
1K/2K/4K/8K/16K-Bit Serial EEPROM
Doc. No. 1022, Rev. N
* Catalyst Semiconductor is licensed by Philips Corporation to carry the I2C Bus Protocol.
PIN CONFIGURATION
BLOCK DIAGRAM
PIN FUNCTIONS
Pin Name
Function
A0, A1, A2
Device Address Inputs
SDA
Serial Data/Address
SCL
Serial Clock
WP
Write Protect
VCC
+1.8V to +5.5V Power Supply
VSS
Ground
DIP Package (P, L, GL)
SOIC Package (J, W, GW)
5020 FHD F01
FEATURES
I 400 kHz I2C Bus Compatible*
I 1.8 to 5.5Volt Operation
I Low Power CMOS Technology
I Write Protect Feature
— Entire Array Protected When WP at V
IH
I Page Write Buffer
I Self-Timed Write Cycle with Auto-Clear
I 1,000,000 Program/Erase Cycles
I 100 Year Data Retention
I 8-pin DIP, SOIC, TSSOP and MSOP packages
- "Green" package option available
I Commercial, Industrial, Automotive and
Extended Temperature Ranges
DESCRIPTION
The CAT24WC01/02/04/08/16 is a 1K/2K/4K/8K/16K-
bit Serial CMOS EEPROM internally organized as 128/
256/512/1024/2048 words of 8 bits each. Catalyst’s
advanced CMOS technology substantially reduces de-
vice power requirements. The the CAT24WC01/02/04/
08/16 feature a 16-byte page write buffer. The device
operates via the I2C bus serial interface, has a special
write protection feature, and is available in 8-pin DIP,
SOIC, TSSOP and MSOP packages.
TSSOP Package (U, Y, GY)
(MSOP and TSSOP available for CAT24WC01,
CAT24WC02 and CAT24WC04 only)
DOUT
ACK
SENSE AMPS
SHIFT REGISTERS
CONTROL
LOGIC
WORD ADDRESS
BUFFERS
START/STOP
LOGIC
STATE COUNTERS
SLAVE
ADDRESS
COMPARATORS
E2PROM
VCC
EXTERNAL LOAD
COLUMN
DECODERS
XDEC
DATA IN STORAGE
HIGH VOLTAGE/
TIMING CONTROL
VSS
WP
SCL
A0
A1
A2
SDA
A2
A0
A1
VSS
1
2
3
4
8
7
6
5
VCC
WP
SCL
SDA
A0
VCC
WP
SCL
SDA
1
2
3
4
8
7
6
5
A1
A2
VSS
MSOP Package (R, Z, GZ)
8
7
6
5
VCC
WP
SCL
SDA
A2
A0
A1
VSS
1
2
3
4
VCC
SCL
SDA
1
2
3
4
8
7
6
5
VSS
A2
A0
A1
WP


Numéro de pièce similaire - CAT24WC04GZATE13F

FabricantNo de pièceFiches techniqueDescription
logo
Catalyst Semiconductor
CAT24WC04 CATALYST-CAT24WC04 Datasheet
45Kb / 9P
   1K/2K/4K/8K/16K-Bit Serial E2PROM
CAT24WC04 CATALYST-CAT24WC04 Datasheet
2Mb / 14P
   Serial EEPROM
CAT24WC04J-1.8TE13F CATALYST-CAT24WC04J-1.8TE13F Datasheet
45Kb / 9P
   1K/2K/4K/8K/16K-Bit Serial E2PROM
CAT24WC04J-TE13F CATALYST-CAT24WC04J-TE13F Datasheet
45Kb / 9P
   1K/2K/4K/8K/16K-Bit Serial E2PROM
CAT24WC04JA-1.8TE13F CATALYST-CAT24WC04JA-1.8TE13F Datasheet
45Kb / 9P
   1K/2K/4K/8K/16K-Bit Serial E2PROM
More results

Description similaire - CAT24WC04GZATE13F

FabricantNo de pièceFiches techniqueDescription
logo
Samsung semiconductor
S524C20D11 SAMSUNG-S524C20D11 Datasheet
145Kb / 20P
   1K/2K/4K/8K-bit Serial EEPROM
logo
Catalyst Semiconductor
CAT25C11 CATALYST-CAT25C11 Datasheet
79Kb / 12P
   1K/2K/4K/8K/16K SPI Serial CMOS EEPROM
CAT24WC01 CATALYST-CAT24WC01 Datasheet
45Kb / 9P
   1K/2K/4K/8K/16K-Bit Serial E2PROM
CAT24C08 CATALYST-CAT24C08 Datasheet
310Kb / 8P
   1K/2K/4K/8K/16K-Bit Serial E2PROM
CAT25C03 CATALYST-CAT25C03_05 Datasheet
305Kb / 12P
   1K/2K/4K/8K/16K SPI Serial CMOS EEPROM
logo
List of Unclassifed Man...
TMC93LC46 ETC-TMC93LC46 Datasheet
1Mb / 15P
   1K/2K/2K/4K/16K-Bit Microwire Serial EEPROM
24A01 ETC2-24A01 Datasheet
1Mb / 24P
   1K/2K/4K/8K/16K-bit Serial EEPROM for Low Power
logo
Samsung semiconductor
S524A40X11 SAMSUNG-S524A40X11 Datasheet
124Kb / 16P
   1K/2K/4K/8K/16K-bit Serial EEPROM for Low Power
logo
Integrated Silicon Solu...
IS24C01 ISSI-IS24C01 Datasheet
85Kb / 13P
   1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM
IS24C02A ISSI-IS24C02A Datasheet
158Kb / 21P
   1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com