Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CAT28C65BKA-90T Fiches technique(PDF) 5 Page - Catalyst Semiconductor

No de pièce CAT28C65BKA-90T
Description  64K-Bit CMOS PARALLEL EEPROM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CATALYST [Catalyst Semiconductor]
Site Internet  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT28C65BKA-90T Fiches technique(HTML) 5 Page - Catalyst Semiconductor

  CAT28C65BKA-90T Datasheet HTML 1Page - Catalyst Semiconductor CAT28C65BKA-90T Datasheet HTML 2Page - Catalyst Semiconductor CAT28C65BKA-90T Datasheet HTML 3Page - Catalyst Semiconductor CAT28C65BKA-90T Datasheet HTML 4Page - Catalyst Semiconductor CAT28C65BKA-90T Datasheet HTML 5Page - Catalyst Semiconductor CAT28C65BKA-90T Datasheet HTML 6Page - Catalyst Semiconductor CAT28C65BKA-90T Datasheet HTML 7Page - Catalyst Semiconductor CAT28C65BKA-90T Datasheet HTML 8Page - Catalyst Semiconductor CAT28C65BKA-90T Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
CAT28C65B
5
Doc. No. 1009, Rev. E
A.C. CHARACTERISTICS, Read Cycle
VCC = 5V
±10%, unless otherwise specified.
28C65B-90
28C65B-12
28C65B-15
Symbol
Parameter
Min.
Max.
Min.
Max.
Min.
Max.
Units
tRC
Read Cycle Time
90
120
150
ns
tCE
CE Access Time
90
120
150
ns
tAA
Address Access Time
90
120
150
ns
tOE
OE Access Time
50
60
70
ns
tLZ(1)
CE Low to Active Output
0
0
0
ns
tOLZ(1)
OE Low to Active Output
0
0
0
ns
tHZ(1)(2)
CE High to High-Z Output
50
50
50
ns
tOHZ(1)(2)
OE High to High-Z Output
50
50
50
ns
tOH(1)
Output Hold from Address Change
0
0
0
ns
Figure 1. A.C. Testing Input/Output Waveform(3)
INPUT PULSE LEVELS
REFERENCE POINTS
2.0 V
0.8 V
2.4 V
0.45 V
1.3V
DEVICE
UNDER
TEST
1N914
3.3K
CL = 100 pF
OUT
CL INCLUDES JIG CAPACITANCE
Figure 2. A.C. Testing Load Circuit (example)
Note:
(1) This parameter is tested initially and after a design or process change that affects the parameter.
(2) Output floating (High-Z) is defined as the state when the external data line is no longer driven by the output buffer.
(3) Input rise and fall times (10% and 90%) < 10 ns.


Numéro de pièce similaire - CAT28C65BKA-90T

FabricantNo de pièceFiches techniqueDescription
logo
Catalyst Semiconductor
CAT28C65BKA-12T CATALYST-CAT28C65BKA-12T Datasheet
60Kb / 11P
   64K-Bit CMOS PARALLEL E2PROM
CAT28C65BKA-15T CATALYST-CAT28C65BKA-15T Datasheet
60Kb / 11P
   64K-Bit CMOS PARALLEL E2PROM
More results

Description similaire - CAT28C65BKA-90T

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
CAT28C64BL12 ONSEMI-CAT28C64BL12 Datasheet
78Kb / 13P
   64K-Bit CMOS PARALLEL EEPROM
Doc. No. MD-1011, Rev. I
CAT28C64B ONSEMI-CAT28C64B Datasheet
93Kb / 13P
   64K-Bit CMOS PARALLEL EEPROM
Doc. No. MD-1011, Rev. I
CAT28C64BN-20 ONSEMI-CAT28C64BN-20 Datasheet
78Kb / 13P
   64K-Bit CMOS PARALLEL EEPROM
Doc. No. MD-1011, Rev. I
CAT28C64BP-20 ONSEMI-CAT28C64BP-20 Datasheet
93Kb / 13P
   64K-Bit CMOS PARALLEL EEPROM
Doc. No. MD-1011, Rev. I
CAT28C65BP12 ONSEMI-CAT28C65BP12 Datasheet
81Kb / 13P
   64K-Bit CMOS PARALLEL EEPROM
Doc. No. MD-1009, Rev. H
logo
Catalyst Semiconductor
CAT28LV65 CATALYST-CAT28LV65_05 Datasheet
74Kb / 12P
   64K-Bit CMOS PARALLEL EEPROM
CAT28C64B CATALYST-CAT28C64B_05 Datasheet
415Kb / 13P
   64K-Bit CMOS PARALLEL EEPROM
logo
Seiko Instruments Inc
S-2860B SII-S-2860B Datasheet
971Kb / 18P
   CMOS 64K-bit PARALLEL EEPROM
logo
Catalyst Semiconductor
28LV64 CATALYST-28LV64 Datasheet
527Kb / 12P
   64K-Bit CMOS PARALLEL EEPROM
logo
ON Semiconductor
CAT28C64BJ-20 ONSEMI-CAT28C64BJ-20 Datasheet
78Kb / 13P
   64K-Bit CMOS PARALLEL EEPROM
Doc. No. MD-1011, Rev. I
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com