Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BY459-1500S Fiches technique(PDF) 3 Page - NXP Semiconductors

No de pièce BY459-1500S
Description  Damper diode fast, high-voltage
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BY459-1500S Fiches technique(HTML) 3 Page - NXP Semiconductors

  BY459-1500S Datasheet HTML 1Page - NXP Semiconductors BY459-1500S Datasheet HTML 2Page - NXP Semiconductors BY459-1500S Datasheet HTML 3Page - NXP Semiconductors BY459-1500S Datasheet HTML 4Page - NXP Semiconductors BY459-1500S Datasheet HTML 5Page - NXP Semiconductors BY459-1500S Datasheet HTML 6Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Philips Semiconductors
Product specification
Damper diode
BY459-1500, BY459-1500S
fast, high-voltage
Fig.1. Definition of Vfr and tfr
Fig.2. Definition of t
rr and Qs
Fig.3. Basic horizontal deflection circuit.
Fig.4. Maximum allowable pulse width t
p versus line
frequency; Basic horizontal deflection circuit.
Fig.5. BY459-1500 Typical and maximum forward
characteristic I
F = f(VF); parameter Tj
Fig.6. BY459-1500S Typical and maximum forward
characteristic I
F = f(VF); parameter Tj
time
time
V F
V
fr
V F
I
F
10%
5V / 2V
tfr
10
100
1
10
100
BY459X-1500
line frequency / kHz
Maximum pulse width / us
V
time
VRRM
width tp
period T
pulse
100%
time
dI
dt
F
I
R
I
F
trr
25%
Qs
0
1
2
BY459
VF / V
IF / A
30
20
10
0
0.5
1.5
max
typ
Tj = 125 C
Tj = 25 C
Line output transformer
VCC
D1
LY
Cs
Cf
deflection transistor
0
0.5
1
1.5
2
0
10
20
30
VF / V
IF / A
Tj = 125 C
Tj = 25 C
max
typ
BY459S
September 1998
3
Rev 1.100


Numéro de pièce similaire - BY459-1500S

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
BY459-1500S PHILIPS-BY459-1500S Datasheet
38Kb / 6P
   Damper diode fast, high-voltage
September 1998 Rev 1.100
More results

Description similaire - BY459-1500S

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
BY329X-1500 PHILIPS-BY329X-1500 Datasheet
38Kb / 6P
   Damper diode fast, high-voltage
September 1998 Rev 1.100
BY359F-1500 PHILIPS-BY359F-1500 Datasheet
37Kb / 5P
   Damper diode fast, high-voltage
September 1998 Rev 1.300
BY559X-1500U PHILIPS-BY559X-1500U Datasheet
20Kb / 4P
   Damper diode fast, high-voltage
September 1998 Rev 1.100
logo
Frontier Electronics.
BY329X-1500 FRONTIER-BY329X-1500 Datasheet
62Kb / 2P
   DAMPER DIODE FAST , HIGH VOLTAGE
logo
NXP Semiconductors
BY329-1700S PHILIPS-BY329-1700S Datasheet
33Kb / 5P
   Damper diode fast, high-voltage
September 1998 Rev 1.100
BY359-1500 PHILIPS-BY359-1500 Datasheet
38Kb / 5P
   Damper diode fast, high-voltage
September 1998 Rev 1.300
BY459DX-1500 PHILIPS-BY459DX-1500 Datasheet
40Kb / 6P
   Damper diode fast, high-voltage
August 1998 Rev 1.100
BY459X-1500 PHILIPS-BY459X-1500 Datasheet
40Kb / 6P
   Damper diode fast, high-voltage
August 1998 Rev 1.000
BY479X-1700 PHILIPS-BY479X-1700 Datasheet
42Kb / 6P
   Damper diode fast, high-voltage
September 1998 Rev 1.200
BY559-1500U PHILIPS-BY559-1500U Datasheet
15Kb / 3P
   Damper diode fast, high-voltage
September 1998 Rev 1.100
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com