Moteur de recherche de fiches techniques de composants électroniques |
|
CAT25C16LE-1.8T3 Fiches technique(PDF) 8 Page - Catalyst Semiconductor |
|
CAT25C16LE-1.8T3 Fiches technique(HTML) 8 Page - Catalyst Semiconductor |
8 / 16 page 8 CAT25C08/16 Doc. No. 1016, Rev. C © 2006 by Catalyst Semiconductor, Inc. Characteristics subject to change without notice SCK SI SO 00 00 00 10 D7 D6 D5 D4 D3 D2 D1 D0 012345678 21 22 23 24 25 26 27 28 29 30 31 CS OPCODE *Please check the Byte Address Table DATA IN HIGH IMPEDANCE BYTE ADDRESS* * AN A0 Figure 6. Write Instruction Timing Byte Write Once the device is in a Write Enable state, the user may proceed with a write sequence by setting the CS low, issuing a write instruction via the SI line, followed by the 16-bit address for 25C08/16. (only 10-bit addresses are used for 25C08, 11-bit addresses are used for 25C16. The rest of the bits are don't care bits). Programming will start after the CS is brought high. Figure 6 illustrates byte write sequence. During an internal write cycle, all commands will be ignored except the RDSR (Read Status Register) instruction. The Status Register can be read to determine if the write cycle is still in progress. If Bit 0 of the Status Register is set at 1, write cycle is in progress. If Bit 0 is set at 0, the device is ready for the next instruction Page Write The CAT25C08/16 features page write capability. After the initial byte, the host may continue to write up to 32 Note: Dashed Line= mode (1, 1) – –––– bytes. After each byte of data received, lower order address bits are internally incremented by one; the high order bits of address will remain constant.The only restriction is that the 32 bytes must reside on the same page. If the address counter reaches the end of the page and clock continues, the counter will “roll over” to the first address of the page and overwrite any data that may have been written. The CAT25C08/16 is automati- cally returned to the write disable state at the completion of the write cycle. Figure 8 illustrates the page write sequence. To write to the status register, the WRSR instruction should be sent. Only Bit 2, Bit 3 and Bit 7 of the status register can be written using the WRSR instruction. Figure 7 illustrates the sequence of writing to status register. Figure 5. RDSR Instruction Timing Note: Dashed Line= mode (1, 1) – –––– 0 1 2 345 67 8 10 911 12 13 14 SCK SI DATA OUT MSB HIGH IMPEDANCE OPCODE SO 7 6 5 4 3 2 1 0 CS 00 0 00 1 0 1 |
Numéro de pièce similaire - CAT25C16LE-1.8T3 |
|
Description similaire - CAT25C16LE-1.8T3 |