Moteur de recherche de fiches techniques de composants électroniques |
|
CAT25C32LS-1.8TE13 Fiches technique(PDF) 10 Page - Catalyst Semiconductor |
|
CAT25C32LS-1.8TE13 Fiches technique(HTML) 10 Page - Catalyst Semiconductor |
10 / 11 page 10 CAT25C32/64 Doc. No. 1001, Rev. G Notes: (1) The device used in the above example is a 25C64SI-1.8TE13 (SOIC, Industrial Temperature, 1.8 Volt to 6 Volt Operating Voltage, Tape & Reel) ORDERING INFORMATION Package P = 8-Pin PDIP S = 8-Pin SOIC U14= 14-Pin TSSOP U20 = 20-Pin TSSOP Prefix Device # Suffix 25C64 S I TE13 Product Number 25C32: 32K 25C64: 64K Tape & Reel TE13: 2000/Reel Operating Voltage Blank = 2.5 to 6.0V 1.8 = 1.8 to 6.0V -1.8 CAT Temperature Range Blank = Commercial (0 °C to +70°C) I = Industrial (-40 °C to +85°C) A = Automotive (-40 °C to +105°C) Optional Company ID L = PDIP (Lead free, Halogen free) V = SOIC, JEDEC (Lead free, Halogen free) Y14 = TSSOP (Lead free, Halogen free) Y20 = TSSOP (Lead free, Halogen free) E = Extended (-40 °C to +125°C) |
Numéro de pièce similaire - CAT25C32LS-1.8TE13 |
|
Description similaire - CAT25C32LS-1.8TE13 |