Moteur de recherche de fiches techniques de composants électroniques |
|
CAT24FC01ZITE13 Fiches technique(PDF) 9 Page - Catalyst Semiconductor |
|
CAT24FC01ZITE13 Fiches technique(HTML) 9 Page - Catalyst Semiconductor |
9 / 10 page Discontinued Part CAT24FC01 9 Doc No. 1073, Rev. G © 2005 by Catalyst Semiconductor, Inc. Characteristics subject to change without notice ORDERING INFORMATION Notes: (1) The device used in the above example is a CAT24FC01JI-TE13 REV-E (SOIC, Industrial Temperature, 2.5 Volt to 5.5 Volt Operating Voltage, Tape & Reel) Prefix Device # Suffix 24FC01 J I TE13 Product Number Tape & Reel Package P: PDIP J: SOIC, JEDEC R: MSOP U: TSSOP REV-E Die Revision: E, F CAT Temperature Range I = Indust ri Optional Company ID L: PDIP (Lead-free, Halogen-free) W: SOIC, JEDEC (Lead-free, Halogen-free) Y: TSSOP (Lead-free, Halogen-free) Z: MSOP (Lead-free, Halogen-free) GL: PDIP (Lead-free, Halogen-free, NiPdAu lead plating) GW: SOIC, JEDEC (Lead-free, Halogen-free, NiPdAu lead plating) GY: TSSOP (Lead-free, Halogen-free, NiPdAu lead plating) GZ: MSOP (Lead-free, Halogen-free, NiPdAu lead plating) E = Extended (-40 °C to +125°C) |
Numéro de pièce similaire - CAT24FC01ZITE13 |
|
Description similaire - CAT24FC01ZITE13 |