Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BY329X-800 Fiches technique(PDF) 6 Page - NXP Semiconductors

No de pièce BY329X-800
Description  Rectifier diodes fast, soft-recovery
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BY329X-800 Fiches technique(HTML) 6 Page - NXP Semiconductors

  BY329X-800 Datasheet HTML 1Page - NXP Semiconductors BY329X-800 Datasheet HTML 2Page - NXP Semiconductors BY329X-800 Datasheet HTML 3Page - NXP Semiconductors BY329X-800 Datasheet HTML 4Page - NXP Semiconductors BY329X-800 Datasheet HTML 5Page - NXP Semiconductors BY329X-800 Datasheet HTML 6Page - NXP Semiconductors BY329X-800 Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Philips Semiconductors
Product specification
Rectifier diodes
BY329F, BY329X series
fast, soft-recovery
MECHANICAL DATA
Dimensions in mm
Net Mass: 2 g
Fig.11. SOD113; The seating plane is electrically isolated from all terminals.
Notes
1. Refer to mounting instructions for F-pack envelopes.
2. Epoxy meets UL94 V0 at 1/8".
10.3
max
3.2
3.0
4.6
max
2.9 max
2.8
seating
plane
6.4
15.8
max
0.6
2.5
2.54
5.08
12
3 max.
not tinned
3
0.5
2.5
0.9
0.7
M
0.4
15.8
max.
19
max.
13.5
min.
Recesses (2x)
2.5
0.8 max. depth
1.0 (2x)
September 1998
6
Rev 1.100


Numéro de pièce similaire - BY329X-800

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
BY329X-800 PHILIPS-BY329X-800 Datasheet
49Kb / 6P
   Rectifier diodes fast, soft-recovery
May 1995 Rev 1.000
More results

Description similaire - BY329X-800

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
BY229F PHILIPS-BY229F Datasheet
56Kb / 7P
   Rectifier diodes fast, soft-recovery
September 1998 Rev 1.200
BY229 PHILIPS-BY229 Datasheet
49Kb / 6P
   Rectifier diodes fast, soft-recovery
September 1998 Rev 1.200
BY329X PHILIPS-BY329X Datasheet
49Kb / 6P
   Rectifier diodes fast, soft-recovery
May 1995 Rev 1.000
BY329-1000 PHILIPS-BY329-1000 Datasheet
42Kb / 6P
   Rectifier diodes fast, soft-recovery
September 1998 Rev 1.200
logo
New Jersey Semi-Conduct...
BY329 NJSEMI-BY329 Datasheet
138Kb / 2P
   Rectifier diodes fast, soft-recovery
logo
NXP Semiconductors
BYX46 PHILIPS-BYX46 Datasheet
664Kb / 11P
   FAST SOFT-RECOVERY RECTIFIER DIODES
April 1984
logo
SynSemi, Inc.
BYW95A SYNSEMI-BYW95A Datasheet
33Kb / 2P
   AVALANCHE FAST SOFT-RECOVERY RECTIFIER DIODES
logo
EIC discrete Semiconduc...
BYW95A EIC-BYW95A Datasheet
29Kb / 2P
   AVALANCHE FAST SOFT-RECOVERY RECTIFIER DIODES
BYD37DA EIC-BYD37DA Datasheet
110Kb / 2P
   AVALANCHE FAST SOFT-RECOVERY RECTIFIER DIODES
BYW95A EIC-BYW95A_05 Datasheet
48Kb / 2P
   AVALANCHE FAST SOFT-RECOVERY RECTIFIER DIODES
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com