Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CAT25160VI-GT3 Fiches technique(PDF) 7 Page - Catalyst Semiconductor

No de pièce CAT25160VI-GT3
Description  8-Kb and 16-Kb SPI Serial CMOS EEPROM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CATALYST [Catalyst Semiconductor]
Site Internet  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT25160VI-GT3 Fiches technique(HTML) 7 Page - Catalyst Semiconductor

Back Button CAT25160VI-GT3 Datasheet HTML 3Page - Catalyst Semiconductor CAT25160VI-GT3 Datasheet HTML 4Page - Catalyst Semiconductor CAT25160VI-GT3 Datasheet HTML 5Page - Catalyst Semiconductor CAT25160VI-GT3 Datasheet HTML 6Page - Catalyst Semiconductor CAT25160VI-GT3 Datasheet HTML 7Page - Catalyst Semiconductor CAT25160VI-GT3 Datasheet HTML 8Page - Catalyst Semiconductor CAT25160VI-GT3 Datasheet HTML 9Page - Catalyst Semiconductor CAT25160VI-GT3 Datasheet HTML 10Page - Catalyst Semiconductor CAT25160VI-GT3 Datasheet HTML 11Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
CAT25080, CAT25160
© 2006 Catalyst Semiconductor, Inc.
7
Doc. No. 1122 Rev. A
Characteristics subject to change without notice
SCK
SI
SO
00
0
0
00
10
D7 D6 D5 D4 D3 D2 D1 D0
01234
5678
21
22
23
24
25
26
27
28
29
30
31
CS
OPCODE
* Please check the Byte Address Table (Table 5)
DATA IN
HIGH IMPEDANCE
BYTE ADDRESS*
AN
A0
Byte Write
Once the WEL bit is set, the user may execute a write
sequence, by sending a WRITE instruction, a 16-bit
address and data as shown in Figure 4. Only 10
significant address bits are used by the CAT25080 and
11 by the CAT25160. The rest are don’t care bits, as
shown in Table 5. Internal programming will start after
the low to high CS
¯¯ transition. During an internal write
cycle, all commands, except for RDSR (Read Status
Register) will be ignored. The RDY
¯¯¯¯ bit will indicate if the
internal write cycle is in progress (RDY
¯¯¯¯ high), or the the
device is ready to accept commands (RDY
¯¯¯¯ low).
Page Write
After sending the first data byte to the CAT25080/160,
the host may continue sending data, up to a total of 32
bytes, according to timing shown in Figure 5. After each
data byte, the lower order address bits are automatically
incremented, while the higher order address bits (page
address) remain unchanged. If during this process the
end of page is exceeded, then loading will “roll over” to
the first byte in the page, thus possibly overwriting
previoualy loaded data. Following completion of the
write cycle, the CAT25080/160 is automatically returned
to the write disable state.
Table 5. Byte Address
Device
Address Significant Bits
Address Don't Care Bits
# Address Clock Pulse
CAT25080
A9 - A0
A15 - A10
16
CAT25160
A10 - A0
A15 - A11
16
Figure 4. Byte WRITE Timing
Note:
Dashed Line = mode (1, 1) - - - - - -
Figure 5. Page WRITE Timing
Note:
Dashed Line = mode (1, 1) - - - - - -
SCK
SI
SO
00
0
0
00
10
BYTE ADDRESS*
Data
Byte 1
012345678
21
22
23 24-31 32-39
Data
Byte 2
Data
Byte 3
Data Byte N
CS
OPCODE
7..1
0
24+(N-1)x8-1..24+(N-1)x8 24+Nx8-1
DATA IN
HIGH IMPEDANCE
AN
A0
*Please check the Byte Address Table. (Table 5)


Numéro de pièce similaire - CAT25160VI-GT3

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
CAT25160VI-GT3 ONSEMI-CAT25160VI-GT3 Datasheet
187Kb / 16P
   8-Kb and 16-Kb SPI Serial CMOS EEPROM
February, 2010 ??Rev. 5
CAT25160VI-GT3 ONSEMI-CAT25160VI-GT3 Datasheet
188Kb / 19P
   8-Kb and 16-Kb SPI Serial CMOS EEPROM
August, 2012 ??Rev. 8
CAT25160VI-GT3 ONSEMI-CAT25160VI-GT3 Datasheet
188Kb / 19P
   8-Kb and 16-Kb SPI Serial CMOS EEPROM
August, 2012 ??Rev. 8
CAT25160VI-GT3 ONSEMI-CAT25160VI-GT3 Datasheet
312Kb / 18P
   EEPROM Serial 8/16-Kb SPI
June, 2018 ??Rev. 9
More results

Description similaire - CAT25160VI-GT3

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
CAT25080 ONSEMI-CAT25080 Datasheet
187Kb / 16P
   8-Kb and 16-Kb SPI Serial CMOS EEPROM
February, 2010 ??Rev. 5
CAT25080LI-G ONSEMI-CAT25080LI-G Datasheet
188Kb / 19P
   8-Kb and 16-Kb SPI Serial CMOS EEPROM
August, 2012 ??Rev. 8
CAV25080YE-GT3 ONSEMI-CAV25080YE-GT3 Datasheet
160Kb / 13P
   8-Kb and 16-Kb SPI Serial CMOS EEPROM
November, 2011 ??Rev. 0
CAT25080LI ONSEMI-CAT25080LI Datasheet
188Kb / 19P
   8-Kb and 16-Kb SPI Serial CMOS EEPROM
August, 2012 ??Rev. 8
CAT15008 ONSEMI-CAT15008 Datasheet
194Kb / 15P
   Voltage Supervisor with 8-Kb and 16-Kb SPI Serial CMOS EEPROM
Doc. No. MD-1125 Rev. B
logo
Catalyst Semiconductor
CAT15008 CATALYST-CAT15008 Datasheet
353Kb / 15P
   Voltage Supervisor with 8-Kb and 16-Kb SPI Serial CMOS EEPROM
logo
ON Semiconductor
CAV25080 ONSEMI-CAV25080_18 Datasheet
268Kb / 15P
   EEPROM Serial 8/16-Kb SPI
June, 2018 ??Rev. 1
NV25080WF ONSEMI-NV25080WF Datasheet
231Kb / 16P
   EEPROM Serial 8/16-Kb SPI
May, 2018 ??Rev. 2
CAT25080 ONSEMI-CAT25080_18 Datasheet
312Kb / 18P
   EEPROM Serial 8/16-Kb SPI
June, 2018 ??Rev. 9
logo
Catalyst Semiconductor
CAT24C01 CATALYST-CAT24C01 Datasheet
370Kb / 17P
   1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb CMOS Serial EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com