Moteur de recherche de fiches techniques de composants électroniques |
|
2SD965L-R-T92-B Fiches technique(PDF) 1 Page - Unisonic Technologies |
|
2SD965L-R-T92-B Fiches technique(HTML) 1 Page - Unisonic Technologies |
1 / 4 page UNISONIC TECHNOLOGIES CO., LTD 2SD965/A NPN SILICON TRANSISTOR www.unisonic.com.tw 1 of 4 Copyright © 2005 Unisonic Technologies Co., Ltd QW-R209-007,B LOW VOLTAGE HIGH CURRENT TRANSISTOR FEATURES * Collector current up to 5A * UTC 2SD965: Collector-Emitter voltage up to 20 V * UTC 2SD965A: Collector-Emitter voltage up to 30 V APPLICATIONS * Audio amplifier * Flash unit of camera * Switching circuit TO-92 1 TO-252 1 1 SOT-89 *Pb-free plating product number: 2SD965L/2SD965AL ORDERING INFORMATION Order Number Pin Assignment Normal Lead Free Plating Package 1 2 3 Packing 2SD965-x-AB3-R 2SD965L-x-AB3-R SOT-89 B C E Tape Reel 2SD965-x-T92-B 2SD965L-x-T92-B TO-92 E C B Tape Box 2SD965-x-T92-K 2SD965L-x-T92-K TO-92 E C B Bulk 2SD965-x-TN3-R 2SD965L-x-TN3-R TO-252 B C E Tape Reel 2SD965-x-TN3-T 2SD965L-x-TN3-T TO-252 B C E Tube 2SD965A-x-AB3-R 2SD965AL-x-AB3-R SOT-89 B C E Tape Reel 2SD965A-x-T92-B 2SD965AL-x-T92-B TO-92 E C B Tape Box 2SD965A-x-T92-K 2SD965AL-x-T92-K TO-92 E C B Bulk 2SD965A-x-TN3-R 2SD965AL-x-TN3-R TO-252 B C E Tape Reel 2SD965A-x-TN3-T 2SD965AL-x-TN3-T TO-252 B C E Tube 2SD965L-x-AB3-R (1)Packing Type (2)Package Type (3)Rank (4)Lead Plating (1) B: Tape Box, K: Bulk, R: Tape Reel, T: Tube (2) AB3: SOT-89, T92: TO-92, TN3: TO-252 (3) x: refer to Classification of hFE2 (4) L: Lead Free Plating, Blank: Pb/Sn |
Numéro de pièce similaire - 2SD965L-R-T92-B |
|
Description similaire - 2SD965L-R-T92-B |