Moteur de recherche de fiches techniques de composants électroniques |
|
TS3A4741 Fiches technique(PDF) 1 Page - Texas Instruments |
|
|
TS3A4741 Fiches technique(HTML) 1 Page - Texas Instruments |
1 / 14 page www.ti.com FEATURES APPLICATIONS 4 GND 5 NO2 3 IN2 COM2 1 2 COM1 NO1 7 V+ IN1 DGK PACKAGE (TOP VIEW) 6 8 4 COM2 5 GND 3 NO2 6 1 2 V+ IN1 7 NO1 COM1 IN2 DCN PACKAGE (TOP VIEW) 8 DESCRIPTION/ORDERING INFORMATION TS3A4741 0.9- Ω LOW-VOLTAGE SINGLE-SUPPLY DUAL SPST ANALOG SWITCH SCDS228B – AUGUST 2006 – REVISED SEPTEMBER 2006 • Power Routing • Low ON-State Resistance (ron) • Battery-Powered Systems – 0.9 Ω Max (3-V Supply) • Audio and Video Signal Routing – 1.5 Ω Max (1.8-V Supply) • Low-Voltage Data-Acquisition Systems • 0.4- Ω Max r on Flatness (3-V Supply) • Communications Circuits • 1.6-V to 3.6-V Single-Supply Operation • PCMCIA Cards • Available in SOT-23 and MSOP Packages • Cellular Phones • High Current-Handling Capacity (100 mA • Modems Continuous) • Hard Drives • 1.8-V CMOS Logic Compatible (3-V Supply) • Fast Switching: tON = 14 ns, tOFF = 9 ns The TS3A4741 is a low ON-state resistance (ron), low-voltage, dual single-pole/single-throw (SPST) analog switch that operates from a single 1.6-V to 3.6-V supply. This device has fast switching speeds, handles rail-to-rail analog signals, and consumes very low quiescent power. The digital logic input is 1.8-V CMOS compatible when using a single 3-V supply. The TS3A4741 has two normally open (NO) switches that are available in 8-pin SOT-23 and MSOP packages. ORDERING INFORMATION TA PACKAGE(1) ORDERABLE PART NUMBER TOP-SIDE MARKING MSOP – DGK Reel of 2500 TS3A4741DGKR JYR –40 °C to 85°C SOT-23 – DCN Reel of 3000 TS3A4741DCNR TBD (1) Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at www.ti.com/sc/package. FUNCTION TABLE NO TO COM, IN COM TO NO L OFF H ON Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet. PRODUCTION DATA information is current as of publication date. Copyright © 2006, Texas Instruments Incorporated Products conform to specifications per the terms of the Texas Instruments standard warranty. Production processing does not necessarily include testing of all parameters. |
Numéro de pièce similaire - TS3A4741 |
|
Description similaire - TS3A4741 |