Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD9549XCPZ Fiches technique(PDF) 8 Page - Analog Devices

No de pièce AD9549XCPZ
Description  Dual Input Network Clock Generator/Synchronizer
Download  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD9549XCPZ Fiches technique(HTML) 8 Page - Analog Devices

Back Button AD9549XCPZ Datasheet HTML 4Page - Analog Devices AD9549XCPZ Datasheet HTML 5Page - Analog Devices AD9549XCPZ Datasheet HTML 6Page - Analog Devices AD9549XCPZ Datasheet HTML 7Page - Analog Devices AD9549XCPZ Datasheet HTML 8Page - Analog Devices AD9549XCPZ Datasheet HTML 9Page - Analog Devices AD9549XCPZ Datasheet HTML 10Page - Analog Devices AD9549XCPZ Datasheet HTML 11Page - Analog Devices AD9549XCPZ Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 78 page
background image
AD9549
Preliminary Technical Data
Rev. PrA | Page 8 of 78
CLOCK DRIVERS
HSTL OUTPUT DRIVER
Toggle Rate
TBD
725
MHz
see plot for maximum toggle rate
Output Duty Cycle
48
52
%
Output Rise/Fall Time
TBD
ps
100
Ω terminated, 5pF load
JITTER
0.6
ps
Fin=25 MHz, Fout=200 MHz
HSTL OUTPUT DRIVER WITH 2X MULTIPLIER
Output Frequency Range
TBD
TBD
MHz
Duty Cycle
45
55
%
Sub-harmonic Spur Level
-35
dBc
without correction
JITTER
CMOS OUTPUT DRIVER (AVDD3/PIN 37) @3.3V
Fin=25 MHz, Fout=200 MHz
Toggle Rate
100
MHz
see plot for maximum toggle rate
Duty Cycle
55
60
%
With 20pF load and up to 50 MHz
Output Rise/Fall Time
ps
JITTER
Fin=25 MHz, Fout=50 MHz
CMOS OUTPUT DRIVER AT (AVDD3/PIN 37) @1.8V
Toggle Rate
50
MHz
see plot for maximum toggle rate
Duty Cycle
55
60
%
With 20pF load and up to 50 MHz
Output Rise/Fall Time
ps
JITTER
Fin=25 MHz, Fout=50 MHz
HOLDOVER
Frequency Accuracy (XTAL)
xxxMHz, xxxppm crystal resonator at
SYSCLK pins
Variation Over Temperature range
ppm/oC
Variation Over Supply range
ppm/V
Frequency Accuracy (TCXO)
TCXO at SYSCLK pins
Variation Over Temperature range
0
ppm/oC
Variation Over Supply range
0
ppm/V
OUTPUT FREQUENCY SLEW LIMITER
Slew Rate Resolution
0.54
111
Hz/sec
P=216 for minimum; P=25 for maximum
Slew Rate Range
0
3x1016
Hz/sec
P=216 for minimum; P=25 for maximum
REFERENCE MONITORS
LOSS OF REFERENCE MONITOR
Operating Frequency Range
7.63x103
167x106
Hz
Minimum Frequency Error for Continuous
“REF” Present” Indication
-16
ppm
fREF= 8 kHz
Minimum Frequency Error for Continuous
“REF” Present” Indication
-19
%
fREF= 155 MHz
Maximum Frequency Error for Continuous
“REF Lost” Indication
-32
ppm
fREF= 8 kHz
Maximum Frequency Error for Continuous
“REF Lost” Indication
-35
%
fREF= 155 MHz
REFERENCE QUALITY MONITOR
Operating Frequency Range
Frequency Resolution (normalized)
0.001
16
ppm
fREF= 8 kHz; M=15 for minimum;
M=1 for maximum (see text)
Frequency Resolution (normalized)
0.002
44.9
%
fREF= 155 MHz; M=15 for minimum;
M=1 for maximum (see text)
VALIDATION TIMER


Numéro de pièce similaire - AD9549XCPZ

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD9549 AD-AD9549 Datasheet
1Mb / 76P
   Dual Input Network Clock Generator/Synchronizer
REV. D
AD9549ABCPZ AD-AD9549ABCPZ Datasheet
1Mb / 76P
   Dual Input Network Clock Generator/Synchronizer
REV. D
AD9549ABCPZ-REEL7 AD-AD9549ABCPZ-REEL7 Datasheet
1Mb / 76P
   Dual Input Network Clock Generator/Synchronizer
REV. D
AD9549APCBZ AD-AD9549APCBZ Datasheet
1Mb / 76P
   Dual Input Network Clock Generator/Synchronizer
REV. D
AD9549 AD-AD9549_15 Datasheet
1Mb / 76P
   Dual Input Network Clock Generator/Synchronizer
Rev. D
More results

Description similaire - AD9549XCPZ

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD9549ABCPZ AD-AD9549ABCPZ Datasheet
1Mb / 76P
   Dual Input Network Clock Generator/Synchronizer
REV. D
AD9549 AD-AD9549_15 Datasheet
1Mb / 76P
   Dual Input Network Clock Generator/Synchronizer
Rev. D
AD9547 AD-AD9547 Datasheet
1Mb / 104P
   Dual/Quad Input Network Clock Generator/Synchronizer
REV. 0
AD9547 AD-AD9547_14 Datasheet
1Mb / 106P
   Dual/Quad Input Network Clock Generator/Synchronizer
AD9548 AD-AD9548_14 Datasheet
1Mb / 111P
   Quad/Octal Input Network Clock Generator/Synchronizer
AD9548 AD-AD9548 Datasheet
1Mb / 112P
   Quad/Octal Input Network Clock Generator/Synchronizer
REV. 0
logo
Pericom Semiconductor C...
PI6C557-10 PERICOM-PI6C557-10 Datasheet
378Kb / 6P
   Network Clock Generator
logo
Renesas Technology Corp
8V19N850D RENESAS-8V19N850D Datasheet
3Mb / 175P
   Radio Unit Clock Synchronizer and Converter Clock Generator
February 13, 2023
logo
Raltron Electronics Cor...
SY02-HP2O RALTRON-SY02-HP2O Datasheet
170Kb / 5P
   LOW INPUT/ HIGH DUAL OUTPUT FREQUENCY CLOCK/SYNCHRONIZER
logo
Pericom Semiconductor C...
PI6LC4830 PERICOM-PI6LC4830 Datasheet
1Mb / 11P
   HiFlex Network Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com