Moteur de recherche de fiches techniques de composants électroniques |
|
CD4051BC Fiches technique(PDF) 5 Page - Fairchild Semiconductor |
|
CD4051BC Fiches technique(HTML) 5 Page - Fairchild Semiconductor |
5 / 13 page 5 www.fairchildsemi.com Absolute Maximum Ratings(Note 1) Recommended Operating Conditions Note 1: “Absolute Maximum Ratings” are those values beyond which the safety of the device cannot be guaranteed. Except for “Operating Tempera- ture Range” they are not meant to imply that the devices should be oper- ated at these limits. The Electrical Characteristics tables provide conditions for actual device operation. DC Electrical Characteristics (Note 2) DC Supply Voltage (VDD) −0.5 V DC to +18 VDC Input Voltage (VIN) −0.5 V DC to VDD +0.5 VDC Storage Temperature Range (TS) −65°C to +150°C Power Dissipation (PD) Dual-In-Line 700 mW Small Outline 500 mW Lead Temperature (TL) (soldering, 10 seconds) 260 °C DC Supply Voltage (VDD) +5 V DC to +15 VDC Input Voltage (VIN) 0V to VDD VDC Operating Temperature Range (TA) CD4051BC/CD4052BC/CD4053BC −55°C to +125°C Symbol Parameter Conditions −55°C +25° 125 °C Units Min Max Min Typ Max Min Max Control A, B, C and Inhibit IIN Input Current VDD = 15V, VEE = 0V −0.1 −10−5 −0.1 −1.0 µA VIN = 0V VDD = 15V, VEE = 0V 0.1 10−5 0.1 1.0 VIN = 15V IDD Quiescent Device Current VDD = 5V 5 5 150 µA VDD = 10V 10 10 300 VDD = 15V 20 20 600 Signal Inputs (VIS) and Outputs (VOS) RON “ON” Resistance (Peak RL = 10 kΩ VDD = 2.5V, 800 270 1050 1300 Ω for VEE ≤ VIS ≤ VDD) (any channel VEE = −2.5V selected) or VDD = 5V, VEE = 0V VDD = 5V, 310 120 400 550 Ω VEE = −5V or VDD = 10V, VEE = 0V VDD = 7.5V, 200 80 240 320 Ω VEE = −7.5V or VDD = 15V, VEE = 0V ∆R ON ∆ “ON” Resistance RL = 10 kΩ VDD = 2.5V, 10 Ω Between Any Two (any channel VEE = −2.5V Channels selected) or VDD = 5V, VEE = 0V VDD = 5V 10 Ω VEE = −5V or VDD = 10V, VEE = 0V VDD = 7.5V, 5 Ω VEE = −7.5V or VDD = 15V, VEE = 0V “OFF” Channel Leakage VDD=7.5V, VEE=−7.5V Current, any channel “OFF” O/I =±7.5V, I/O=0V ±50 ±0.01 ±50 ±500 nA “OFF” Channel Leakage Inhibit = 7.5V CD4051 ±200 ±0.08 ±200 ±2000 nA Current, all channels VDD = 7.5V, “OFF” (Common VEE = −7.5V, D4052 ±200 ±0.04 ±200 ±2000 OUT/IN) O/I = 0V I/O = ±7.5V CD4053 ±200 ±0.02 ±200 ±2000 |
Numéro de pièce similaire - CD4051BC |
|
Description similaire - CD4051BC |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |