Moteur de recherche de fiches techniques de composants électroniques |
|
74VCXF162835 Fiches technique(PDF) 3 Page - Fairchild Semiconductor |
|
74VCXF162835 Fiches technique(HTML) 3 Page - Fairchild Semiconductor |
3 / 8 page 3 www.fairchildsemi.com Absolute Maximum Ratings(Note 4) Recommended Operating Conditions (Note 7) Note 4: The “Absolute Maximum Ratings” are those values beyond which the safety of the device cannot be guaranteed. The device should not be operated at these limits. The parametric values defined in the Electrical Characteristics tables are not guaranteed at the Absolute Maximum Rat- ings. The Recommended Operating Conditions tables will define the condi- tions for actual device operation. Note 5: IO Absolute Maximum Rating must be observed. Note 6: Inputs do not have over-voltage tolerance. Note 7: Floating or unused pin (inputs or I/O's) must be held HIGH or LOW. DC Electrical Characteristics (2.7V < V CC ≤ 3.6V) Note 8: Outputs disabled or 3-STATE only. Supply Voltage (VCC) −0.5V to +4.6V DC Input Voltage (VI) −0.5V to V CC + 0.5V Output Voltage (VO) Outputs 3-STATE −0.5V to +4.6V Outputs Active (Note 5) −0.5V to V CC + 0.5V DC Input Diode Current (IIK) VI < −0.5V −50 mA VI > VCC + 0.5V (Note 6) +50 mA DC Output Diode Current (IOK) VO < 0V −50 mA VO > VCC +50 mA DC Output Source/Sink Current (IOH/IOL) ±50 mA DC VCC or Ground Current per Supply Pin (ICC or Ground) ±100 mA Storage Temperature Range (TSTG) −65°C to +150°C Power Supply Operating 1.65V to 3.6V Data Retention Only 1.2V to 3.6V Input Voltage −0.3V to V CC Output Voltage (VO) Output in Active States 0V to VCC Output in 3-STATE 0V to 3.6V Output Current in IOH/IOL VCC = 3.0V to 3.6V ±12 mA VCC = 2.3V to 2.7V ±8 mA VCC = 1.65V to 2.3V ±3 mA Free Air Operating Temperature (TA) −40°C to +85°C Minimum Input Edge Rate ( ∆t/∆V) VIN = 0.8V to 2.0V, VCC = 3.0V 10 ns/V Symbol Parameter Conditions VCC Min Max Units (V) VIH HIGH Level Input Voltage 2.7–3.6 2.0 V VIL LOW Level Input Voltage 2.7–3.6 0.8 V VOH HIGH Level Output Voltage IOH = −100 µA2.7–3.6 VCC − 0.2 IOH = −6 mA 2.7 2.2 V IOH = −8 mA 3.0 2.4 IOH = −12 mA 3.0 2.2 VOL LOW Level Output Voltage IOL = 100 µA2.7–3.6 0.2 IOL = 6mA 2.7 0.4 V IOL = 8 mA 3.0 0.55 IOL = 12mA 3.0 0.8 II Input Leakage Current VI = VCC or GND 2.7–3.6 ±5.0 µA IOZ 3-STATE Output Leakage 0V ≤ V O ≤ 3.6V 2.7–3.6 ±10 µA VI = VIH or VIL IOFF Power Off Leakage Current 0V ≤ (V O) ≤ 3.6V 0 10 µA ICC Quiescent Supply Current VI = VCC or GND 2.7–3.6 20 µA VCC ≤ (VO) ≤ 3.6V (Note 8) ±20 ∆I CC Increase in ICC per Input VIH = VCC − 0.6V 2.7–3.6 750 µA |
Numéro de pièce similaire - 74VCXF162835 |
|
Description similaire - 74VCXF162835 |