Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SN74ALVTH16245DL Fiches technique(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
No de pièce SN74ALVTH16245DL
Description  2.5-V/3.3-V 16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

SN74ALVTH16245DL Fiches technique(HTML) 7 Page - Texas Instruments

Back Button SN74ALVTH16245DL Datasheet HTML 3Page - Texas Instruments SN74ALVTH16245DL Datasheet HTML 4Page - Texas Instruments SN74ALVTH16245DL Datasheet HTML 5Page - Texas Instruments SN74ALVTH16245DL Datasheet HTML 6Page - Texas Instruments SN74ALVTH16245DL Datasheet HTML 7Page - Texas Instruments SN74ALVTH16245DL Datasheet HTML 8Page - Texas Instruments SN74ALVTH16245DL Datasheet HTML 9Page - Texas Instruments SN74ALVTH16245DL Datasheet HTML 10Page - Texas Instruments SN74ALVTH16245DL Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
SN54ALVTH16245, SN74ALVTH16245
2.5-V/3.3-V 16-BIT BUS TRANSCEIVERS
WITH 3-STATE OUTPUTS
SCES066G – JUNE 1996 – REVISED APRIL 2002
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
switching characteristics over recommended operating free-air temperature range, CL = 30 pF,
VCC = 2.5 V ± 0.2 V (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
SN54ALVTH16245
SN74ALVTH16245
UNIT
PARAMETER
(INPUT)
(OUTPUT)
MIN
MAX
MIN
MAX
UNIT
tPLH
AorB
BorA
0.5
3.6
0.5
3.6
ns
tPHL
A or B
B or A
0.5
3.4
0.5
3.4
ns
tPZH
OE
AorB
1.5
4.9
1.5
4.9
ns
tPZL
OE
A or B
1
4
1
4
ns
tPHZ
OE
AorB
1.5
4.9
1.5
4.9
ns
tPLZ
OE
A or B
1
4.2
1
4.2
ns
switching characteristics over recommended operating free-air temperature range, CL = 50 pF,
VCC = 3.3 V ± 0.3 V (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
SN54ALVTH16245
SN74ALVTH16245
UNIT
PARAMETER
(INPUT)
(OUTPUT)
MIN
MAX
MIN
MAX
UNIT
tPLH
AorB
BorA
0.5
3.1
0.5
3.1
ns
tPHL
A or B
B or A
0.5
2.9
0.5
2.9
ns
tPZH
OE
AorB
1
4.2
1
4.2
ns
tPZL
OE
A or B
1
3.5
1
3.5
ns
tPHZ
OE
AorB
1.5
5.3
1.5
5.3
ns
tPLZ
OE
A or B
1.5
5
1.5
5
ns
skew
tps (pin or transition skew), tps = |tPHL – tPHL|
VCC = 2.5 V VCC = 3.3 V
UNIT
TYP
TYP
UNIT
tpsmax
438
118
ps
tOST = |tpΦm – tpΦn|, where Φ is any edge transition (high to low or low to high) measured between any two
outputs (m or n) within any given device (see Note 4)
VCC = 2.5 V VCC = 3.3 V
UNIT
TYP
TYP
UNIT
tOST
A–B
227
248
ps
tOST
B–A
223
243
ps
NOTE 4: One output switching, TA = 25°C
tOSHL/tOSLH (commonedgeskew),tOSHL=|tPHLmax–tPHLmin| (output skew for low-to-high transitions), and
tOSLH = |tPLHmax – tPLHmin| (output skew for high-to-low transitions) (see Note 4)
VCC = 2.5 V VCC = 3.3 V
UNIT
TYP
TYP
UNIT
tOSLH
A B
210
145
ps
tOSHL
A–B
243
351
ps
tOSLH
B A
207
136
ps
tOSHL
B–A
238
350
ps
NOTE 4: One output switching, TA = 25°C
PRODUCT PREVIEW information concerns products in the formative or
design phase of development. Characteristic data and other
specifications are design goals. Texas Instruments reserves the right to
change or discontinue these products without notice.


Numéro de pièce similaire - SN74ALVTH16245DL

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74ALVTH16245DL TI-SN74ALVTH16245DL Datasheet
396Kb / 15P
[Old version datasheet]   2.5-V/3.3-V 16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN74ALVTH16245DL TI1-SN74ALVTH16245DL Datasheet
939Kb / 18P
[Old version datasheet]   2.5-V/3.3V 16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN74ALVTH16245DLR TI-SN74ALVTH16245DLR Datasheet
396Kb / 15P
[Old version datasheet]   2.5-V/3.3-V 16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN74ALVTH16245DLR TI1-SN74ALVTH16245DLR Datasheet
939Kb / 18P
[Old version datasheet]   2.5-V/3.3V 16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
More results

Description similaire - SN74ALVTH16245DL

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN54ALVTH162245 TI-SN54ALVTH162245 Datasheet
232Kb / 12P
[Old version datasheet]   2.5-V/3.3-V 16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ALVTH162245 TI1-SN54ALVTH162245_09 Datasheet
431Kb / 15P
[Old version datasheet]   2.5-V/3.3-V 16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN74ALVTHR16245 TI-SN74ALVTHR16245 Datasheet
397Kb / 8P
[Old version datasheet]   2.5-V/3.3-V 16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ALVTH16245 TI-SN54ALVTH16245 Datasheet
396Kb / 15P
[Old version datasheet]   2.5-V/3.3-V 16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ALVTHR16245 TI1-SN54ALVTHR16245_14 Datasheet
940Kb / 18P
[Old version datasheet]   2.5-V/3.3-V 16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ALVTH16501 TI-SN54ALVTH16501 Datasheet
170Kb / 11P
[Old version datasheet]   2.5-V/3.3-V 18-BIT UNIVERSAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54LVTH162245 TI-SN54LVTH162245 Datasheet
467Kb / 17P
[Old version datasheet]   3.3-V ABT 16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54LVTH16245A TI-SN54LVTH16245A Datasheet
496Kb / 18P
[Old version datasheet]   3.3-V ABT 16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54LVT162245A TI-SN54LVT162245A Datasheet
474Kb / 15P
[Old version datasheet]   3.3-V ABT 16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54LVT162245A TI-SN54LVT162245A_08 Datasheet
610Kb / 18P
[Old version datasheet]   3.3-V ABT 16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com