Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM2940L-XX-TN3-T Fiches technique(PDF) 11 Page - Unisonic Technologies

No de pièce LM2940L-XX-TN3-T
Description  1A LOW-DROPOUT POSITIVE VOLTAGE REGULATOR
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  UTC [Unisonic Technologies]
Site Internet  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LM2940L-XX-TN3-T Fiches technique(HTML) 11 Page - Unisonic Technologies

Back Button LM2940L-XX-TN3-T Datasheet HTML 3Page - Unisonic Technologies LM2940L-XX-TN3-T Datasheet HTML 4Page - Unisonic Technologies LM2940L-XX-TN3-T Datasheet HTML 5Page - Unisonic Technologies LM2940L-XX-TN3-T Datasheet HTML 6Page - Unisonic Technologies LM2940L-XX-TN3-T Datasheet HTML 7Page - Unisonic Technologies LM2940L-XX-TN3-T Datasheet HTML 8Page - Unisonic Technologies LM2940L-XX-TN3-T Datasheet HTML 9Page - Unisonic Technologies LM2940L-XX-TN3-T Datasheet HTML 10Page - Unisonic Technologies LM2940L-XX-TN3-T Datasheet HTML 11Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
LM2940
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
11 of 11
www.unisonic.com.tw
QW-R102-016.E
TYPICAL CHARACTERISTICS (Cont.)
040
8
Maximum Power Dissipation (TO-220)
60
2
10
80
100
0
12
18
22
Ambient Temperatire (℃)
Infinite Heatsink
20 30
50
70
90
4
6
10
14
16
20
10℃/W Heatsink
NO Heatsink
040
2
Maximum Power Dissipation(TO-263-3)
60
10
80
100
0
4
Ambient Temperatire (℃)
Infinite Heatsink
20 30
50
70
90
1
3
θJA=32℃/W
NO Heatsink
θJA=37℃/W
θJA=50℃/W
θJA=73℃/W
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.


Numéro de pièce similaire - LM2940L-XX-TN3-T

FabricantNo de pièceFiches techniqueDescription
logo
Unisonic Technologies
LM2940L-XX-TN3-T UTC-LM2940L-XX-TN3-T Datasheet
357Kb / 11P
   1A LOW-DROPOUT POSITIVE VOLTAGE REGULATOR
LM2940L-XX-TN3-T UTC-LM2940L-XX-TN3-T Datasheet
373Kb / 12P
   1A LOW-DROPOUT POSITIVE VOLTAGE REGULATOR
More results

Description similaire - LM2940L-XX-TN3-T

FabricantNo de pièceFiches techniqueDescription
logo
Cystech Electonics Corp...
LM1117-XXXJ3 CYSTEKEC-LM1117-XXXJ3 Datasheet
309Kb / 5P
   1A Low Dropout Positive Voltage Regulator
logo
Torex Semiconductor
XB1117-12 TOREX-XB1117-12 Datasheet
183Kb / 12P
   1A Low Dropout Positive Voltage Regulator
logo
Cystech Electonics Corp...
LM1117-1.5L3 CYSTEKEC-LM1117-1.5L3 Datasheet
391Kb / 8P
   1A Low Dropout Positive Voltage Regulator
LM1117-XXXL3 CYSTEKEC-LM1117-XXXL3 Datasheet
427Kb / 8P
   1A Low Dropout Positive Voltage Regulator
logo
Unisonic Technologies
LM2940 UTC-LM2940_V01 Datasheet
539Kb / 12P
   1A LOW-DROPOUT POSITIVE VOLTAGE REGULATOR
logo
Taiwan Semiconductor Co...
TS1117BCW12 TSC-TS1117BCW12 Datasheet
247Kb / 7P
   1A Low Dropout Positive Voltage Regulator
logo
E-Tech Electronics LTD
LM2940 ETL-LM2940 Datasheet
369Kb / 12P
   1A LOW-DROPOUT POSITIVE VOLTAGE REGULATOR
logo
Torex Semiconductor
XB1117 TOREX-XB1117_15 Datasheet
183Kb / 12P
   1A Low Dropout Positive Voltage Regulator
logo
E-CMOS Corporation
EC50117S E-CMOS-EC50117S Datasheet
548Kb / 8P
   1A Low Dropout Positive Voltage Regulator
logo
Hi-Sincerity Mocroelect...
H1117E HSMC-H1117E Datasheet
44Kb / 4P
   1A LOW DROPOUT POSITIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com