Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SL6619TP1N Fiches technique(PDF) 8 Page - Zarlink Semiconductor Inc

No de pièce SL6619TP1N
Description  Direct Conversion FSK Data Receiver
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ZARLINK [Zarlink Semiconductor Inc]
Site Internet  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

SL6619TP1N Fiches technique(HTML) 8 Page - Zarlink Semiconductor Inc

Back Button SL6619TP1N Datasheet HTML 4Page - Zarlink Semiconductor Inc SL6619TP1N Datasheet HTML 5Page - Zarlink Semiconductor Inc SL6619TP1N Datasheet HTML 6Page - Zarlink Semiconductor Inc SL6619TP1N Datasheet HTML 7Page - Zarlink Semiconductor Inc SL6619TP1N Datasheet HTML 8Page - Zarlink Semiconductor Inc SL6619TP1N Datasheet HTML 9Page - Zarlink Semiconductor Inc SL6619TP1N Datasheet HTML 10Page - Zarlink Semiconductor Inc SL6619TP1N Datasheet HTML 11Page - Zarlink Semiconductor Inc SL6619TP1N Datasheet HTML 12Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
8
SL6619 Data Sheet
Receiver Characteristics (280MHz)
Receiver Characteristics (280MHz) are guaranteed over the following range of operating conditions unless otherwise stated.
Characteristics are not tested but are guaranteed by characterisation test or design. All measurements made using the
characterisation circuit Fig. 5. See Application Note AN137 for details of test method.
T
AMB =
210
°C to 155°C, VCC1 = 1·04V to 2·0V, VCC2 = 2·3V to 3·2V, VCC1,VCC220·8V, carrier frequency = 280MHz,
BER = 1 in 30, AFC open loop. LNA gain set such that an RF signal of273dBm at the LNA input, offset from the LO
by 4kHz, gives a typical IF signal level of 300mV p-p at TPI and TPQ. LNA noise figure,2dB
Characteristic
512bps, Df = 4·5kHz
1200bps, Df = 4·0kHz
2400bps, Df = 4·5kHz. LO = 215dBm
512bps, Df = 4·5kHz
1200bps, Df = 4·0kHz
2400bps, Df = 4·5kHz. LO = 215dBm. Channel
spacing 25kHz
512bps, Df = 4·5kHz
1200bps, Df = 4·0kHz
2400bps, Df = 4·5kHz. LO = 215dBm. Channel
spacing 25kHz
512bps, Df = 4·5kHz, no AFC
512bps, Df = 4·5kHz, no AFC
1200bps, Df = 4·0kHz, no AFC
1200bps, Df = 4·0kHz, no AFC
2400bps, Df = 4·5kHz, no AFC
2400bps, Df = 4·5kHz, no AFC
512bps, Df = 4·5kHz, no AFC
1200bps, Df = 4·0kHz, no AFC
2400bps, Df = 4·5kHz, no AFC
512bps, Df = 4·5kHz. All at sensitivity 13dB or above
1200bps, Df = 4·0kHz. All at sensitivity 13dB or above
2400bps, Df = 4·5kHz. All at sensitivity 13dB or above
512bps, Df = 4·5kHz
1200bps, Df = 4·0kHz
2400bps, Df = 4·5kHz. LO = 215dBm
Conditions
Sensitivity
Intermodulation, I
M3
Adjacent Channel
Deviation Acceptance
Up
Down
Up
Down
Up
Down
Centre Frequency Acceptance
AFC Capture Range (AFC
Closed Loop)
1MHz Blocking
Value
Typ.
Min.
2129
2127
2124
57
56
53·5
74
72
70
11·9
22·5
13·0
22·3
12·5
22·3
62·8
62·5
62·5
64
63·5
64
75
75
75
2128
2127
52
49
62·5
60
11·8
22·7
11·7
23·0
62·0
62·0
67
65
Max.
dBm
dBm
dBm
dB
dB
dB
dB
dB
dB
kHz
kHz
kHz
kHz
kHz
kHz
kHz
kHz
kHz
kHz
kHz
kHz
dB
dB
dB
Units
2124
2121
60
57
80
77
14·6
21·7
14·6
21·7
62·9
63·2
78
76


Numéro de pièce similaire - SL6619TP1N

FabricantNo de pièceFiches techniqueDescription
logo
Mitel Networks Corporat...
SL6619TP1N MITEL-SL6619TP1N Datasheet
281Kb / 21P
   Direct Conversion FSK Data Receiver
More results

Description similaire - SL6619TP1N

FabricantNo de pièceFiches techniqueDescription
logo
Mitel Networks Corporat...
SL6619 MITEL-SL6619 Datasheet
281Kb / 21P
   Direct Conversion FSK Data Receiver
logo
Zarlink Semiconductor I...
SL6610 ZARLINK-SL6610 Datasheet
487Kb / 20P
   Direct Conversion FSK Data Receiver
logo
Mitel Networks Corporat...
SL6679 MITEL-SL6679 Datasheet
371Kb / 23P
   Direct Conversion FSK Data Receiver
logo
Zarlink Semiconductor I...
SL6609A ZARLINK-SL6609A Datasheet
505Kb / 20P
   DIRECT CONVERSION FSK DATA RECEIVER
logo
Mitel Networks Corporat...
SL6609A MITEL-SL6609A Datasheet
321Kb / 18P
   Direct Conversion FSK Data Receiver
logo
Zarlink Semiconductor I...
SL66491-1 ZARLINK-SL66491-1 Datasheet
418Kb / 14P
   200MHz DIRECT CONVERSION FSK DATA RECEIVER
SL6649-1 ZARLINK-SL6649-1 Datasheet
424Kb / 14P
   200MHz DIRECT CONVERSION FSK DATA RECEIVER
logo
List of Unclassifed Man...
5504DCR ETC1-5504DCR Datasheet
145Kb / 11P
   Direct Conversion Receiver
logo
Zarlink Semiconductor I...
ZIF100 ZARLINK-ZIF100 Datasheet
241Kb / 4P
   Direct Conversion 4FSK Data Receiver Target Specification
logo
Infineon Technologies A...
TDA5211 INFINEON-TDA5211 Datasheet
1Mb / 52P
   ASK/FSK Single Conversion Receiver
Version 2.0 May 2001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com